Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TC75S54FU Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers |
|
TC75S54FU Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers |
6 / 28 page 122 Intelligent Power Devices (IPD) 60 V Series Protective Functions Diagnostic Functions Part Number Use/Function Outline Operating Supply Voltage (V) Operating Temperature Topr (°C) Junction (Channel) Temperature Tj (°C) Power Dissipation PD (W) Overcurrent IS (A) Over Temperature TS (°C) Overvoltage VS (V) Short load Open load Over Temperature Overvoltage Input/ Output Package TPD1008SA High-side switch VDSS 60 V IO 4 A RDS(ON) = 0.2 Ω Max 5 to 18 6 Typ. 160 Typ. ⎯ ○ DIAG L ○ DIAG H ○ DIAG L ⎯ H/H TO-220(NIS) 5PIN TPD1009S High-side switch VDSS 60 V IO 8 A RDS(ON) = 0.06 Ω Max 5 to 18 −40 to 110 12 Typ. 160 Typ. ⎯ ○ DIAG L ○ DIAG H ○ DIAG L ⎯ H/H TO-220(NIS) 5PIN TPD1011S High-side switch VDSS 60 V IO 15 A RDS(ON) = 0.06 Ω Max 5 to 18 −40 to 85 30 40 Typ. 160 Typ. ⎯ ○ DIAG L ○ DIAG H ○ DIAG L ⎯ H/H TO-220(IS) 5PIN TPD1018F High-side switch VDSS 60 V IO 0.5 A RDS(ON) = 0.8 Ω Max 5 to 25 −40 to 125 0.3 1.5 Typ. 160 Typ. 30 Typ. ○ DIAG L ⎯ ○ DIAG L ○ DIAG L H/H SSOP-10PIN TPD1024S Low-side switch VDS(DC) 40 V IO 1.5 A RDS(ON) = 0.5 Ω Max up to 18 −40 to 85 1 3.5 Typ. 160 Typ. Active clamp 40 Min ⎯ ⎯ ⎯ ⎯ H/L PW-MOLD 3PIN TPD1024AS Low-side switch VDS(DC) 40 V IO 1.5 A RDS(ON) = 0.5 Ω Max up to 18 −40 to 85 1.2 3.5 Typ. 160 Typ. Active clamp 40 Min ⎯ ⎯ ⎯ ⎯ H/L TPS 3PIN TPD1030F 2-ch low-side switch VDS(DC) 40 V IO 1 A RDS(ON) = 0.6 Ω Max up to 40 2.0 (t = 10 s) (mounted on board) 1 Min 160 Typ. Active clamp 40 Min ⎯ ⎯ ⎯ ⎯ H/L SOP-8PIN TPD1031AF Low-side switch VDS(DC) 50 V IO 8 A RDS(ON) = 0.065 Ω Max up to 18 50 (Tc =25°C) 8 Min 160 Typ. Active clamp 50 Min ⎯ ⎯ ⎯ ⎯ H/L TO-220SM 3PIN TPD1032F 2-ch low-side switch VDS(DC) 20 V IO 3 A RDS(ON) = 0.4 Ω Max up to 20 2.0 (t = 10 s) (mounted on board) 3 Min 160 Typ. Active clamp 40 Min ⎯ ⎯ ⎯ ⎯ H/L SOP-8PIN TPD1033F High-side switch VDSS 60 V IO 4 A RDS(ON) = 0.22 Ω Max 6 Typ. 160 Typ. ⎯ ○ DIAG L ○ DIAG H ○ DIAG L ⎯ H/H SOP-8PIN TPD1034F High-side switch VDSS 60 V IO 8 A RDS(ON) = 0.08 Ω Max 5 to 18 2.4 (t = 10 s) (mounted on board) 12 Typ. 160 Typ. ⎯ ○ DIAG L ○ DIAG H ○ DIAG L ⎯ H/H SOP-8PIN TPD1036F 2-ch low-side switch VDS(DC) 30 V IO 1.5 A RDS(ON) = 0.5 Ω Max up to 30 −40 to 110 2.0 (t = 10 s) (mounted on board) 1.5 Min 160 Typ. Active clamp 40 Min ⎯ ⎯ ⎯ ⎯ H/L SOP-8PIN TPD1037BS Low-side switch VDS(DC) 40 V IO 1.5 A RDS(ON) = 0.25 Ω Max up to 40 −40 to 85 0.9 In-rush 10 Typ. Shorted load 3 Typ. 160 Typ. Active clamp 40 Min ⎯ ⎯ ⎯ ⎯ H/L TO-92MOD 3PIN TPD1038F High-side switch VDSS 60 V IO 3 A RDS(ON) = 0.12 Ω Max 6 to 18 −40 to 110 1.1 (mounted on board) 3 Min 150 Min Active clamp 50 Min ○ DIAG L ○ DIAG H ○ DIAG L ⎯ H/H SOP-8PIN TPD1039F Low-side switch VDS(DC) 45 V IO 1.5 A RDS(ON) = 0.25 Ω Max up to 45 −40 to 85 1.1 (mounted on board) 5 Typ. 125 Min Active clamp 45 Min ⎯ ⎯ ⎯ ⎯ H/L SOP-8PIN TPD1039S Low-side switch VDS(DC) 45 V IO 1.5 A RDS(ON) = 0.25 Ω Max up to 45 −40 to 85 0.9 5 Typ. 125 Min Active clamp 45 Min ⎯ ⎯ ⎯ ⎯ H/L TO-92MOD 3PIN TPD1042F High-side switch VDSS 60 V IO 7 A RDS(ON) = 0.18 Ω Max 6 to 18 −40 to 115 1.1 (mounted on board) 7 Min 150 Min ⎯ ○ DIAG L ○ DIAG H ○ DIAG L ⎯ H/H SOP-8PIN TPD1044F Low-side switch VDS(DC) 41 V IO 1 A RDS(ON) = 0.6 Ω Max up to 41 −40 to 125 0.9 (mounted on board) 1 Min 160 Typ. Active clamp 41 Min ⎯ ⎯ ⎯ ⎯ H/L PS-8 ** TPD1045F Low-side switch VDS(DC) 50 V IO 5 A RDS(ON) = 0.1 Ω Max up to 18 −40 to 125 150 1.1 (mounted on board) 5 Min 170 Typ. Active clamp 50 Min ⎯ ⎯ ⎯ ⎯ H/L SOP-8PIN **: Under development |
Número de pieza similar - TC75S54FU |
|
Descripción similar - TC75S54FU |