Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KRX210E Datasheet(PDF) 2 Page - KEC(Korea Electronics)

No. de pieza KRX210E
Descripción Electrónicos  SEMICONDUCTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KEC [KEC(Korea Electronics)]
Página de inicio  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KRX210E Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KRX210E Datasheet HTML 1Page - KEC(Korea Electronics) KRX210E Datasheet HTML 2Page - KEC(Korea Electronics) KRX210E Datasheet HTML 3Page - KEC(Korea Electronics) KRX210E Datasheet HTML 4Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2014. 3. 31
2/4
KRX210E
Revision No : 3
Q2 ELECTRICAL CHARACTERISTICS (Ta=25℃)
Note : * Characteristic of Transistor Only.
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT.
Output Cut-off Current
IO(OFF)
VO=-30V, VI=0
-
-
-100
DC Current Gain
GI
VO=-5V, IO=-100㎃
140
-
-
Output Voltage
VO(ON)
IO=-50㎃, II=-2.5㎃
-
-0.07
-0.3
V
Input Voltage (ON)
VI(ON)
VO=-0.3V, IO=-20㎃
-
-
-2.5
V
Input Voltage (OFF)
VI(OFF)
VO=-5V, IO=-0.1㎃
-0.3
-
-
V
Transition Frequency
fT *
VO=-10V, IO=-5㎃, f=100㎒
-
260
-
Input Current
II
VI=-5V
-
-
-6.4
Input resistance
R1
-
0.7
1
1.3
Resistance Ratio
R2/R1
-
8
10
12
-
Note : * Characteristic of Transistor Only.
Q1 ELECTRICAL CHARACTERISTICS (Ta=25℃)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT.
Output Cut-off Current
IO(OFF)
VO=50V, VI=0
-
-
500
DC Current Gain
GI
VO=5V, IO=10㎃
50
80
-
Output Voltage
VO(ON)
IO=10㎃, II=0.5㎃
-
0.1
0.3
V
Input Voltage (ON)
VI(ON)
VO=0.2V, IO=5㎃
-
1.8
2.4
V
Input Voltage (OFF)
VI(OFF)
VO=5V, IO=0.1㎃
1.0
1.2
-
V
Transition Frequency
fT *
VO=10V, IO=5㎃
-
200
-
Input Current
II
VI=5V
-
-
0.88
Input resistance
R1
-
7
10
13
Resistance Ratio
R2/R1
-
0.8
1
1.2
-


Número de pieza similar - KRX210E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KEC(Korea Electronics)
KRX211U KEC-KRX211U Datasheet
90Kb / 4P
   EPITAXIAL PLANAR PNP/NPN TRANSISTOR
KRX212U KEC-KRX212U Datasheet
90Kb / 4P
   EPITAXIAL PLANAR NPN TRANSISTOR
KRX214U KEC-KRX214U Datasheet
91Kb / 4P
   EPITAXIAL PLANAR NPN TRANSISTOR
More results

Descripción similar - KRX210E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Leshan Radio Company
MMBZ5221BLT1 LRC-MMBZ5221BLT1 Datasheet
168Kb / 5P
   SEMICONDUCTOR
logo
KEC(Korea Electronics)
KIA78R25PI KEC-KIA78R25PI Datasheet
16Kb / 1P
   SEMICONDUCTOR
BZX84C2V KEC-BZX84C2V Datasheet
363Kb / 3P
   SEMICONDUCTOR
GM400S17AL KEC-GM400S17AL Datasheet
396Kb / 3P
   SEMICONDUCTOR
KGT15N60FDA KEC-KGT15N60FDA Datasheet
1Mb / 8P
   SEMICONDUCTOR
KIA78R000F-PI KEC-KIA78R000F-PI Datasheet
108Kb / 10P
   SEMICONDUCTOR
KIA324P-F KEC-KIA324P-F Datasheet
70Kb / 4P
   SEMICONDUCTOR
KIA378R015FP-PI KEC-KIA378R015FP-PI Datasheet
843Kb / 9P
   SEMICONDUCTOR
KIA7905F-PI KEC-KIA7905F-PI Datasheet
568Kb / 16P
   SEMICONDUCTOR
KPC817 KEC-KPC817 Datasheet
61Kb / 4P
   SEMICONDUCTOR
KRC410V KEC-KRC410V Datasheet
54Kb / 4P
   SEMICONDUCTOR
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com