Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM20P15-160D Datasheet(PDF) 4 Page - Analog Power

No. de pieza AM20P15-160D
Descripción Electrónicos  P-Channel 150-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ANALOGPOWER [Analog Power]
Página de inicio  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM20P15-160D Datasheet(HTML) 4 Page - Analog Power

  AM20P15-160D Datasheet HTML 1Page - Analog Power AM20P15-160D Datasheet HTML 2Page - Analog Power AM20P15-160D Datasheet HTML 3Page - Analog Power AM20P15-160D Datasheet HTML 4Page - Analog Power AM20P15-160D Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Analog Power
AM20P15-160D
7. Gate Charge
9. Safe Operating Area
10. Single Pulse Maximum Power Dissipation
8. Normalized On-Resistance Vs
Junction Temperature
11. Normalized Thermal Transient Junction to Ambient
Typical Electrical Characteristics
0
2
4
6
8
10
0
30
60
90
120
150
Qg - Total Gate Charge (nC)
0.01
0.1
1
10
100
1000
0.1
1
10
100
1000
VDS Drain to Source Voltage (V)
10 uS
100 uS
1 mS
10 mS
100 mS
1 SEC
10 SEC
100 SEC
DC
Idm limit
Limited by
RDS
1
0
50
100
150
200
250
300
350
400
450
0.001
0.01
0.1
1
10
100
1000
t1 TIME (SEC)
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
t1 TIME (sec)
D = 0.5
0.2
0.1
0.05
0.02
Single Pulse
RθJA(t) = r(t) + RθJA
TJ - TA = P * RθJA(t)
Duty Cycle, D = t1 / t2
0.5
1
1.5
2
2.5
-50
-25
0
25
50
75
100
125
150
TJ -JunctionTemperature(°C)
P(pk)
t1
t2
RθJA = 40 °C /W
VDS = -75V
ID = -11.6A
© Preliminary
4
Publication Order Number:
DS_AM20P15-160D_1A


Número de pieza similar - AM20P15-160D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Power
AM20P15-295D ANALOGPOWER-AM20P15-295D Datasheet
404Kb / 5P
   P-Channel 150-V (D-S) MOSFET
More results

Descripción similar - AM20P15-160D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Power
AM10P15-550D ANALOGPOWER-AM10P15-550D Datasheet
322Kb / 5P
   P-Channel 150-V (D-S) MOSFET
logo
Vishay Siliconix
SI4409DY VISHAY-SI4409DY Datasheet
196Kb / 4P
   P-Channel 150-V (D-S) MOSFET
Rev. A, 16-Jul-07
SI7117DN-T1-GE3 VISHAY-SI7117DN-T1-GE3 Datasheet
561Kb / 13P
   P-Channel 150 V (D-S) MOSFET
Rev. C, 11-Apr-11
logo
Guangdong Kexin Industr...
KI2325DS KEXIN-KI2325DS Datasheet
52Kb / 2P
   P-Channel 150-V (D-S) MOSFET
logo
Vishay Siliconix
SI4455DY VISHAY-SI4455DY_V01 Datasheet
191Kb / 9P
   P-Channel 150-V (D-S) MOSFET
01-Jan-2022
SI7439DP VISHAY-SI7439DP_V01 Datasheet
375Kb / 12P
   P-Channel 150 V (D-S) MOSFET
01-Jan-2022
SI4455DY VISHAY-SI4455DY Datasheet
140Kb / 4P
   P-Channel 150-V (D-S) MOSFET
Rev. A, 18-Aug-08
SI2325DS VISHAY-SI2325DS Datasheet
89Kb / 6P
   P-Channel 150-V (D-S) MOSFET
S-42449-Rev. A, 10-Jan-05
logo
Analog Power
AM90P15-30P ANALOGPOWER-AM90P15-30P Datasheet
339Kb / 5P
   P-Channel 150-V (D-S) MOSFET
AM90P15-60P ANALOGPOWER-AM90P15-60P Datasheet
343Kb / 5P
   P-Channel 150-V (D-S) MOSFET
logo
Vishay Siliconix
SI3437DV VISHAY-SI3437DV_15 Datasheet
199Kb / 12P
   P-Channel 150-V (D-S) MOSFET
Rev. B, 04-May-09
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com