Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMV1405-079LF Datasheet(PDF) 5 Page - Skyworks Solutions Inc.

No. de pieza SMV1405-079LF
Descripción Electrónicos  Plastic Packaged Abrupt Junction Tuning Varactors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SKYWORKS [Skyworks Solutions Inc.]
Página de inicio  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SMV1405-079LF Datasheet(HTML) 5 Page - Skyworks Solutions Inc.

  SMV1405-079LF Datasheet HTML 1Page - Skyworks Solutions Inc. SMV1405-079LF Datasheet HTML 2Page - Skyworks Solutions Inc. SMV1405-079LF Datasheet HTML 3Page - Skyworks Solutions Inc. SMV1405-079LF Datasheet HTML 4Page - Skyworks Solutions Inc. SMV1405-079LF Datasheet HTML 5Page - Skyworks Solutions Inc. SMV1405-079LF Datasheet HTML 6Page - Skyworks Solutions Inc. SMV1405-079LF Datasheet HTML 7Page - Skyworks Solutions Inc. SMV1405-079LF Datasheet HTML 8Page - Skyworks Solutions Inc. SMV1405-079LF Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
DATA SHEET • SMV1405 TO SMV1430 VARACTORS
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200068V • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • January 25, 2016
5
Typical Performance Characteristics
0.1
1.0
10.0
100.0
Reverse Voltage (V)
0
5
10
15
20
25
30
SMV1413
SMV1408
SMV1405
Figure 1. Capacitance vs Reverse Voltage
0.8
1.0
1.2
1.4
0
0.2
0.4
0.6
Reverse Voltage (V)
0
5
10
15
20
25
30
Figure 3. Capacitance vs Reverse Voltage
(SMV1430)
–5
–4
–3
–1
–2
0
+1
+2
+3
+5
+4
+6
–40
–20
0
+20
+40
+60
+80
Temperature (°C)
VR = 1 V
VR = 4 V
VR = 30 V
Figure 2. Relative Capacitance Change vs Temperature


Número de pieza similar - SMV1405-079LF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Skyworks Solutions Inc.
SMV1405-079LF SKYWORKS-SMV1405-079LF Datasheet
100Kb / 5P
   Abrupt Junction Tuning Varactors
SMV1405-079LF SKYWORKS-SMV1405-079LF Datasheet
1Mb / 17P
   The Right Products for Your System Applications
More results

Descripción similar - SMV1405-079LF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Skyworks Solutions Inc.
SMV1405 SKYWORKS-SMV1405 Datasheet
100Kb / 5P
   Abrupt Junction Tuning Varactors
SMV1493 SKYWORKS-SMV1493 Datasheet
64Kb / 5P
   Abrupt Junction Tuning Varactors
logo
Alpha Industries
SMV1405 ALPHA-SMV1405 Datasheet
480Kb / 3P
   Abrupt Junction Tuning Varactors
logo
Siemens Semiconductor G...
BBY24-BBY27 SIEMENS-BBY24-BBY27 Datasheet
15Kb / 2P
   Silicon Tuning Varactors (Abrupt junction tuning diode Tuning range 120 V)
logo
Microsemi Corporation
GC1500A MICROSEMI-GC1500A_09 Datasheet
132Kb / 3P
   CONTROL DEVICES 30 Volt Abrupt Junction Tuning Varactors
logo
Tyco Electronics
MA46600 MACOM-MA46600 Datasheet
64Kb / 3P
   GaAs Abrupt Tuning Varactors
logo
Microsemi Corporation
GC1600A MICROSEMI-GC1600A Datasheet
157Kb / 3P
   CONTROL DEVICES 45 Volt Abrupt Junction Tuning Varactors
GC1700A MICROSEMI-GC1700A Datasheet
138Kb / 3P
   CONTROL DEVICES 60 Volt Abrupt Junction Tuning Varactors
logo
Tyco Electronics
MA45430 MACOM-MA45430 Datasheet
68Kb / 2P
   Surface Mount Abrupt Tuning Varactors
MA46600 MACOM-MA46600_1 Datasheet
73Kb / 2P
   GaAs, High Q Abrupt Tuning Varactors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com