Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BQ24030 Datasheet(PDF) 3 Page - Texas Instruments |
|
|
BQ24030 Datasheet(HTML) 3 Page - Texas Instruments |
3 / 20 page www.ti.com RECOMMENDED OPERATING CONDITIONS DISSIPATION RATINGS ELECTRICAL CHARACTERISTICS bq24030, bq24032, bq24035 SLUS618 – AUGUST 2004 MIN MAX UNIT VCC Supply voltage (from AC input) (1)(2) 4.35 16.00 V VCC Supply voltage (from USB input) (1) 4.35 6.5 IAC Input current, AC 2 A IUSB Input current, USB 0.5 TJ Operating junction temperature range -40 125 °C (1) VCC is defined as the greater of AC or USBinput. (2) Verify that powerdissipation and junction temperatures are within limits at maximum VCC . TA≤ 40°C DERATING FACTOR PACKAGE θ JA POWER RATING TA > 40°C 20-pin RHL(1) 1.81 W 21 mW/ °C 46.87 °C/W (1) This data is based onusing the JEDEC High-K board and the exposed die pad is connected to a Cu padon the board. This is connected to the ground plane by a 2 ×3 viamatrix. over junction temperature range (0 °C ≤ T J≤ 125°C) and the recommended supply voltage range (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP MAX UNIT INPUT CURRENT ICC(SPLY) Active supply current, VCC VVCC > VVCC(min) 1 2 mA V(AC) < V(UVLO), V(USB) < V(UVLO), Sleep current (current into BAT ICC(SLP) 2.6 V ≤ V I(BAT)≤ VO(BAT-REG), 2 5 pin) Excludes load on OUT pin VI(AC)≤ 6V, Total current into AC pin with ICC(AS-STDBY) AC standby current chip disabled, Excludes all loads, (1) 200 CE=LOW, after t(CE-HOLDOFF) delay Total current into USB pin with chip dis- ICC(USB- abled, USB standby current 200 µA STDBY) Excludes all loads, (1)CE=LOW, after t(CE-HOLDOFF) delay Total current into BAT pin with AC and/or USB present and chip disabled, ICC(BAT-STDBY) BAT standby current 45 60 Excludes all loads, CE=LOW, after t(CE-HOLDOFF) delay(1) Charge DONE, AC or USB supplying the IIB(BAT) Charge done current, BAT 1 5 load LDO OUTPUT Active only if AC or USB is present, VO(LDO) Output regulation voltage 3.3 V VI(OUT)≥ VO(LDO) + (IO(LDO)× RDS(on)) Regulation accuracy (2)-5% 5% IO(LDO) Output current 20 mA RDS(on) On resistance OUT to LDO 50 Ω C(OUT) Output capacitance (3)1 µF OUT TERMINAL AND DPPM MODE bq24030 VI(AC)≥ 6 V+VDO 6.0 6.3 Output regulation volt- VO(OUT-REG) age bq24032 VI(AC)≥ 4.4 V+VDO 4.4 4.5 V V(DPPM-SET) DPPM set point(4) 2.6 3.7 I(DPPM-SET) DPPM current source AC or USB present 95 100 105 µA (1) This includes thequiescent current for the integrated LDO. (2) In standby mode (CElow) the accuracy is ±10%. (3) LDO output capacitornot required but one with a value of 0.1-µF is recommended. (4) V(DPPM-SET) is scaled up by the scale factor forcontrolling the output voltage V(DPPM-REG). 3 |
Número de pieza similar - BQ24030 |
|
Descripción similar - BQ24030 |