Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


1N4758 Datasheet(Hoja de datos) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

No. de Pieza. 1N4758
Descripción  Glass-Encapsulate Diodes
Descarga  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  HOTTECH [GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.]
Página de inicio  http://www.hottech.net.cn/
Logo 

   
 1 page
background image
Page:P3-P1
Glass-Encapsulate Diodes
GUANGDONG
HOTTECH
INDUSTRIAL
CO,. LTD.
ZENER DIODES
MECHANICAL DATA
Cas e:DO-41, glass case
Terminals : solderable per MIL-STD-202, method 208
Polarity: cathode band
Marking: type number
Approx. weight: 0.35 grams
ABSOLUTE MAXIMUM RATINGS (TA=25
unless otherwise noted)
Parameter
Symbol
Value
Unit
Power dissipation @ Tamb 50
PDiss
1.0
1)
W
Z-current
I
Z
P
V/VZ
mA
Junction temperature
TJ
200
Storage temperature range
Ts
-55---+200
Junction ambient I=9.5mm(3/8
), T
L=constant
R
ThJA
100
K/W
1)Valid provided that leads at a distance of 8 mm from case are kept at ambient temperature.
ELECTRICAL CHARACTERISTICS (Tamb=25
unless otherwise specified)
Parameter
Symbol
Min
Typ
Max
Unit
Forward voltage at IF=200mA
V
F
1.2
V
1N4728-1N4764
FEATURES
For use in stabilizing and clipping circuits with high
power rating.Standard
zener
voltage tolerance is ±10%.
Add suffix "A" for ±5% tolerance.
25.4 Min
25.4 Min
4.2 Max
0.7 Max
2.8 Max
DO-41 Dimensions in millimeters




Html Pages

1  2  3 


Datasheet Download




Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl