Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM90N07-04B Datasheet(PDF) 1 Page - Analog Power

No. de pieza AM90N07-04B
Descripción Electrónicos  N-Channel 75-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ANALOGPOWER [Analog Power]
Página de inicio  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM90N07-04B Datasheet(HTML) 1 Page - Analog Power

  AM90N07-04B Datasheet HTML 1Page - Analog Power AM90N07-04B Datasheet HTML 2Page - Analog Power AM90N07-04B Datasheet HTML 3Page - Analog Power AM90N07-04B Datasheet HTML 4Page - Analog Power AM90N07-04B Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Analog Power
AM90N07-04B
N-Channel 75-V (D-S) MOSFET
VDS (V)
ID (A)
Symbol
Limit
Units
VDS
75
VGS
±20
Continuous Drain Current
a
TC=25°C
ID
90
IDM
240
IS
110
A
Power Dissipation
a
TC=25°C
PD
300
W
TJ, Tstg
-55 to 175
°C
Symbol
Maximum
Units
RθJA
62.5
RθJC
0.5
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.
b.
Pulse width limited by maximum junction temperature
Pulsed Drain Current
b
Continuous Source Current (Diode Conduction)
a
THERMAL RESISTANCE RATINGS
°C/W
Parameter
Operating Junction and Storage Temperature Range
ABSOLUTE MAXIMUM RATINGS (TA = 25°C UNLESS OTHERWISE NOTED)
V
Parameter
Drain-Source Voltage
A
PRODUCT SUMMARY
75
rDS(on) (mΩ)
5.8 @ VGS = 10V
7.3 @ VGS = 4.5V
Maximum Junction-to-Ambient
a
Maximum Junction-to-Case
Gate-Source Voltage
90
a
Key Features:
• Low rDS(on) trench technology
• Low thermal impedance
• Fast switching speed
Typical Applications:
• Automotive Systems
• DC/DC Conversion Circuits
• Battery Powered Power Tools
© Preliminary
1
Publication Order Number:
DS_AM90N07-04B_1A


Número de pieza similar - AM90N07-04B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Power
AM90N07-09B ANALOGPOWER-AM90N07-09B Datasheet
336Kb / 5P
   N-Channel 75-V (D-S) MOSFET
More results

Descripción similar - AM90N07-04B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SUP90N08-6M8P VISHAY-SUP90N08-6M8P_09 Datasheet
176Kb / 7P
   N-Channel 75-V (D-S) MOSFET
Rev. C, 16-Nov-09
SUM90N08-6M2P VISHAY-SUM90N08-6M2P Datasheet
116Kb / 6P
   N-Channel 75-V (D-S) MOSFET
Rev. A, 03-Dec-07
SUP90N08-6M8P VISHAY-SUP90N08-6M8P Datasheet
116Kb / 6P
   N-Channel 75-V (D-S) MOSFET
Rev. A, 03-Dec-07
SUP90N08-4M8P VISHAY-SUP90N08-4M8P Datasheet
104Kb / 6P
   N-Channel 75-V (D-S) MOSFET
Rev. C, 06-Aug-07
SI7812DN VISHAY-SI7812DN_17 Datasheet
551Kb / 14P
   N-Channel 75-V (D-S) MOSFET
Rev. D, 29-Dec-08
logo
Analog Power
AM230N07-03B ANALOGPOWER-AM230N07-03B Datasheet
334Kb / 5P
   N-Channel 75-V (D-S) MOSFET
AM90N07-09B ANALOGPOWER-AM90N07-09B Datasheet
336Kb / 5P
   N-Channel 75-V (D-S) MOSFET
logo
Vishay Siliconix
SIE818DF VISHAY-SIE818DF Datasheet
192Kb / 10P
   N-Channel 75-V (D-S) MOSFET
Rev. B, 13-Jul-09
SUM110N08-07 VISHAY-SUM110N08-07 Datasheet
51Kb / 5P
   N-Channel 75-V (D-S) MOSFET
Rev. C, 21-Oct-02
SI7174DP VISHAY-SI7174DP Datasheet
513Kb / 13P
   N-Channel 75-V (D-S) MOSFET
Rev. A, 14-Apr-08
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com