Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM90N08-04B Datasheet(PDF) 3 Page - Analog Power

No. de pieza AM90N08-04B
Descripción Electrónicos  N-Channel 80-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ANALOGPOWER [Analog Power]
Página de inicio  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM90N08-04B Datasheet(HTML) 3 Page - Analog Power

  AM90N08-04B Datasheet HTML 1Page - Analog Power AM90N08-04B Datasheet HTML 2Page - Analog Power AM90N08-04B Datasheet HTML 3Page - Analog Power AM90N08-04B Datasheet HTML 4Page - Analog Power AM90N08-04B Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Analog Power
AM90N08-04B
1. On-Resistance vs. Drain Current
2. Transfer Characteristics
3. On-Resistance vs. Gate-to-Source Voltage
4. Drain-to-Source Forward Voltage
5. Output Characteristics
6. Capacitance
Typical Electrical Characteristics
0
0.005
0.01
0.015
0.02
0
20
40
60
80
100
ID-Drain Current (A)
6V,8V,10V
4V
4.5V
0
20
40
60
80
100
0
0.2
0.4
0.6
0.8
VDS - Drain-to-Source Voltage (V)
10V,8V,6V
4V
4.5V
0
0.005
0.01
0.015
0.02
0.025
0.03
0
2
4
6
8
10
VGS - Gate-to-Source Voltage (V)
TJ = 25°C
TJ = 25°C
0
20
40
60
80
100
0
1
2
3
4
5
VGS - Gate-to-Source Voltage (V)
TJ = 25°C
0.01
0.1
1
10
100
0.2
0.4
0.6
0.8
1
1.2
VSD - Source-to-Drain Voltage (V)
TJ = 25°C
0
5000
10000
15000
20000
25000
0
5
10
15
20
VDS-Drain-to-Source Voltage (V)
Ciss
Coss
Crss
F = 1MHz
ID = 20A
© Preliminary
3
Publication Order Number:
DS_AM90N08-04B_1A


Número de pieza similar - AM90N08-04B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Power
AM90N08-05P ANALOGPOWER-AM90N08-05P Datasheet
369Kb / 5P
   N-Channel 80-V (D-S) MOSFET
logo
SHENZHEN DOINGTER SEMIC...
AM90N08-05P DOINGTER-AM90N08-05P Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
logo
Analog Power
AM90N08-08P ANALOGPOWER-AM90N08-08P Datasheet
370Kb / 5P
   N-Channel 80-V (D-S) MOSFET
logo
SHENZHEN DOINGTER SEMIC...
AM90N08-08P DOINGTER-AM90N08-08P Datasheet
2Mb / 4P
   N-Channel MOSFET uses advanced SGT technology
More results

Descripción similar - AM90N08-04B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SIR880DP_1209 VISHAY-SIR880DP_1209 Datasheet
504Kb / 13P
   N-Channel 80 V (D-S) MOSFET
Rev. B, 22-Nov-10
logo
DinTek Semiconductor Co...
DTM4830 DINTEK-DTM4830 Datasheet
311Kb / 8P
   N-Channel 80 V (D-S) MOSFET
logo
Analog Power
AM30N08-80D ANALOGPOWER-AM30N08-80D Datasheet
79Kb / 3P
   N-Channel 80-V (D-S) MOSFET
logo
Vishay Siliconix
SI7852DP VISHAY-SI7852DP Datasheet
40Kb / 5P
   N-Channel 80-V (D-S) MOSFET
Rev. A, 28-May-01
logo
Analog Power
AM90N08-05P ANALOGPOWER-AM90N08-05P Datasheet
369Kb / 5P
   N-Channel 80-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
60N75 VBSEMI-60N75 Datasheet
1Mb / 9P
   N-Channel 80 V (D-S) MOSFET
logo
Vishay Siliconix
SI4896DY VISHAY-SI4896DY_17 Datasheet
182Kb / 8P
   N-Channel 80-V (D-S) MOSFET
Rev. C, 18-May-09
logo
VBsemi Electronics Co.,...
AOB470L VBSEMI-AOB470L Datasheet
1Mb / 9P
   N-Channel 80 V (D-S) MOSFET
SUD40N08-16-E3 VBSEMI-SUD40N08-16-E3 Datasheet
999Kb / 9P
   N-Channel 80 V (D-S) MOSFET
PHP79NQ08LT VBSEMI-PHP79NQ08LT Datasheet
999Kb / 8P
   N-Channel 80 V (D-S) MOSFET
logo
Vishay Telefunken
SIR826ADP TFUNK-SIR826ADP Datasheet
381Kb / 13P
   N-Channel 80 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com