Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LMR04C Datasheet(PDF) 1 Page - GOOD-ARK Electronics

No. de pieza LMR04C
Descripción Electrónicos  Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  GOOD-ARK [GOOD-ARK Electronics]
Página de inicio  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

LMR04C Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  LMR04C Datasheet HTML 1Page - GOOD-ARK Electronics LMR04C Datasheet HTML 2Page - GOOD-ARK Electronics LMR04C Datasheet HTML 3Page - GOOD-ARK Electronics LMR04C Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LMR02C thru LMR10C
Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers
Reverse Voltage 200~1000V Output Current 1.5A
Features
• Glass passivated Fast Recovery bridge rectifiers
• Ideal for automated placement
• Low forward voltage drop
• Low leakage current
• Moisture sensitivity: level 1, per J-STD-020
• Solder dip 260 °C, 10 s
• Low profile,Max Height 1.30mm
Typical Applications
For use of general purpose AC to DC bridge rectification in power supply,charger,office appliance,
home appliance and telecome device.
VRRM
200
400
600
800
1000
V
VRMS
140
280
420
560
700
V
VDC
200
400
600
800
1000
V
IFSM
A
I
2t
A
2sec
TJ,
TSTG
°C
Maximum instantaneous
forward voltage
IF=0.75A, TA=25℃
VF
Volts
TA=25℃
TA=125℃
IF=0.5A,IR=1.0A,
Irr=0.25A
Typical junction capacitance
4.0 V, 1 MHz
CJ
pF
RθJA
(1)
RθJA
(2)
RθJC
(1)
Notes:
1. On glass epoxy PCB, mounted on 1.3*1.3mm solder pads
2. On 20*20mm aluminum substrate PCB with 1.3*1.3mm solder pads
Typical thermal resistance
60
℃/W
50
20
20
Thermal Characteristics
Parameter
Symbol
LMR02C
LMR04C
LMR06C
LMR08C
LMR10C
Unit
nS
LMR10C
Unit
1.3
Maximum DC reverse current
at rated DC blocking voltage
IR
5
µA
100
Typical reverse recovery time
trr
150
250
500
Electrical Characteristics (TA = 25 °C unless otherwise noted)
Parameter
Test Conditions
Symbol
LMR02C
LMR04C
LMR06C
LMR08C
Peak forward surge current 8.3 ms single half sine-
wave superimposed on rated load
50
Rating for fusing(t<8.3ms)
10.0
0.75
(1)
Operating junction and storage temperature range
- 55 to + 150
Maximum DC blocking voltage
Maximum average output rectified current
Io(AV)
Maximum Ratings (TA = 25 °C unless otherwise noted)
Parameter
Symbol
LMR02C
LMR04C
A
1.5
(2)
LMR06C
LMR08C
LMR10C
Unit
Maximum repetitive peak reverse voltage
Maximum RMS voltage
LPMB
www.goodark.com
1/4
2016.09-Rev.B


Número de pieza similar - LMR04C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
GOOD-ARK Electronics
LMR04 GOOD-ARK-LMR04 Datasheet
366Kb / 4P
   Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers
logo
Cree, Inc
LMR040-0700-27F8-10100EW CREE-LMR040-0700-27F8-10100EW Datasheet
550Kb / 5P
   Cree LED Module LMR4 with EasyWhite??Technology
LMR040-0700-27F8-20100EW CREE-LMR040-0700-27F8-20100EW Datasheet
550Kb / 5P
   Cree LED Module LMR4 with EasyWhite??Technology
LMR040-0700-27F9-10100TW CREE-LMR040-0700-27F9-10100TW Datasheet
522Kb / 5P
   Cree LED Module LMR4 with TrueWhite Technology
LMR040-0700-27F9-10100TW CREE-LMR040-0700-27F9-10100TW Datasheet
703Kb / 2P
   LED Module with TrueWhite Technology
More results

Descripción similar - LMR04C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
GOOD-ARK Electronics
LM02 GOOD-ARK-LM02 Datasheet
374Kb / 4P
   Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers
LMR02 GOOD-ARK-LMR02 Datasheet
366Kb / 4P
   Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers
LM102 GOOD-ARK-LM102 Datasheet
375Kb / 4P
   Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers
LM02A GOOD-ARK-LM02A Datasheet
375Kb / 4P
   Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers
LM202 GOOD-ARK-LM202 Datasheet
378Kb / 4P
   Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers
LM210 GOOD-ARK-LM210 Datasheet
377Kb / 4P
   Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers
LMD02 GOOD-ARK-LMD02 Datasheet
388Kb / 4P
   Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers
LMR02A GOOD-ARK-LMR02A Datasheet
390Kb / 4P
   Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers
LB1610S GOOD-ARK-LB1610S Datasheet
512Kb / 5P
   Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers
LB201S GOOD-ARK-LB201S Datasheet
1Mb / 5P
   Low Profile Miniature Single Phase Surface Mount Bridge Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com