Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

A-24.576-20 Datasheet(PDF) 1 Page - Raltron Electronics Corporation

No. de pieza A-24.576-20
Descripción Electrónicos  MICROPROCESSOR CRYSTAL UNIT
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RALTRON [Raltron Electronics Corporation]
Página de inicio  http://www.raltron.com
Logo RALTRON - Raltron Electronics Corporation

A-24.576-20 Datasheet(HTML) 1 Page - Raltron Electronics Corporation

  A-24.576-20 Datasheet HTML 1Page - Raltron Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
24.576 MHz
FUNDAMENTAL
SPECIFICATIONS:
FREQUENCY TOLERANCE AT 25°C:
MODE OF OSCILLATION:
FREQUENCY STABILITY OVER
STORAGE TEMPERATURE RANGE:
AGING:
LOAD CAPACITANCE:
DRIVE LEVEL:
SHUNT CAPACITANCE:
EQUIVALENT SERIES RESISTANCE:
HOLDER TYPE:
±30 PPM MAX
±50 PPM MAX
±5 PPM PER YEAR MAX
20 pF
CAGE CODE:
VUE
RALTRON
DRAWING TITLE:
DRAWING NUMBER:
MICROPROCESSOR CRYSTAL UNIT
A-24.576-20
APPROVED
DATE
REVISIONS
LTR
A
INITIAL RELEASE
10651 NW 19TH STREET
MIAMI, FL 33172
ALL DIMENSIONS ARE IN mm/inch
UNLESS OTHERWISE SPECIFIED
DRAWN BY:
Part Generator
CHECKED BY:
APPROVED BY:
SCALE:
DATE:
SHEET 1 OF
40 OHMS MAX
7 pF MAX
-55°C TO +125°C
4/22/03
TEMPERATURE RANGE:
HC-49/U AS SHOWN
-20°C TO +70°C
OPERATING TEMPERATURE RANGE:
100 µW TYP, 1000 µW MAX
NOMINAL FREQUENCY:


Número de pieza similar - A-24.576-20

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
A-24-LC-7-T ETC1-A-24-LC-7-T Datasheet
31Kb / 1P
   IC-Fassungen, Low cost-Version, Rester 2.54mm
A-24-LC-T2 ETC1-A-24-LC-T2 Datasheet
31Kb / 1P
   IC-Fassungen, Low cost-Version, Rester 2.54mm
A-24-LC-TR ETC1-A-24-LC-TR Datasheet
31Kb / 1P
   IC-Fassungen, Low cost-Version, Rester 2.54mm
A-24-LC-TT ETC1-A-24-LC-TT Datasheet
31Kb / 1P
   IC-Fassungen, Low cost-Version, Rester 2.54mm
A-24-LC-XX ETC1-A-24-LC-XX Datasheet
31Kb / 1P
   IC-Fassungen, Low cost-Version, Rester 2.54mm
More results

Descripción similar - A-24.576-20

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Raltron Electronics Cor...
A-6.176-18.5 RALTRON-A-6.176-18.5 Datasheet
89Kb / 1P
   MICROPROCESSOR CRYSTAL UNIT
A-12.000-20 RALTRON-A-12.000-20 Datasheet
89Kb / 1P
   MICROPROCESSOR CRYSTAL UNIT
A-25.000-14 RALTRON-A-25.000-14 Datasheet
89Kb / 1P
   MICROPROCESSOR CRYSTAL UNIT
A-30.000-20 RALTRON-A-30.000-20 Datasheet
89Kb / 1P
   MICROPROCESSOR CRYSTAL UNIT
A-16.000-20 RALTRON-A-16.000-20 Datasheet
89Kb / 1P
   MICROPROCESSOR CRYSTAL UNIT
A-20.000-20 RALTRON-A-20.000-20 Datasheet
89Kb / 1P
   MICROPROCESSOR CRYSTAL UNIT
A-32.768-10-3OT RALTRON-A-32.768-10-3OT Datasheet
89Kb / 1P
   MICROPROCESSOR CRYSTAL UNIT
A-33.000-20 RALTRON-A-33.000-20 Datasheet
89Kb / 1P
   MICROPROCESSOR CRYSTAL UNIT
A-33.000-14-FUND RALTRON-A-33.000-14-FUND Datasheet
89Kb / 1P
   MICROPROCESSOR CRYSTAL UNIT
A-4.000-20 RALTRON-A-4.000-20 Datasheet
89Kb / 1P
   MICROPROCESSOR CRYSTAL UNIT
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com