Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N5817 Datasheet(PDF) 3 Page - ON Semiconductor

No. de pieza 1N5817
Descripción Electrónicos  Low Voltage Buck Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

1N5817 Datasheet(HTML) 3 Page - ON Semiconductor

  1N5817 Datasheet HTML 1Page - ON Semiconductor 1N5817 Datasheet HTML 2Page - ON Semiconductor 1N5817 Datasheet HTML 3Page - ON Semiconductor 1N5817 Datasheet HTML 4Page - ON Semiconductor 1N5817 Datasheet HTML 5Page - ON Semiconductor 1N5817 Datasheet HTML 6Page - ON Semiconductor 1N5817 Datasheet HTML 7Page - ON Semiconductor 1N5817 Datasheet HTML 8Page - ON Semiconductor 1N5817 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
CS51411, CS51412, CS51413, CS51414
http://onsemi.com
3
PRODUCT SELECTION GUIDE
Part Number
Frequency
Temperature Range
Bias/Sync
CS51411E
260 kHz
−40°C to 85°C
Sync
CS51411G
260 kHz
0°C to 70°C
Sync
CS51412E
260 kHz
−40°C to 85°C
Bias
CS51412G
260 kHz
0°C to 70°C
Bias
CS51413E
520 kHz
−40°C to 85°C
Sync
CS51413G
520 kHz
0°C to 70°C
Sync
CS51414E
520 kHz
−40°C to 85°C
Bias
CS51414G
520 kHz
0°C to 70°C
Bias
SYNC
VFB
VSW
2
GND
SHDNB
CS51411/3
1N4148
3.3 V
D3
15 mH
VIN
100 mF
100 mF
0.1 mF
Figure 1. Application Diagram, 4.5 V − 16 V to 3.3 V @ 1.0 A Converter
C1
C3
R1
R2
C4
0.1 mF
SYNC
Shutdown
L1
C2
4.5 V − 16 V
D1
205
127
1
3
7
6
8
4
5
1N5821
BOOST
U1
VC
MAXIMUM RATINGS
Rating
Value
Unit
Operating Junction Temperature Range, TJ
−40 to 150
°C
Lead Temperature Soldering:
Reflow for Leaded: (SMD styles only) (Note 1)
Reflow for Pb−Free: (SMD styles only) (Note 2)
230 peak
260 peak
(Note 3)
°C
Storage Temperature Range, TS
−65 to +150
°C
ESD Damage Threshold (Human Body Model)
2.0
kV
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. 60−150 second above 183°C, 30 second maximum at peak.
2. 60−150 second above 217°C, 40 second maximum at peak.
3. +5°C/0°C allowable conditions, applies to both Pb and Pb−Free Devices.


Número de pieza similar - 1N5817

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
1N5817 MOTOROLA-1N5817 Datasheet
96Kb / 6P
   SCHOTTKY BARRIER RECTIFIERS 1 AMPERE 20, 30 and 40 VOLTS
logo
SynSemi, Inc.
1N5817 SYNSEMI-1N5817 Datasheet
27Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODES
logo
Semikron International
1N5817 SEMIKRON-1N5817 Datasheet
127Kb / 2P
   Schottky barrier rectifiers diodes
logo
Diotec Semiconductor
1N5817 DIOTEC-1N5817 Datasheet
91Kb / 2P
   Schottky Barrier Rectifier Diodes
logo
Shenzhen Yixinwei Techn...
1N5817 YIXIN-1N5817 Datasheet
253Kb / 2P
   1.0 AMP SCHOTTKY BARRIER RECTIFIERS
More results

Descripción similar - 1N5817

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
NCV97310 ONSEMI-NCV97310 Datasheet
240Kb / 25P
   3 Buck Regulators
September, 2015 ??Rev. 4
NCV97311 ONSEMI-NCV97311 Datasheet
240Kb / 25P
   3 Buck Regulators
September, 2015 ??Rev. 2
logo
Texas Instruments
TPS7101Q TI-TPS7101Q_08 Datasheet
858Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL75LP05 TI1-TL75LP05 Datasheet
237Kb / 15P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q Datasheet
541Kb / 33P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS71H01Q TI-TPS71H01Q Datasheet
634Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL750L TI-TL750L Datasheet
124Kb / 18P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q_07 Datasheet
829Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL750M TI-TL750M_08 Datasheet
812Kb / 22P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
logo
IK Semicon Co., Ltd
IL2931AZ-5 IKSEMICON-IL2931AZ-5 Datasheet
120Kb / 3P
   LOW DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com