Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM2574 Datasheet(PDF) 9 Page - ON Semiconductor

No. de pieza LM2574
Descripción Electrónicos  0.5 A, Adjustable Output Voltage, Step-Down Switching Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM2574 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button LM2574_15 Datasheet HTML 5Page - ON Semiconductor LM2574_15 Datasheet HTML 6Page - ON Semiconductor LM2574_15 Datasheet HTML 7Page - ON Semiconductor LM2574_15 Datasheet HTML 8Page - ON Semiconductor LM2574_15 Datasheet HTML 9Page - ON Semiconductor LM2574_15 Datasheet HTML 10Page - ON Semiconductor LM2574_15 Datasheet HTML 11Page - ON Semiconductor LM2574_15 Datasheet HTML 12Page - ON Semiconductor LM2574_15 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
LM2574, NCV2574
www.onsemi.com
9
PIN FUNCTION DESCRIPTION
Pin
Symbol
Description (Refer to Figure 1)
SO−16W
PDIP−8
12
5
Vin
This pin is the positive input supply for the LM2574 step−down switching regulator. In order to
minimize voltage transients and to supply the switching currents needed by the regulator, a
suitable input bypass capacitor must be present (Cin in Figure 1).
14
7
Output
This is the emitter of the internal switch. The saturation voltage Vsat of this output switch is
typically 1.0 V. It should be kept in mind that the PCB area connected to this pin should be kept
to a minimum in order to minimize coupling to sensitive circuitry.
4
2
Sig Gnd
Circuit signal ground pin. See the information about the printed circuit board layout.
6
4
Pwr Gnd
Circuit power ground pin. See the information about the printed circuit board layout.
3
1
Feedback
This pin senses regulated output voltage to complete the feedback loop. The signal is divided by
the internal resistor divider network R2, R1 and applied to the non−inverting input of the internal
error amplifier. In the Adjustable version of the LM2574 switching regulator, this pin is the direct
input of the error amplifier and the resistor network R2, R1 is connected externally to allow
programming of the output voltage.
5
3
ON/OFF
It allows the switching regulator circuit to be shut down using logic level signals, thus dropping the
total input supply current to approximately 80
mA. The input threshold voltage is typically 1.5 V.
Applying a voltage above this value (up to +Vin) shuts the regulator off. If the voltage applied to this
pin is lower than 1.5 V or if this pin is left open, the regulator will be in the “on” condition.
DESIGN PROCEDURE
Buck Converter Basics
The LM2574 is a “Buck” or Step−Down Converter which
is the most elementary forward−mode converter. Its basic
schematic can be seen in Figure 17.
The operation of this regulator topology has two distinct
time periods. The first one occurs when the series switch is
on, the input voltage is connected to the input of the inductor.
The output of the inductor is the output voltage, and the
rectifier (or catch diode) is reverse biased. During this
period, since there is a constant voltage source connected
across the inductor, the inductor current begins to linearly
ramp upwards, as described by the following equation:
I
L(on) +
V
in
–Vout ton
L
During this “on” period, energy is stored within the core
material in the form of magnetic flux. If the inductor is
properly designed, there is sufficient energy stored to carry
the requirements of the load during the “off” period.
Figure 17. Basic Buck Converter
D
Vin
RLoad
L
Cout
Power
Switch
The next period is the “off” period of the power switch.
When the power switch turns off, the voltage across the
inductor reverses its polarity and is clamped at one diode
voltage drop below ground by the catch diode. Current now
flows through the catch diode thus maintaining the load
current loop. This removes the stored energy from the
inductor. The inductor current during this time is:
I
L(off) +
V
out
–V
D
t
off
L
This period ends when the power switch is once again
turned on. Regulation of the converter is accomplished by
varying the duty cycle of the power switch. It is possible to
describe the duty cycle as follows:
d
+
ton
T
, where T is the period of switching.
For the buck converter with ideal components, the duty
cycle can also be described as:
d
+
Vout
V
in
Figure 18 shows the buck converter idealized waveforms
of the catch diode voltage and the inductor current.
Figure 18. Buck Converter Idealized Waveforms
Power
Switch
Power
Switch
Off
Power
Switch
Off
Power
Switch
On
Power
Switch
On
Von(SW)
VD(FWD)
Time
Time
ILoad(AV)
Imin
Ipk
Diode
Diode
Power
Switch


Número de pieza similar - LM2574_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM2574 TI-LM2574_15 Datasheet
2Mb / 34P
[Old version datasheet]   LM2574/LM2574HV SIMPLE SWITCHER??0.5A Step-Down Voltage Regulator
More results

Descripción similar - LM2574_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
LM2574 ONSEMI-LM2574 Datasheet
279Kb / 28P
   0.5 A, Adjustable Output Voltage, Step-Down Switching Regulator
February, 2002 ??Rev. 5
LM2574 ONSEMI-LM2574_06 Datasheet
296Kb / 26P
   0.5 A, Adjustable Output Voltage, Step?묭own Switching Regulator
August, 2006 ??Rev. 8
LM2575T-15G ONSEMI-LM2575T-15G Datasheet
497Kb / 28P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
June, 2009 ??Rev. 11
LM2575T-005G ONSEMI-LM2575T-005G Datasheet
461Kb / 28P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
June, 2009 ??Rev. 11
LM2575 ONSEMI-LM2575_09 Datasheet
497Kb / 28P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
June, 2009 ??Rev. 11
LM2575 ONSEMI-LM2575 Datasheet
382Kb / 26P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
May, 2004 ??Rev. 6
LM2575T-ADJ ONSEMI-LM2575T-ADJ Datasheet
497Kb / 28P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
June, 2009 ??Rev. 11
LM2594 ONSEMI-LM2594 Datasheet
560Kb / 25P
   0.5 A, Step-Down Switching Regulator
January, 2009 ??Rev. 0
logo
KODENSHI_AUK CORP.
SN317MPI KODENSHI-SN317MPI Datasheet
376Kb / 8P
   [ 0.5 A Adjustable Output ] Positive Voltage Regulator
logo
ON Semiconductor
LM2575 ONSEMI-LM2575_05 Datasheet
364Kb / 28P
   1.0 A, Adjustable Output Voltage, Step?묭own Switching Regulator
November, 2005 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com