Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC78M15CDTT5G Datasheet(PDF) 3 Page - ON Semiconductor

No. de pieza MC78M15CDTT5G
Descripción Electrónicos  500 mA Positive Voltage Regulators
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC78M15CDTT5G Datasheet(HTML) 3 Page - ON Semiconductor

  MC78M15CDTT5G Datasheet HTML 1Page - ON Semiconductor MC78M15CDTT5G Datasheet HTML 2Page - ON Semiconductor MC78M15CDTT5G Datasheet HTML 3Page - ON Semiconductor MC78M15CDTT5G Datasheet HTML 4Page - ON Semiconductor MC78M15CDTT5G Datasheet HTML 5Page - ON Semiconductor MC78M15CDTT5G Datasheet HTML 6Page - ON Semiconductor MC78M15CDTT5G Datasheet HTML 7Page - ON Semiconductor MC78M15CDTT5G Datasheet HTML 8Page - ON Semiconductor MC78M15CDTT5G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
MC78M00, MC78M00A, NCV78M00 Series
www.onsemi.com
3
MC78M06C/B ELECTRICAL CHARACTERISTICS
(VI = 11 V, IO = 350 mA, TJ = Tlow to Thigh, PD ≤ 5.0 W, unless otherwise noted) (Note 3)
Characteristics
Symbol
Min
Typ
Max
Unit
Output Voltage (TJ = 25°C)
VO
5.75
6.0
6.25
Vdc
Output Voltage Variation (8.0 Vdc
≤ VI ≤ 21 Vdc, 5.0 mA ≤ IO ≤ 350 mA)
VO
5.7
6.3
Vdc
Line Regulation (TJ = 25°C, 8.0 Vdc ≤ VI ≤ 25 Vdc, IO = 200 mA)
Regline
5.0
50
mV
Load Regulation
(TJ = 25°C, 5.0 mA ≤ IO ≤ 500 Ma)
(TJ = 25°C, 5.0 mA ≤ IO ≤ 200 mA)
Regload
20
10
120
60
mV
Input Bias Current (TJ = 25°C)
IIB
3.2
6.0
mA
Quiescent Current Change
(9.0 Vdc
≤ VI ≤ 25 Vdc, IO = 200 mA)
(5.0 mA
≤ IO ≤ 350 mA)
DIIB
0.8
0.5
mA
Output Noise Voltage (TA = 25°C, 10 Hz ≤ f ≤ 100 kHz)
Vn
45
mV
Ripple Rejection
(IO = 100 mA, f = 120 Hz, 9.0 V ≤ VI ≤ 19 V)
(IO = 300 mA, f = 120 Hz, 9.0 V ≤ VI ≤ 19 V, TJ = 25°C)
RR
59
59
80
dB
Dropout Voltage (TJ = 25°C)
VI − VO
2.0
Vdc
Short Circuit Current Limit (TJ = 25°C, VI = 35 V)
IOS
350
mA
Average Temperature Coefficient of Output Voltage (IO = 5.0 mA)
DVO/DT
±0.2
mV/
°C
Peak Output Current (TJ = 25°C)
IO
700
mA
MC78M08C/AC/B/AB, NCV78M08B ELECTRICAL CHARACTERISTICS
(VI = 14 V, IO = 350 mA, TJ = Tlow to Thigh, PD ≤ 5 W, unless otherwise noted) (Note 3)
Characteristics
Symbol
Min
Typ
Max
Unit
Output Voltage (TJ = 25°C)
MC78M08B/MC78M08C/NCV78M08B
MC78M08AB/MC78M08AC
VO
7.70
7.84
8.0
8.0
8.30
8.16
Vdc
Output Voltage Variation (10.5 Vdc
≤ VI ≤ 23 Vdc, 5.0 mA ≤ IO ≤ 350 mA)
MC78M08B/MC78M08C/NCV78M08B
MC78M08AB/MC78M08AC
VO
7.6
7.7
8.4
8.3
Vdc
Line Regulation (TJ = 25°C, 10.5 Vdc ≤ VI ≤ 25 Vdc, IO = 200 mA)
Regline
6.0
50
mV
Load Regulation
(TJ = 25°C, 5.0 mA ≤ IO ≤ 500 mA)
(TJ = 25°C, 5.0 mA ≤ IO ≤ 200 mA)
Regload
25
10
160
80
mV
Input Bias Current (TJ = 25°C)
IIB
3.2
6.0
mA
Quiescent Current Change
(10.5 Vdc
≤ VI ≤ 25 Vdc, IO = 200 mA)
(5.0 mA
≤ IO ≤ 350 mA)
DIIB
0.8
0.5
mA
Output Noise Voltage (TA = 25°C, 10 Hz ≤ f ≤ 100 kHz)
Vn
52
mV
Ripple Rejection
(IO = 100 mA, f = 120 Hz, 11.5 V ≤VI ≤ 21.5 V)
(IO = 300 mA, f = 120 Hz, 11.5 V ≤VI ≤ 21.5 V, TJ = 25°C)
RR
56
56
80
dB
Dropout Voltage (TJ = 25°C)
VI−VO
2.0
Vdc
Short Circuit Current Limit (TJ = 25°C, VI = 35 V)
IOS
350
mA
Average Temperature Coefficient of Output Voltage (IO = 5.0 mA)
DVO/DT
±0.2
mV/
°C
Peak Output Current (TJ = 25°C)
IO
700
mA
3. Tlow =0°C for MC78MxxAC, C
= −40
°C for MC78MxxAB, B, NCV78MxxAB, B
Thigh = +125°C for MC78MxxAB, AC, B, C, NCV78MxxAB, B


Número de pieza similar - MC78M15CDTT5G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC78M15CDTT5G ONSEMI-MC78M15CDTT5G Datasheet
230Kb / 15P
   500 mA Positive Voltage Regulators
May, 2013 ??Rev. 26
More results

Descripción similar - MC78M15CDTT5G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC78M09BDTRK ONSEMI-MC78M09BDTRK_11 Datasheet
237Kb / 18P
   500 mA Positive Voltage Regulators
December, 2011 ??Rev. 25
MC78M00 ONSEMI-MC78M00_06 Datasheet
154Kb / 16P
   500 mA Positive Voltage Regulators
August, 2006 ??Rev. 18
NCV78M05BDTRKG ONSEMI-NCV78M05BDTRKG Datasheet
209Kb / 15P
   500 mA Positive Voltage Regulators
May, 2013 ??Rev. 26
MC78M00 ONSEMI-MC78M00 Datasheet
153Kb / 16P
   500 mA Positive Voltage Regulators
November, 2005 ??Rev. 16
MC78M00 ONSEMI-MC78M00_V01 Datasheet
309Kb / 14P
   500 mA Positive Voltage Regulators
November, 2021 - Rev. 29
NCV78M12BDTRKG ONSEMI-NCV78M12BDTRKG Datasheet
230Kb / 15P
   500 mA Positive Voltage Regulators
May, 2013 ??Rev. 26
MC78M09BDTG ONSEMI-MC78M09BDTG_11 Datasheet
237Kb / 18P
   500 mA Positive Voltage Regulators
December, 2011 ??Rev. 25
logo
Texas Instruments
LM341 TI1-LM341_17 Datasheet
1Mb / 22P
[Old version datasheet]   3-Terminal 500-mA Positive Voltage Regulators
logo
ON Semiconductor
MC79M08BDTG ONSEMI-MC79M08BDTG Datasheet
141Kb / 9P
   500 mA Negative Voltage Regulators
July, 2013 ??Rev. 15
MC79M00 ONSEMI-MC79M00 Datasheet
97Kb / 8P
   500 mA Negative Voltage Regulators
August, 2006 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com