Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC7905BD2TR4 Datasheet(PDF) 4 Page - ON Semiconductor

No. de pieza MC7905BD2TR4
Descripción Electrónicos  1.0 A Negative Voltage Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC7905BD2TR4 Datasheet(HTML) 4 Page - ON Semiconductor

  MC7905BD2TR4 Datasheet HTML 1Page - ON Semiconductor MC7905BD2TR4 Datasheet HTML 2Page - ON Semiconductor MC7905BD2TR4 Datasheet HTML 3Page - ON Semiconductor MC7905BD2TR4 Datasheet HTML 4Page - ON Semiconductor MC7905BD2TR4 Datasheet HTML 5Page - ON Semiconductor MC7905BD2TR4 Datasheet HTML 6Page - ON Semiconductor MC7905BD2TR4 Datasheet HTML 7Page - ON Semiconductor MC7905BD2TR4 Datasheet HTML 8Page - ON Semiconductor MC7905BD2TR4 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
MC7900 Series
http://onsemi.com
4
MC7906C
ELECTRICAL CHARACTERISTICS (VI = −11 V, IO = 500 mA, 0°C < TJ < +125°C, unless otherwise noted.)
Characteristics
Symbol
Min
Typ
Max
Unit
Output Voltage (TJ = +25°C)
VO
−5.75
−6.0
−6.25
Vdc
Line Regulation (Note 3)
(TJ = +25°C, IO = 100 mA)
−8.0 Vdc ≥ VI ≥ −25 Vdc
−9.0 Vdc ≥ VI ≥ −13 Vdc
(TJ = +25°C, IO = 500 mA)
−8.0 Vdc ≥ VI ≥ −25 Vdc
−9.0 Vdc ≥ VI ≥ −13 Vdc
Regline
9.0
3.0
43
10
60
30
120
60
mV
Load Regulation, TJ = +25°C (Note 3)
5.0 mA ≤ IO ≤ 1.5 A
250 mA ≤ IO ≤ 750 mA
Regload
13
5.0
120
60
mV
Output Voltage
−8.0 Vdc ≥ VI ≥ −21 Vdc, 5.0 mA ≤ IO ≤ 1.0 A, P ≤ 15 W
VO
−5.7
−6.3
Vdc
Input Bias Current (TJ = +25°C)
IIB
4.3
8.0
mA
Input Bias Current Change
−8.0 Vdc ≥ VI ≥ −25 Vdc
5.0 mA ≤ IO ≤ 1.5 A
DIIB
1.3
0.5
mA
Output Noise Voltage (TA = +25°C, 10 Hz ≤ f ≤ 100 kHz)
Vn
45
mV
Ripple Rejection (IO = 20 mA, f = 120 Hz)
RR
65
dB
Dropout Voltage (IO = 1.0 A, TJ = +25°C)
VI−VO
1.3
Vdc
Average Temperature Coefficient of Output Voltage
IO = 5.0 A, 0°C ≤ TJ ≤ +125°C
DVO/DT
−1.0
mV/°C
MC7908C
ELECTRICAL CHARACTERISTICS (VI = −14 V, IO = 500 mA, 0°C < TJ < +125°C, unless otherwise noted.)
Characteristics
Symbol
Min
Typ
Max
Unit
Output Voltage (TJ = +25°C)
VO
−7.7
−8.0
−8.3
Vdc
Line Regulation (Note 3)
(TJ = +25°C, IO = 100 mA)
−10.5 Vdc ≥ VI ≥ −25 Vdc
−11 Vdc ≥ VI ≥ −17 Vdc
(TJ = +25°C, IO = 500 mA)
−10.5 Vdc ≥ VI ≥ −25 Vdc
−11 Vdc ≥ VI ≥ −17 Vdc
Regline
12
5.0
50
22
80
40
160
80
mV
Load Regulation, TJ = +25°C (Note 3)
5.0 mA ≤ IO ≤ 1.5 A
250 mA ≤ IO ≤ 750 mA
Regload
26
9.0
160
80
mV
Output Voltage
−10.5 Vdc ≥ VI ≥ −23 Vdc, 5.0 mA ≤ IO ≤ 1.0 A, P ≤ 15 W
VO
−7.6
−8.4
Vdc
Input Bias Current (TJ = +25°C)
IIB
4.3
8.0
mA
Input Bias Current Change
−10.5 Vdc ≥ VI ≥ −25 Vdc
5.0 mA ≤ IO ≤ 1.5 A
DIIB
1.0
0.5
mA
Output Noise Voltage (TA = +25°C, 10 Hz ≤ f ≤ 100 kHz)
Vn
52
mV
Ripple Rejection (IO = 20 mA, f = 120 Hz)
RR
62
dB
Dropout Voltage (IO = 1.0 A, TJ = +25°C)
VI−VO
1.3
Vdc
Average Temperature Coefficient of Output Voltage
IO = 5.0 mA, 0°C ≤ TJ ≤ +125°C
DVO/DT
−1.0
mV/°C
3. Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account
separately. Pulse testing with low duty cycle is used.


Número de pieza similar - MC7905BD2TR4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC7905BD2TR4 ONSEMI-MC7905BD2TR4 Datasheet
143Kb / 14P
   1.0 A Negative Voltage Regulators
March, 2004 ??Rev. 12
MC7905BD2TR4 ONSEMI-MC7905BD2TR4 Datasheet
157Kb / 16P
   1.0 A Negative Voltage Regulators
August, 2006 ??Rev. 14
MC7905BD2TR4 ONSEMI-MC7905BD2TR4 Datasheet
138Kb / 16P
   1.0 A Negative Voltage Regulators
May, 2005 ??Rev. 13
MC7905BD2TR4G ONSEMI-MC7905BD2TR4G Datasheet
157Kb / 16P
   1.0 A Negative Voltage Regulators
August, 2006 ??Rev. 14
MC7905BD2TR4G ONSEMI-MC7905BD2TR4G Datasheet
138Kb / 16P
   1.0 A Negative Voltage Regulators
May, 2005 ??Rev. 13
More results

Descripción similar - MC7905BD2TR4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC7900 ONSEMI-MC7900_05 Datasheet
138Kb / 16P
   1.0 A Negative Voltage Regulators
May, 2005 ??Rev. 13
MC7900 ONSEMI-MC7900_06 Datasheet
157Kb / 16P
   1.0 A Negative Voltage Regulators
August, 2006 ??Rev. 14
MC7900 ONSEMI-MC7900 Datasheet
143Kb / 14P
   1.0 A Negative Voltage Regulators
March, 2004 ??Rev. 12
MC7900 ONSEMI-MC7900_V01 Datasheet
300Kb / 15P
   Negative Voltage Regulators 1.0 A
October, 2021 - Rev. 21
MC7800 ONSEMI-MC7800_10 Datasheet
295Kb / 33P
   1.0 A Positive Voltage Regulators
July, 2010 ??Rev. 21
MC7800 ONSEMI-MC7800_11 Datasheet
269Kb / 34P
   1.0 A Positive Voltage Regulators
April, 2012 ??Rev. 25
logo
Suntac Electronic Corp.
STC7800 SUNTAC-STC7800 Datasheet
169Kb / 11P
   1.0 A Positive Voltage Regulators
logo
ON Semiconductor
MC7800 ONSEMI-MC7800_06 Datasheet
245Kb / 32P
   1.0 A Positive Voltage Regulators
August, 2006 ??Rev. 15
NCP7800 ONSEMI-NCP7800 Datasheet
167Kb / 9P
   1.0 A Positive Voltage Regulators
October, 2009 ??Rev. 0
MC7800 ONSEMI-MC7800_14 Datasheet
217Kb / 31P
   1.0 A Positive Voltage Regulators
November, 2014 ??Rev. 27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com