Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SS7505 Datasheet(PDF) 2 Page - GOOD-ARK Electronics

No. de pieza SS7505
Descripción Electrónicos  75V N-Channel MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  GOOD-ARK [GOOD-ARK Electronics]
Página de inicio  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SS7505 Datasheet(HTML) 2 Page - GOOD-ARK Electronics

  SS7505 Datasheet HTML 1Page - GOOD-ARK Electronics SS7505 Datasheet HTML 2Page - GOOD-ARK Electronics SS7505 Datasheet HTML 3Page - GOOD-ARK Electronics SS7505 Datasheet HTML 4Page - GOOD-ARK Electronics SS7505 Datasheet HTML 5Page - GOOD-ARK Electronics SS7505 Datasheet HTML 6Page - GOOD-ARK Electronics SS7505 Datasheet HTML 7Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SSF7505
75V N-Channel MOSFET
www.goodark.com
Page 2 of 7
Rev.1.0
Thermal Resistance
Symbol
Characteristics
Typ.
Max.
Units
RθJC
Junction-to-case③
0.55
℃/W
Junction-to-ambient (t ≤ 10s)
62
℃/W
RθJA
Junction-to-Ambient (PCB mounted, steady-state)
40
℃/W
Electrical Characteristics @TA=25℃ unless otherwise specified
Symbol
Parameter
Min.
Typ.
Max.
Units
Conditions
V(BR)DSS
Drain-to-Source breakdown voltage
75
V
VGS = 0V, ID = 250μA
3.3
5
VGS=10V,ID = 30A
RDS(on)
Static Drain-to-Source on-resistance
6.25
TJ = 125℃
2
4
VDS = VGS, ID = 250μA
VGS(th)
Gate threshold voltage
2.0
V
TJ = 125℃
1
VDS = 75V,VGS = 0V
IDSS
Drain-to-Source leakage current
50
μA
TJ = 125°C
100
VGS =20V
IGSS
Gate-to-Source forward leakage
-100
nA
VGS = -20V
Qg
Total gate charge
221
Qgs
Gate-to-Source charge
42
Qgd
Gate-to-Drain("Miller") charge
70
nC
ID = 30A,
VDS=30V,
VGS = 10V
td(on)
Turn-on delay time
25
tr
Rise time
24
td(off)
Turn-Off delay time
125
tf
Fall time
53
ns
VGS=10V, VDS=30V,
RL=15Ω,
RGEN=2.55Ω
Ciss
Input capacitance
9139
Coss
Output capacitance
757
Crss
Reverse transfer capacitance
669
pF
VGS = 0V
VDS = 25V
ƒ = 600KHz
Source-Drain Ratings and Characteristics
Symbol
Parameter
Min.
Typ.
Max.
Units
Conditions
IS
Continuous Source Current
(Body Diode)
170
A
ISM
Pulsed Source Current
(Body Diode)
670
A
MOSFET symbol
showing
the
integral reverse
p-n junction diode.
V
SD
Diode Forward Voltage
0.84
1.3
V
IS=30A, VGS=0V
trr
Reverse Recovery Time
47
ns
Qrr
Reverse Recovery Charge
97
nC
TJ = 25°C, IF =75A, di/dt =
100A/μs


Número de pieza similar - SS7505

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
GOOD-ARK Electronics
SS7505 GOOD-ARK-SS7505_15 Datasheet
1Mb / 7P
   75V N-Channel MOSFET
More results

Descripción similar - SS7505

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SemiHow Co.,Ltd.
HFW75N75 SEMIHOW-HFW75N75 Datasheet
871Kb / 7P
   75V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AOB270AL AOSMD-AOB270AL Datasheet
329Kb / 6P
   75V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF7609 GOOD-ARK-SSF7609 Datasheet
1,017Kb / 7P
   75V N-Channel MOSFET
SSF7504 GOOD-ARK-SSF7504 Datasheet
998Kb / 6P
   75V N-Channel MOSFET
SSF7508 GOOD-ARK-SSF7508 Datasheet
1Mb / 7P
   75V N-Channel MOSFET
SSPL7508 GOOD-ARK-SSPL7508 Datasheet
1Mb / 7P
   75V N-Channel MOSFET
SSF7607 GOOD-ARK-SSF7607 Datasheet
1Mb / 7P
   75V N-Channel MOSFET
logo
Pan Jit International I...
PJD12N08 PANJIT-PJD12N08 Datasheet
383Kb / 8P
   75V N-Channel MOSFET
logo
GOOD-ARK Electronics
SS7505 GOOD-ARK-SS7505_15 Datasheet
1Mb / 7P
   75V N-Channel MOSFET
SSF7509 GOOD-ARK-SSF7509_15 Datasheet
1Mb / 7P
   75V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com