Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FAN5068 Datasheet(PDF) 8 Page - Fairchild Semiconductor

No. de pieza FAN5068
Descripción Electrónicos  DDR-1/DDR-2 plus ACPI Regulator Combo
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5068 Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button FAN5068 Datasheet HTML 4Page - Fairchild Semiconductor FAN5068 Datasheet HTML 5Page - Fairchild Semiconductor FAN5068 Datasheet HTML 6Page - Fairchild Semiconductor FAN5068 Datasheet HTML 7Page - Fairchild Semiconductor FAN5068 Datasheet HTML 8Page - Fairchild Semiconductor FAN5068 Datasheet HTML 9Page - Fairchild Semiconductor FAN5068 Datasheet HTML 10Page - Fairchild Semiconductor FAN5068 Datasheet HTML 11Page - Fairchild Semiconductor FAN5068 Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
PRODUCT SPECIFICATION
FAN5068
8
REV. 1.0.1 9/9/04
Circuit Description
Overview
Control Functions
S3#I, EN Input Threshold
1.0
1.25
1.55
V
S3#I EN Input Current
–1
1
µA
Over-Temperature Shutdown
150
°C
Over-Temperature Hysteresis
25
°C
S3#O Output Low RDS(ON)
170
300
S3#O Output High Leakage
V(S3#O) = 12V
4
10
µA
SBSW Output Low Resistance
5V MAIN OK
125
200
SBSW Sink current (note 1)
5V MAIN < UVLO
500
nA
SBSW Output High (note 2)
820
1200
Electrical Specifications (continued)
Recommended operating conditions, component values per Figure 1 unless otherwise noted.
Parameter
Conditions
Min.
Typ.
Max.
Units
The FAN5068 provides 5 functions:
1.
A general purpose PWM regulator, typically used to gen-
erate VDDQ for DDR memory.
2.
A low-dropout linear VTT regulator capable of sinking
and sourcing 1.5A peak.
3.
An adjustable Ultra Low Drop Out (ULDO) controller
which, in conjunction with an external N-Channel power
MOSFET, provides a programmable low voltage output.
The power source for this output is typically the VDDQ
output and is used to provide the 1.2V GTL
processor FSB termination voltage.
4.
Control for generating a 5V DUAL voltage using an
external N-channel to supply power from 5V MAIN in
S0, and an external P-Channel to provide power from 5V
Standby (5VSB) in S3.
5.
An internal LDO which regulates "3.3V Always" in S3
mode from VCC(VSB). In S3, this regulator is capable
of 1.25A peak currents with average currents limited by
the thermal design of the PCB.
At initial power-up, or when transitioning from S5, the PWM
regulator will be disabled until 5V MAIN is above its UVLO
threshold.
Table 2. ACPI States
STATE
S3#I
EN (S5#)
S3#O
SBSW
VDDQ
VTT
G1.2 LDO 3.3 ALW LDO
S5
XL
L
H
OFF
OFF
OFF
ON
S3
LH
L
L
ON
OFF
OFF
ON
S0
HH
HH
ON
ON
ON
OFF
STATE
3.3 ALW
5V Dual
S5
LDO
OFF
S3
LDO
+5VSB
S0
Q5 (MAIN)
+5 MAIN


Número de pieza similar - FAN5068

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN5068ACPI FAIRCHILD-FAN5068ACPI Datasheet
70Kb / 4P
   FAN5068 Component calculation and simulation tools
FAN5068DDR FAIRCHILD-FAN5068DDR Datasheet
70Kb / 4P
   FAN5068 Component calculation and simulation tools
More results

Descripción similar - FAN5068

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN5078 FAIRCHILD-FAN5078 Datasheet
338Kb / 16P
   DDR/ACPI Regulator Combo
logo
Intersil Corporation
ISL6548 INTERSIL-ISL6548 Datasheet
464Kb / 15P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Richtek Technology Corp...
RT9644 RICHTEK-RT9644 Datasheet
357Kb / 17P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Intersil Corporation
ISL6548A INTERSIL-ISL6548A_06 Datasheet
500Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Renesas Technology Corp
ISL6532 RENESAS-ISL6532 Datasheet
772Kb / 15P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6548A RENESAS-ISL6548A Datasheet
788Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Intersil Corporation
ISL6532C INTERSIL-ISL6532C Datasheet
506Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Renesas Technology Corp
ISL6532A RENESAS-ISL6532A Datasheet
890Kb / 18P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Intersil Corporation
ISL6537ACRZ-T INTERSIL-ISL6537ACRZ-T Datasheet
413Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6548A INTERSIL-ISL6548A Datasheet
494Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com