Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FAN5068 Datasheet(PDF) 10 Page - Fairchild Semiconductor

No. de pieza FAN5068
Descripción Electrónicos  DDR-1/DDR-2 plus ACPI Regulator Combo
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5068 Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button FAN5068 Datasheet HTML 6Page - Fairchild Semiconductor FAN5068 Datasheet HTML 7Page - Fairchild Semiconductor FAN5068 Datasheet HTML 8Page - Fairchild Semiconductor FAN5068 Datasheet HTML 9Page - Fairchild Semiconductor FAN5068 Datasheet HTML 10Page - Fairchild Semiconductor FAN5068 Datasheet HTML 11Page - Fairchild Semiconductor FAN5068 Datasheet HTML 12Page - Fairchild Semiconductor FAN5068 Datasheet HTML 13Page - Fairchild Semiconductor FAN5068 Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
PRODUCT SPECIFICATION
FAN5068
10
REV. 1.0.1 9/9/04
Figure 6. Start-up Sequence into S0.
VDDQ
5V SB
V(UVLO)
4V
1V
3.3V LDO
T0
3.8V
T1
T2
T3 T4
T5
PWM Regulator
A PSPICE model and spreadsheet calculator are available for
the VDDQ PWM regulator to select external components
and verify loop stability. The topics covered below provide
the explanation behind the calculations in the spreadsheet.
Setting the output voltage
The output voltage of the PWM regulator can be set in the
range of 0.9V to 90% of its power input by an external resis-
tor divider.
The internal reference is 0.9V. The output is divided down by
an external voltage divider to the FB pin (for example, R1
and R2 in Figure 1). There is also a 1µA precision (±5%)
current sourced out of FB to ensure that if the pin is open,
VDDQ will remain low. The output voltage therefore is:
To minimize noise pickup on this node, keep the resistor to
GND (R2) below 2k. We selected R2 at 1.82k and solved for
R1.
The synchronous buck converter is optimized for 5V opera-
tion. The PWM modulator uses an average current mode
control for simplified feedback loop compensation.
Oscillator
The oscillator frequency is 300kHz. The internal PWM ramp
is reset on the rising clock edge.
PWM Soft Start
When the PWM regulator is enabled the circuit will wait
until the VDDQ IN pin is below 100mV to ensure that the
soft-start cycle does not begin with a large residual voltage
on the PWM regulator output.
When the PWM regulator is disabled, 50
Ω is turned on from
VDDQ IN to PGND to discharge the output.
The voltage at the positive input of the error amplifier is
limited to VCSS which is charged with a 50µA current
source. Once CSS has charged to 0.9V, the output voltage
will be in regulation.
The time it takes SS to reach 0.9V is:
where T0.9 is in ms if CSS is in nF.
CSS charges another 400mV before the PWM regulator’s
latched faults are enabled. When CSS reaches 2.5V, the VTT
and 1.2V LDO will begin their soft-start ramps. After the
VTT and 1.2V LDO regulators are in regulation, PGOOD is
then allowed to go HIGH (open). UVLO on VCC will
discharge SS and reset the IC.
To prevent large duty cycles and high currents during the
beginning of the PWM soft-start, the input to the PWM com-
parator is also clamped by CSS. This clamping action has no
practical effect on operation of the circuit after CSS has
passed about 0.4V.
0.9V
R2
------------
V
OUT
0.9V
R1
---------------------------------1
µA
+
=
(3a)
R1
R2
V
OUT
0.9
()
0.9
1
µA
----------------------------------------------
1.816k
1.82k
==
(3b)
T
0.9
0.9
C
SS
×
50
-----------------------
=
(4)


Número de pieza similar - FAN5068

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN5068ACPI FAIRCHILD-FAN5068ACPI Datasheet
70Kb / 4P
   FAN5068 Component calculation and simulation tools
FAN5068DDR FAIRCHILD-FAN5068DDR Datasheet
70Kb / 4P
   FAN5068 Component calculation and simulation tools
More results

Descripción similar - FAN5068

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN5078 FAIRCHILD-FAN5078 Datasheet
338Kb / 16P
   DDR/ACPI Regulator Combo
logo
Intersil Corporation
ISL6548 INTERSIL-ISL6548 Datasheet
464Kb / 15P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Richtek Technology Corp...
RT9644 RICHTEK-RT9644 Datasheet
357Kb / 17P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Intersil Corporation
ISL6548A INTERSIL-ISL6548A_06 Datasheet
500Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Renesas Technology Corp
ISL6532 RENESAS-ISL6532 Datasheet
772Kb / 15P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6548A RENESAS-ISL6548A Datasheet
788Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Intersil Corporation
ISL6532C INTERSIL-ISL6532C Datasheet
506Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Renesas Technology Corp
ISL6532A RENESAS-ISL6532A Datasheet
890Kb / 18P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Intersil Corporation
ISL6537ACRZ-T INTERSIL-ISL6537ACRZ-T Datasheet
413Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6548A INTERSIL-ISL6548A Datasheet
494Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com