Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FDS7779Z Datasheet(PDF) 3 Page - Fairchild Semiconductor

No. de pieza FDS7779Z
Descripción Electrónicos  30 Volt P-Channel PowerTrench MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS7779Z Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FDS7779Z Datasheet HTML 1Page - Fairchild Semiconductor FDS7779Z Datasheet HTML 2Page - Fairchild Semiconductor FDS7779Z Datasheet HTML 3Page - Fairchild Semiconductor FDS7779Z Datasheet HTML 4Page - Fairchild Semiconductor FDS7779Z Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
FDS7779Z Rev C1 (W)
0
10
20
30
40
50
00.5
11.5
2
-VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS = -10V
-3.0V
-3.5V
-6.0V
-4.5V
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
0
15304560
-ID, DRAIN CURRENT (A)
VGS = - 3.5V
-6.0V
-4.5V
-10V
-5.0V
-8.0V
-4.0V
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
-50
-25
0
25
50
75
100
125
150
175
TJ, JUNCTION TEMPERATURE (
oC)
ID = -16A
VGS = -10V
0.01
0.01
0.02
0.02
0.03
0.03
24
68
10
-VGS, GATE TO SOURCE VOLTAGE (V)
ID = -8A
TA = 125
oC
TA = 25
oC
0
20
40
60
80
1.5
2
2.5
3
3.5
4
-VGS, GATE TO SOURCE VOLTAGE (V)
TA = -55
oC
25
oC
125
oC
VDS = -5V
0.001
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
-VSD, BODY DIODE FORWARD VOLTAGE (V)
VGS = 0V
TA = 125
oC
25
oC
-55
oC
Typical Characteristics
Figure 1. On-Region Characteristics.
Figure 2. On-Resistance Variation with
Drain Current and Gate Voltage.
igure 3. On-Resistance Variation with
Temperature.
Figure 4. On-Resistance Variation with
Gate-to-Source Voltage.
Figure 5. Transfer Characteristics.
Figure 6. Body Diode Forward Voltage Variation
with Source Current and Temperature.


Número de pieza similar - FDS7779Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FDS7760A FAIRCHILD-FDS7760A Datasheet
205Kb / 8P
   N-Channel Logic Level PowerTrench MOSFET
FDS7764A FAIRCHILD-FDS7764A Datasheet
276Kb / 8P
   30V N-Channel PowerTrench MOSFET
FDS7764S FAIRCHILD-FDS7764S Datasheet
127Kb / 7P
   30V N-Channel PowerTrench SyncFET
FDS7766 FAIRCHILD-FDS7766 Datasheet
121Kb / 5P
   30V N-Channel PowerTrench MOSFET
FDS7766S FAIRCHILD-FDS7766S Datasheet
160Kb / 6P
   30V N-Channel PowerTrench MOSFET
More results

Descripción similar - FDS7779Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FDS6679 FAIRCHILD-FDS6679 Datasheet
69Kb / 5P
   30 Volt P-Channel PowerTrench MOSFET
FDS6681Z FAIRCHILD-FDS6681Z Datasheet
108Kb / 6P
   30 Volt P-Channel PowerTrench MOSFET
FDS7079ZN3 FAIRCHILD-FDS7079ZN3 Datasheet
183Kb / 6P
   30 Volt P-Channel PowerTrench MOSFET
FDS6679Z FAIRCHILD-FDS6679Z Datasheet
66Kb / 5P
   30 Volt P-Channel PowerTrench MOSFET
FDS4435BZ FAIRCHILD-FDS4435BZ Datasheet
94Kb / 4P
   30 Volt P-Channel PowerTrench MOSFET
FDS6673AZ FAIRCHILD-FDS6673AZ Datasheet
130Kb / 5P
   30 Volt P-Channel PowerTrench MOSFET
FDZ208P FAIRCHILD-FDZ208P Datasheet
195Kb / 5P
   P-Channel 30 Volt PowerTrench BGA MOSFET
FDS4935BZ FAIRCHILD-FDS4935BZ Datasheet
154Kb / 5P
   Dual 30 Volt P-Channel PowerTrench MOSFET
FDS6679 FAIRCHILD-FDS6679_05 Datasheet
98Kb / 4P
   30 Volt P-Channel PowerTrench짰 MOSFET
FDMC510P FAIRCHILD-FDMC510P Datasheet
277Kb / 7P
   P-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com