Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LD29150V18 Datasheet(PDF) 7 Page - STMicroelectronics

No. de pieza LD29150V18
Descripción Electrónicos  1.5A, VERY LOW DROP VOLTAGE REGULATORS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD29150V18 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button LD29150V18 Datasheet HTML 3Page - STMicroelectronics LD29150V18 Datasheet HTML 4Page - STMicroelectronics LD29150V18 Datasheet HTML 5Page - STMicroelectronics LD29150V18 Datasheet HTML 6Page - STMicroelectronics LD29150V18 Datasheet HTML 7Page - STMicroelectronics LD29150V18 Datasheet HTML 8Page - STMicroelectronics LD29150V18 Datasheet HTML 9Page - STMicroelectronics LD29150V18 Datasheet HTML 10Page - STMicroelectronics LD29150V18 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
LD29150 SERIES
7/17
Table 10: Electrical Characteristics Of LD29150#ADJ
(IO = 10mA, TJ = 25°C, VI = 3.23 V, VINH = 2V (Note 3), CI = 330nF, CO = 10µF adjust pin tied to output
pin)
NOTE 1: Guaranteed by design.
NOTE 2: reference Voltage is measured between output and GND pin, with ADJ PIN tied to VOUT.
NOTE 3: Only for version with Inhibit function.
TYPICAL CHARACTERISTICS
Figure 5: Output Voltage vs Temperature
Figure 6: Reference Voltage vs Temperature
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VI
Minimum Operating Input
Voltage
IO = 10mA to 1.5A
TJ = -40 to 125°C
2.5
V
∆V
O
Load Regulation
IO = 10mA to 1.5A
0.2
1.0
%
∆V
O
Line Regulation
VI = 2.5 V to 13V
IO = 10mA
0.06
0.5
%
VREF
Reference Voltage
IO = 10mA to 1.5A, VI = 2.5 to 4.5V
TJ = -40 to 125°C (Note 2)
-1%
1.23
+1%
V
-2%
+2%
SVR
Supply Voltage Rejection
f = 120 Hz, VI = 3.23 ± 1V, IO = 0.75A
(Note 1)
45
75
dB
Iq
Quiescent Current
IO = 0.75A, TJ = -40 to 125°C
15
40
mA
IO = 1.5A, TJ = -40 to 125°C
30
80
VI = 13V, VINH = GND
TJ = -40 to 125°C
130
180
µA
IADJ
Adjust Pin Current
TJ = -40 to 125°C (Note 1)
1
µA
Isc
Short Circuit Current
VI - VO = 5.5V
2.2
A
VIL
Control Input Logic Low
OFF MODE, (NOTE 3)
TJ = -40 to 125°C
0.8
V
VIH
Control Input Logic High
ON MODE, (NOTE 3)
TJ = -40 to 125°C
2
V
IINH
Control Input Current
TJ = -40 to 125°C
VINH = 13V
5
10
µA
eN
Output Noise Voltage
BP = 10Hz to 100KHz
IO = 100mA
50
µVRMS


Número de pieza similar - LD29150V18

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
LD29150DT18R STMICROELECTRONICS-LD29150DT18R Datasheet
551Kb / 22P
   1.5 A, very low drop voltage regulators
LD29150DT25R STMICROELECTRONICS-LD29150DT25R Datasheet
551Kb / 22P
   1.5 A, very low drop voltage regulators
LD29150DT33R STMICROELECTRONICS-LD29150DT33R Datasheet
551Kb / 22P
   1.5 A, very low drop voltage regulators
LD29150DT50R STMICROELECTRONICS-LD29150DT50R Datasheet
551Kb / 22P
   1.5 A, very low drop voltage regulators
LD29150P2T33R STMICROELECTRONICS-LD29150P2T33R Datasheet
551Kb / 22P
   1.5 A, very low drop voltage regulators
More results

Descripción similar - LD29150V18

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
M29150A UTC-M29150A Datasheet
413Kb / 9P
   1.5A, VERY LOW DROP 1.5A, VERY LOW DROP
logo
STMicroelectronics
L4705 STMICROELECTRONICS-L4705 Datasheet
113Kb / 3P
   VERY LOW DROP VOLTAGE REGULATORS
LD29300 STMICROELECTRONICS-LD29300 Datasheet
530Kb / 17P
   3A, VERY LOW DROP VOLTAGE REGULATORS
logo
Sames
LD29300 SAMES-LD29300_07 Datasheet
508Kb / 26P
   3A, Very low drop voltage regulators
logo
STMicroelectronics
LD29150XX STMICROELECTRONICS-LD29150XX Datasheet
440Kb / 21P
   1.5 A, very low drop voltage regulators
LD2979XX STMICROELECTRONICS-LD2979XX Datasheet
298Kb / 15P
   Very low drop voltage regulators with inhibit
L4931ABXX STMICROELECTRONICS-L4931ABXX Datasheet
905Kb / 36P
   Very low drop voltage regulators with inhibit
LF00 STMICROELECTRONICS-LF00 Datasheet
649Kb / 34P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
LF00AB STMICROELECTRONICS-LF00AB Datasheet
260Kb / 32P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
LD29150DT18R STMICROELECTRONICS-LD29150DT18R Datasheet
551Kb / 22P
   1.5 A, very low drop voltage regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com