Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SA05-11SYKWA Datasheet(PDF) 1 Page - Kingbright Corporation

No. de pieza SA05-11SYKWA
Descripción Electrónicos  12.7mm (0.5INCH) SINGLE DIGIT NUMERIC DISPLAY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KINGBRIGHT [Kingbright Corporation]
Página de inicio  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

SA05-11SYKWA Datasheet(HTML) 1 Page - Kingbright Corporation

  SA05-11SYKWA Datasheet HTML 1Page - Kingbright Corporation SA05-11SYKWA Datasheet HTML 2Page - Kingbright Corporation SA05-11SYKWA Datasheet HTML 3Page - Kingbright Corporation SA05-11SYKWA Datasheet HTML 4Page - Kingbright Corporation SA05-11SYKWA Datasheet HTML 5Page - Kingbright Corporation SA05-11SYKWA Datasheet HTML 6Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SPEC NO: DSAM8401
REV NO: V.2A
DATE: MAR/30/2015
PAGE: 1 OF 6
APPROVED: WYNEC
CHECKED: Joe Lee
DRAWN: Q.M.Chen
ERP: 1301002506
12.7mm (0.5INCH) SINGLE DIGIT NUMERIC
DISPLAY
Part Number: SA05-11SYKWA
Super Bright Yellow
Features
0.5 inch digit height.
Low current operation.
Excellent character appearance.
Easy mounting on P.C. boards or sockets.
Mechanically rugged.
Standard : gray face, white segment.
RoHS compliant.
Description
The Super Bright Yellow device is made with AlGaInP (on
GaAs substrate) light emitting diode chip.
Package Dimensions& Internal Circuit Diagram
Notes:
1. All dimensions are in millimeters (inches), Tolerance is ±0.25(0.01")unless otherwise noted.
2. The specifications, characteristics and technical data described in the datasheet are subject to change without prior notice.


Número de pieza similar - SA05-11SYKWA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Kingbright Corporation
SA05-11SRWA KINGBRIGHT-SA05-11SRWA Datasheet
481Kb / 5P
   12.7 MM SINGLE DIGIT NUMERIC DISPLAYS
SA05-11SRWA KINGBRIGHT-SA05-11SRWA Datasheet
197Kb / 4P
   12.7mm (0.5INCH) SINGLE DIGIT NUMERIC DISPLAY
SA05-11SURKWA KINGBRIGHT-SA05-11SURKWA Datasheet
352Kb / 6P
   12.7mm (0.5INCH) SINGLE DIGIT NUMERIC DISPLAY
More results

Descripción similar - SA05-11SYKWA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Kingbright Corporation
SC05-11SRWA KINGBRIGHT-SC05-11SRWA Datasheet
195Kb / 4P
   12.7mm (0.5INCH) SINGLE DIGIT NUMERIC DISPLAY
SA05-11EWA KINGBRIGHT-SA05-11EWA Datasheet
197Kb / 4P
   12.7mm (0.5INCH) SINGLE DIGIT NUMERIC DISPLAY
SA05-11CGKWA KINGBRIGHT-SA05-11CGKWA Datasheet
351Kb / 6P
   12.7mm (0.5INCH) SINGLE DIGIT NUMERIC DISPLAY
SA05-11YWA KINGBRIGHT-SA05-11YWA Datasheet
197Kb / 4P
   12.7mm (0.5INCH) SINGLE DIGIT NUMERIC DISPLAY
SA05-11GWA KINGBRIGHT-SA05-11GWA Datasheet
197Kb / 4P
   12.7mm (0.5INCH) SINGLE DIGIT NUMERIC DISPLAY
SA05-11SRWA KINGBRIGHT-SA05-11SRWA Datasheet
197Kb / 4P
   12.7mm (0.5INCH) SINGLE DIGIT NUMERIC DISPLAY
SC05-11GWA KINGBRIGHT-SC05-11GWA Datasheet
197Kb / 4P
   12.7mm (0.5INCH) SINGLE DIGIT NUMERIC DISPLAY
SC05-11EWA KINGBRIGHT-SC05-11EWA Datasheet
198Kb / 4P
   12.7mm (0.5INCH) SINGLE DIGIT NUMERIC DISPLAY
SA05-11SURKWA KINGBRIGHT-SA05-11SURKWA Datasheet
352Kb / 6P
   12.7mm (0.5INCH) SINGLE DIGIT NUMERIC DISPLAY
SC05-11YWA KINGBRIGHT-SC05-11YWA Datasheet
198Kb / 4P
   12.7mm (0.5INCH) SINGLE DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com