Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ES1021QI Datasheet(PDF) 1 Page - Altera Corporation

No. de pieza ES1021QI
Descripción Electrónicos  Power Sequencing Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ALTERA [Altera Corporation]
Página de inicio  http://www.altera.com
Logo ALTERA - Altera Corporation

ES1021QI Datasheet(HTML) 1 Page - Altera Corporation

  ES1021QI Datasheet HTML 1Page - Altera Corporation ES1021QI Datasheet HTML 2Page - Altera Corporation ES1021QI Datasheet HTML 3Page - Altera Corporation ES1021QI Datasheet HTML 4Page - Altera Corporation ES1021QI Datasheet HTML 5Page - Altera Corporation ES1021QI Datasheet HTML 6Page - Altera Corporation ES1021QI Datasheet HTML 7Page - Altera Corporation ES1021QI Datasheet HTML 8Page - Altera Corporation ES1021QI Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
July 2014
Altera Corporation
© 2014 Altera Corporation. All rights reserved. ALTERA, ARRIA, CYCLONE, ENPIRION, HARDCOPY, MAX, MEGACORE,
NIOS, QUARTUS and STRATIX words and logos are trademarks of Altera Corporation and registered in the U.S. Patent and
Trademark Office and in other countries. All other words and logos identified as trademarks or service marks are the property of
their respective holders as described at www.altera.com/common/legal.html. Altera warrants performance of its semiconductor
products to current specifications in accordance with Altera's standard warranty, but reserves the right to make changes to any
products and services at any time without notice. Altera assumes no responsibility or liability arising out of the application or use
of any information, product, or service described herein except as expressly agreed to in writing by Altera. Altera customers are
advised to obtain the latest version of device specifications before relying on any published information and before placing orders
for products or services.
101 Innovation Drive
San Jose, CA 95134
www.altera.com
Subscribe
ISO
9001:2008
Registered
ES1021QI
Datasheet
The Altera Enpirion ES1021QI is an integrated 4-channel
controlled-on/controlled-off power-supply sequencer
with supply monitoring, fault protection and a “sequence
completed” signal (RESET). ES1021QI uses a patented,
micropower 7x charge pump to drive four external low-
cost NFET switch gates above the supply rail by 5.3V.
These ICs can be biased from 5V down to 1.5V by any
supply.
ES1021QI has two groups of two channels, each with its
independent I/O. It is ideal for voltage sequencing into
redundant capability loads. All four inputs must be
satisfied before turn-on, but a single group fault is
ignored by the other group.
External resistors provide flexible voltage threshold
programming of monitored rail voltages. Delay and
sequencing are provided by external capacitors for
ramp-up and ramp-down.
Additional I/O is provided for indicating and driving
the RESET state in various configurations.
For volume applications, other programmable options
and features are available.
Features
• Enables Arbitrary Turn-on and Turn-off Sequencing of
Up to Four Power Supplies (0.7V to 5V)
• Operates From 1.5V to 5V Supply Voltage
• Supplies VDD +5.3V of Charge Pumped Gate Drive
• Adjustable Voltage Slew Rate for Each Rail
• Multiple Sequencers Can be Daisy-Chained to Sequence
an Infinite Number of Independent Supplies
• Glitch Immunity
• Undervoltage Lockout for Each Supply
• Active Low ENABLE Input
• Dual Channel Groupings
• QFN Package
• Pb-free (RoHS-compliant)
Applications
•Graphics Cards
• FPGA/ASIC/Microprocessor/PowerPC Supply
Sequencing
•Network Routers
• Telecommunications Systems
FIGURE 1. TYPICAL ES1021QI APPLICATION
V1OUT
V2OUT
V3OUT
V4OUT
UVLO_B
UVLO_A
UVLO_D
UVLO_C
V1
V2
V3
V4
ENABLE_1
ENABLE_2
GROUND
RESET
VDD
RESET_2
FIGURE 2. ES1021QI GROUP INDEPENDENT TURN-OFF AND DELAY
ADJUSTABLE PRE-PROGRAMMED TURN-ON
B_VOUT
C_VOUT
D_VOUT
A_VOUT
EN_2 5V/DIV
EN_1 5V/DIV
Enpirion® Power Datasheet
ES1021QI Power Sequencing Controller
10128
July 9, 2014
Rev A


Número de pieza similar - ES1021QI

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Altera Corporation
ES1022SI ALTERA-ES1022SI Datasheet
1,000Kb / 14P
   Adjustable Quad Sequencer
More results

Descripción similar - ES1021QI

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Supertex, Inc
PS10 SUTEX-PS10 Datasheet
271Kb / 13P
   Quad Power Sequencing Controller
PS12 SUTEX-PS12 Datasheet
933Kb / 10P
   Quad Power Sequencing Controller
PS10NG SUTEX-PS10NG Datasheet
652Kb / 9P
   Quad Power Sequencing Controller
logo
Summit Microelectronics...
SMH4804 SUMMIT-SMH4804 Datasheet
592Kb / 41P
   -48V Programmable Hot Swap Sequencing Power Controller
logo
Intersil Corporation
ISL6123 INTERSIL-ISL6123_07 Datasheet
502Kb / 21P
   Power Sequencing Controllers
ISL8723 INTERSIL-ISL8723 Datasheet
301Kb / 14P
   Power Sequencing Controllers
ISL6123 INTERSIL-ISL6123 Datasheet
516Kb / 23P
   Power Sequencing Controllers
August 25, 2011
ISL6123 INTERSIL-ISL6123_11 Datasheet
747Kb / 23P
   Power Sequencing Controllers
logo
Lattice Semiconductor
ISPPAC-POWR604 LATTICE-ISPPAC-POWR604 Datasheet
266Kb / 29P
   In-System Programmable Power Supply Sequencing Controller and Monitor
logo
Renesas Technology Corp
ISL8723 RENESAS-ISL8723 Datasheet
663Kb / 14P
   Power Sequencing Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com