Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GS4288C09 Datasheet(PDF) 6 Page - GSI Technology

No. de pieza GS4288C09
Descripción Electrónicos  32M x 9, 16M x 18, 8M x 36 288Mb CIO Low Latency DRAM (LLDRAM) II
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  GSI [GSI Technology]
Página de inicio  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS4288C09 Datasheet(HTML) 6 Page - GSI Technology

Back Button GS4288C09 Datasheet HTML 2Page - GSI Technology GS4288C09 Datasheet HTML 3Page - GSI Technology GS4288C09 Datasheet HTML 4Page - GSI Technology GS4288C09 Datasheet HTML 5Page - GSI Technology GS4288C09 Datasheet HTML 6Page - GSI Technology GS4288C09 Datasheet HTML 7Page - GSI Technology GS4288C09 Datasheet HTML 8Page - GSI Technology GS4288C09 Datasheet HTML 9Page - GSI Technology GS4288C09 Datasheet HTML 10Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 62 page
background image
GS4288C09/18/36L
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.03 7/2014
6/62
© 2011, GSI Technology
Operations
Initialization
A specific power-up and initialization sequence must be observed. Other sequences may result in undefined operations or
permanent damage to the device.
Power-up:
1. Apply power (VEXT, VDD, VDDQ, VREF, VTT) . Start clock after the supply voltages are stable. Apply VDD and VEXT before or
at the same time as VDDQ
1. Apply V
DDQ before or at the same time as VREF and VTT. The chip starts internal initlization
only after both voltages approach their nominal levels. CK/CK must meet VID(DC) prior to being applied
2. Apply only
NOP commands to start. Ensuring CK/CK meet V
ID
(DC) while loading NOP commands guarantees that the LLDRAM II
will not receive damaging commands during initialization.
2. Idle with continuing NOP commands for 200
s (MIN).
3. Issue three or more consecutive MRS commands: two or more dummies plus one valid MRS. The consecutive MRS
commands will reset internal logic of the LLDRAM II. tMRSC does not need to be met between these consecutive
commands. Address pins should be held Low during the dummy MRS commands.
QVLD
Output
Data Valid—The QVLD pin indicates valid output data. QVLD is edge-aligned with QKx and QKx.
TDO
Output
IEEE 1149.1 Test Output—JTAG output. This ball may be left as no connect if the JTAG function is not
used.
VDD
Supply
Power Supply—Nominally, 1.8 V. See the DC Electrical Characteristics and Operating Conditions
section for range.
VDDQ
Supply
DQ Power Supply—Nominally, 1.5 V or 1.8 V. Isolated on the device for improved noise immunity. See
the DC Electrical Characteristics and Operating Conditions section for range.
VEXT
Supply
Power Supply—Nominally, 2.5 V. See the DC Electrical Characteristics and Operating Conditions
section for range.
VSS
Supply
Ground
VTT
Power Supply—Isolated termination supply. Nominally, VDDQ/2. See the DC Electrical Characteristics
and Operating Conditions section for range.
A21, A22
Reserved for Future Use—This signal is not connected and may be connected to ground.
DNU
Do Not Use—These balls may be connected to ground.
NF
No Function—These balls can be connected to ground.
Ball Descriptions (Continued)
Symbol
Type
Description


Número de pieza similar - GS4288C09

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
EUROQUARTZ limited
GS42 EUROQUARTZ-GS42 Datasheet
96Kb / 1P
   11.4 x 9.6 x 2.5mm SMD Sine Wave VCXO
logo
GTM CORPORATION
GS420SD GTM-GS420SD Datasheet
163Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
E-Tech Electronics LTD
GS420SD ETL-GS420SD Datasheet
169Kb / 2P
   S U R F A C E M O U N T, S C H O T T K Y B A R R I E R D I O D E V O L T A G E 4 0 V, C U R R E N T 0 . 1 A
logo
GTM CORPORATION
GS421SD GTM-GS421SD Datasheet
150Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
E-Tech Electronics LTD
GS421SD ETL-GS421SD Datasheet
155Kb / 2P
   S U R F A C E M O U N T, S C H O T T K Y B A R R I E R D I O D E V O L T A G E 4 0 V, C U R R E N T 0 . 1 A
More results

Descripción similar - GS4288C09

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
GSI Technology
GS4576C09 GSI-GS4576C09 Datasheet
2Mb / 62P
   64M x 9, 32M x 18, 16M x 36 576Mb CIO Low Latency DRAM (LLDRAM II)
GS4576C36GL-25I GSI-GS4576C36GL-25I Datasheet
2Mb / 63P
   576Mb CIO Low Latency DRAM (LLDRAM II)
GS8256436GD-250I GSI-GS8256436GD-250I Datasheet
431Kb / 35P
   16M x 18, 8M x 36 288Mb DCD Sync Burst SRAMs
GS8256418GB-250I GSI-GS8256418GB-250I Datasheet
431Kb / 35P
   16M x 18, 8M x 36 288Mb DCD Sync Burst SRAMs
GS8256436GD-200IV GSI-GS8256436GD-200IV Datasheet
422Kb / 33P
   16M x 18, 8M x 36 288Mb DCD Sync Burst SRAMs
GS8256436GB-200IV GSI-GS8256436GB-200IV Datasheet
422Kb / 33P
   16M x 18, 8M x 36 288Mb DCD Sync Burst SRAMs
GS8256418GD-250I GSI-GS8256418GD-250I Datasheet
431Kb / 35P
   16M x 18, 8M x 36 288Mb DCD Sync Burst SRAMs
logo
Micron Technology
MT49H8M36 MICRON-MT49H8M36 Datasheet
1Mb / 49P
   288Mb CIO Reduced Latency
logo
Integrated Silicon Solu...
IS45S81600E ISSI-IS45S81600E Datasheet
870Kb / 61P
   16M x 8, 8M x16 128Mb SYNCHRONOUS DRAM
IS42S81600E ISSI-IS42S81600E Datasheet
934Kb / 61P
   16M x 8, 8M x16 128Mb SYNCHRONOUS DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com