Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LF347N Datasheet(PDF) 9 Page - National Semiconductor (TI) |
|
|
LF347N Datasheet(HTML) 9 Page - National Semiconductor (TI) |
9 / 13 page Typical Applications Digitally Selectable Precision Attenuator DS005647-10 All resistors 1% tolerance • Accuracy of better than 0.4% with standard 1% value resistors • No offset adjustment necessary • Expandable to any number of stages • Very high input impedance A1 A2 A3 V O Attenuation 000 0 0 0 1 −1 dB 0 1 0 −2 dB 0 1 1 −3 dB 1 0 0 −4 dB 1 0 1 −5 dB 1 1 0 −6 dB 1 1 1 −7 dB www.national.com 9 |
Número de pieza similar - LF347N |
|
Descripción similar - LF347N |