Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SA1162 Datasheet(PDF) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

No. de pieza 2SA1162
Descripción Electrónicos  Plastic-Encapsulate Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HOTTECH [GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.]
Página de inicio  http://www.hottech.net.cn/
Logo HOTTECH - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

2SA1162 Datasheet(HTML) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

  2SA1162 Datasheet HTML 1Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. 2SA1162 Datasheet HTML 2Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page:P2-P1
Plastic-Encapsulate Transistors
GUANGDONG
HOTTECH
INDUSTRIAL
CO,. LTD.
FEATURES
Low noise : NF= 1dB(Typ.),10dB (Max.)
Complementary to 2SC2712.
Small Package.
MAXIMUM RATINGS (TA=25
unless otherwise noted)
Parameter
Symbol
Value
Unit
Collector-Base Voltage
V
CBO
-50
V
Collector-Emitter Voltage
V
CEO
-50
V
Emitter-Base Voltage
V
EBO
-5
V
Collector Current -Continuous
I
C
-150
mA
Collector Power Dissipation
PC
150
mW
Junction Temperature
T
J
125
Storage Temperature
Tstg
-55 to +150
ELECTRICAL CHARACTERISTICS (Tamb=25
unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
VCBO
IC=-100u A,IE=0
-50
V
Collector-emitter breakdown voltage
VCEO
IC=-1mA,IB=0
-50
V
Emitter-base breakdown voltage
VEBO
IE=-100 u A,IC=0
-5
V
Collector cut-off current
ICBO
VCB=-50V,IE=0
-0.1
u A
Emitter cut-off current
IEBO
VEB=-5V,IC=0
-0.1
u A
DC current gain
hFE
VCE=-6V,IC=-2mA
70
400
Collector-emitter saturation voltage
VCE(sat)
IC=-100mA,IB=-10mA
-0.3
V
Transition frequency
fT
VCE=-10V,IC=-1mA
80
MHz
Collector output capacitance
Cob
VCB=-10V,IE=0,f=1MHz
7
pF
Noise figure
NF
VCE=-6V,Ic=0.1mA,
f=1KHZ,Rg=10KΩ
10
dB
Rank
SO
SY
SG
Range
70-140
120-240
200-400
2SA1162(PNP)
1. BASE
2. EMITTER
SOT-23
3. COLLECTO


Número de pieza similar - 2SA1162

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
2SA1162 TOSHIBA-2SA1162 Datasheet
153Kb / 2P
   TRANSISTOR (AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER APPLICATIONS)
logo
SHENZHEN YONGERJIA INDU...
2SA1162 WINNERJOIN-2SA1162 Datasheet
98Kb / 1P
   PNP EPITAXIAL SILICON TRANSISTOR
logo
TRANSYS Electronics Lim...
2SA1162 TEL-2SA1162 Datasheet
69Kb / 1P
   Plastic-Encapsulated Transistors
logo
Toshiba Semiconductor
2SA1162 TOSHIBA-2SA1162 Datasheet
189Kb / 3P
   TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT process)
2SA1162 TOSHIBA-2SA1162 Datasheet
391Kb / 3P
   Audio Frequency General Purpose Amplifier Applications
More results

Descripción similar - 2SA1162

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
S9013 ETC-S9013 Datasheet
963Kb / 2P
   PLASTIC ENCAPSULATE TRANSISTORS
logo
GUANGDONG HOTTECH INDUS...
2SC4672 HOTTECH-2SC4672 Datasheet
175Kb / 2P
   Plastic-Encapsulate Transistors
2SB1260 HOTTECH-2SB1260 Datasheet
173Kb / 2P
   Plastic-Encapsulate Transistors
A44 HOTTECH-A44 Datasheet
304Kb / 2P
   Plastic-Encapsulate Transistors
BAS21 HOTTECH-BAS21 Datasheet
274Kb / 2P
   Plastic-Encapsulate Transistors
2SA812 HOTTECH-2SA812 Datasheet
306Kb / 2P
   Plastic-Encapsulate Transistors
MMBT5401 HOTTECH-MMBT5401 Datasheet
191Kb / 2P
   Plastic-Encapsulate Transistors
MMBTA05 HOTTECH-MMBTA05 Datasheet
274Kb / 2P
   Plastic-Encapsulate Transistors
2SC4115 HOTTECH-2SC4115 Datasheet
1Mb / 2P
   Plastic-Encapsulate Transistors
MMST2907A HOTTECH-MMST2907A Datasheet
202Kb / 2P
   Plastic-Encapsulate Transistors
MMST3906 HOTTECH-MMST3906 Datasheet
339Kb / 2P
   Plastic-Encapsulate Transistors
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com