Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TA48018F Datasheet(PDF) 5 Page - Toshiba Semiconductor

No. de pieza TA48018F
Descripción Electrónicos  1.8 V, 2 V, 2.5 V, 3 V, 3.3 V, 5 V Three-Terminal Low Dropout Voltage Regulator with Output Current of 1 A
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA48018F Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TA48018F Datasheet HTML 1Page - Toshiba Semiconductor TA48018F Datasheet HTML 2Page - Toshiba Semiconductor TA48018F Datasheet HTML 3Page - Toshiba Semiconductor TA48018F Datasheet HTML 4Page - Toshiba Semiconductor TA48018F Datasheet HTML 5Page - Toshiba Semiconductor TA48018F Datasheet HTML 6Page - Toshiba Semiconductor TA48018F Datasheet HTML 7Page - Toshiba Semiconductor TA48018F Datasheet HTML 8Page - Toshiba Semiconductor TA48018F Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
TA48018,02,025,03,033,05F/S
2004-07-01
5
TA4803F/S
Electrical Characteristics
(Unless otherwise specified, CIN = 0.33 µF, COUT = 10 µF, Tj = 25°C)
Characteristics
Symbol
Test Conditions
Min
Typ.
Max
Unit
VIN = 5.0 V, IOUT = 0.5 A
2.91
3.0
3.09
Output voltage
VOUT
4.0 V <= VIN <= 12 V, 5 mA <= IOUT <= 1 A,
0°C <= Tj <= 125°C
2.865
3.0
3.135
V
Line regulation
Reg・line
4.0 V <= VIN <= 12 V, IOUT = 0.5 A
5
20
mV
Load regulation
Reg・load
VIN = 5.0 V, 5 mA <= IOUT <= 1 A
5
20
mV
4.0 V <= VIN <= 12 V, IOUT = 0 A
0.8
1.8
Quiescent current
IB
4.0 V <= VIN <= 12 V, IOUT = 1 A
10
20
mA
VIN = 2.1 V, IOUT = 0 A
1.1
5
Starting quiescent current
IBstart
VIN = 2.8 V, IOUT = 1 A
13
30
mA
Output noise voltage
VNO
VIN = 5.0 V, IOUT = 50 mA
10 Hz <= f <= 100 kHz
110
µVrms
Ripple rejection
R.R.
4.0 V <= VIN ≤ 12 V, IOUT = 50 mA
f = 120 Hz
50
66
dB
IOUT = 0.5 A
0.3
0.5
Dropout voltage
VD
IOUT = 1 A
0.4
V
Average temperature coefficient of
output voltage
TCVO
VIN = 5.0 V, IOUT = 5 mA,
0°C <= Tj <= 125°C
0.28
mV/°C
TA48033F/S
Electrical Characteristics
(Unless otherwise specified, CIN = 0.33 µF, COUT = 10 µF, Tj = 25°C)
Characteristics
Symbol
Test Conditions
Min
Typ.
Max
Unit
VIN = 5.3 V, IOUT = 0.5 A
3.2
3.3
3.4
Output voltage
VOUT
4.3 V <= VIN <= 12 V, 5 mA <= IOUT <= 1 A,
0°C <= Tj <= 125°C
3.152
3.3
3.448
V
Line regulation
Reg・line
4.3 V <= VIN <= 12 V, IOUT = 0.5 A
5
20
mV
Load regulation
Reg・load
VIN = 5.3 V, 5 mA <= IOUT <= 1 A
5
20
mV
4.3 V <= VIN <= 12 V, IOUT = 0 A
0.8
1.8
Quiescent current
IB
4.3 V <= VIN <= 12 V, IOUT = 1 A
10
20
mA
VIN = 2.1 V, IOUT = 0 A
1.1
5
Starting quiescent current
IBstart
VIN = 2.8 V, IOUT = 1 A
13
30
mA
Output noise voltage
VNO
VIN = 5.3 V, IOUT = 50 mA
10 Hz <= f <= 100 kHz
115
µVrms
Ripple rejection
R.R.
4.3 V <= VIN ≤ 12 V, IOUT = 50 mA
f = 120 Hz
50
66
dB
IOUT = 0.5 A
0.3
0.5
Dropout voltage
VD
IOUT = 1 A
0.4
V
Average temperature coefficient of
output voltage
TCVO
VIN = 5.3 V, IOUT = 5 mA,
0°C <= Tj <= 125°C
0.3
mV/°C


Número de pieza similar - TA48018F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TA48018F TOSHIBA-TA48018F_06 Datasheet
298Kb / 12P
   1.8 V, 2 V, 2.5 V, 3 V, 3.3 V, 5 V Three-Terminal Low Dropout Voltage Regulator with Output Current of 1 A
More results

Descripción similar - TA48018F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TA48018F TOSHIBA-TA48018F_06 Datasheet
298Kb / 12P
   1.8 V, 2 V, 2.5 V, 3 V, 3.3 V, 5 V Three-Terminal Low Dropout Voltage Regulator with Output Current of 1 A
TA48L018F TOSHIBA-TA48L018F Datasheet
188Kb / 10P
   1.8 V, 2 V, 2.5 V, 3 V, 3.3 V, 5 V Three-Terminal Low Dropout Voltage Regulator with Output Current of 0.15 A
logo
Allegro MicroSystems
SI-3006KWM ALLEGRO-SI-3006KWM Datasheet
369Kb / 9P
   1 A, Low-Dropout, Dual Output, 1.8 V & 3.3 V Regulator
logo
Sanken electric
SI-3003KWM SANKEN-SI-3003KWM Datasheet
369Kb / 9P
   1 A, Low-Dropout, Dual Output, 1.8 V & 2.5 V Regulator
logo
Allegro MicroSystems
SI-3002KWF ALLEGRO-SI-3002KWF Datasheet
261Kb / 6P
   1 A, Low-Dropout, Dual Output, 2.5 V & 3.3 V Regulator
SI-3002KWD ALLEGRO-SI-3002KWD Datasheet
440Kb / 9P
   1 A, Low-Dropout, Dual Output, 2.5 V & 3.3 V Regulator
SI-3002KWM ALLEGRO-SI-3002KWM Datasheet
368Kb / 9P
   1 A, Low-Dropout, Dual Output, 2.5 V & 3.3 V Regulator
logo
Toshiba Semiconductor
TA48015F TOSHIBA-TA48015F Datasheet
242Kb / 9P
   1.5 V Three-Terminal Low Dropout Voltage Regulator with Output Current of 1 A
logo
Allegro MicroSystems
SI-3018KM ALLEGRO-SI-3018KM Datasheet
371Kb / 9P
   1 A, Low-Dropout, 1.8 V Regulator
SI-3033KM ALLEGRO-SI-3033KM Datasheet
330Kb / 9P
   1 A, Low-Dropout, 3.3 V Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com