Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TDA9888 Datasheet(PDF) 3 Page - NXP Semiconductors |
|
TDA9888 Datasheet(HTML) 3 Page - NXP Semiconductors |
3 / 22 page 2004 Nov 02 3 Philips Semiconductors Product specification DVB selective AGC amplifier TDA9888TS; TDA9889TS QUICK REFERENCE DATA Note 1. Some parameters can be decreased at VP = 4.5 V. SYMBOL PARAMETER CONDITIONS MIN. TYP. MAX. UNIT VP supply voltage note 1 4.5 5 5.5 V IP supply current 46 55 64 mA Vo(LIF)(p-p) typical low IF operating output voltage (peak-to-peak value) − 2 − V GIF(max) maximum conversion gain output peak-to-peak level to input RMS level ratio 85 90 − dB GIF(cr) IF gain control range see Fig.3 60 70 − dB fosc synthesizer controlled oscillator frequencies see Tables 1 and 2 − 31 − MHz − 31.5 − MHz − 32 − MHz − 40 − MHz − 53 − MHz φN(synth) synthesizer phase noise performance at 1 kHz 89 99 − dBc at 10 kHz 89 97 − dBc at 100 kHz 98 102 − dBc αLIF low IF band amplitude characteristic 0 dB at middle of band (standard independent) −0.9 − +0.9 dB αN−1 low-pass filter attenuation 8 MHz band; at 15.75 MHz 15 −− dB αN+1 suppression of IF input frequencies below wanted band at low IF output input frequency between 21 and 31 MHz; referenced to 36 MHz 30 −− dB C/N carrier-to-noise ratio at low IF at ∆f > 1 MHz; see Fig.5 112 116 − dBc/Hz PSRR power supply ripple rejection [residual ripple AM, modulation factor m at 2 V (p-p) low IF signal] fripple = 70 Hz; see Fig.7 − 1.4 − % |
Número de pieza similar - TDA9888 |
|
Descripción similar - TDA9888 |