Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT4002A Datasheet(PDF) 2 Page - ON Semiconductor

No. de pieza CAT4002A
Descripción Electrónicos  Constant Current LED Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT4002A Datasheet(HTML) 2 Page - ON Semiconductor

  CAT4002A_11 Datasheet HTML 1Page - ON Semiconductor CAT4002A_11 Datasheet HTML 2Page - ON Semiconductor CAT4002A_11 Datasheet HTML 3Page - ON Semiconductor CAT4002A_11 Datasheet HTML 4Page - ON Semiconductor CAT4002A_11 Datasheet HTML 5Page - ON Semiconductor CAT4002A_11 Datasheet HTML 6Page - ON Semiconductor CAT4002A_11 Datasheet HTML 7Page - ON Semiconductor CAT4002A_11 Datasheet HTML 8Page - ON Semiconductor CAT4002A_11 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
CAT4002A, CAT4004A
http://onsemi.com
2
MARKING DIAGRAMS
TSOT23−6
UDFN8 (2 x 2 mm)
SC70−6
BGA
YM
BG = CAT4004A Device Code
A
= Assembly Location Code
Y
= Production Year (last digit)
M
= Production Month: 1 − 9, A, B, C
VL = CAT4002A Device Code
Y
= Production Year (last digit)
M
= Production Month: 1 − 9, A, B, C
VJ = CAT4002A Device Code
A
= Assembly Location Code
VLYM
VJA
Table 1. ABSOLUTE MAXIMUM RATINGS
Parameter
Rating
Unit
VIN, LEDx, RSET
6
V
EN/DIM Voltage
6
V
Storage Temperature Range
−65 to +160
°C
Junction Temperature Range
−40 to +125
°C
Lead Temperature
300
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
Table 2. ELECTRICAL OPERATING CHARACTERISTICS (Min and Max values are over recommended operating conditions
unless specified otherwise. Typical values are at VIN = 4.0 V, EN/DIM = High, and TAMB = 25°C.)
Symbol
Name
Conditions
Min
Typ
Max
Units
IQ
Quiescent Current
No load, RSET = Float
No load, RSET = 4.8 kW
0.2
0.5
mA
IQSHDN
Shutdown Current
VEN/DIM = 0 V
1
mA
ILED
LED Current Setting
RSET = 3.0 kW
25
mA
RSET = 4.99 kW
15
ILED−ACC
LED Current Accuracy
1 mA ≤ ILED ≤ 40 mA
±1
%
ILED−DEV
LED Channel Matching (Note 1)
ILED * ILEDAVG
ILEDAVG
−5
±1
+5
%
VRSET
RSET pin regulated voltage
0.57
0.6
0.63
V
VDOUT
Dropout Voltage
(90% of nominal LED current)
ILED = 20 mA
ILED = 1 mA
50
25
mV
REN/DIM
VHI
VLO
EN/DIM Pin
− Internal pull−down resistor
− Logic High Level
− Logic Low Level
1.3
200
0.4
kW
V
V
TSD
Thermal Shutdown
150
°C
THYS
Thermal Hysteresis
20
°C
VUVLO
Undervoltage lockout (UVLO) threshold
2.0
V
1. For CAT4004A, ILEDAVG = (ILED,CH1 + ILED,CH2 + ILED,CH3 + ILED,CH4) / 4
For CAT4002A, ILEDAVG = (ILED,CH1 + ILED,CH2) / 2


Número de pieza similar - CAT4002A_11

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAT4002A ONSEMI-CAT4002A_10 Datasheet
183Kb / 11P
   Constant Current LED Driver with 32 Dimming Levels and Rset
July, 2010 ??Rev. 0
More results

Descripción similar - CAT4002A_11

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sipex Corporation
SP7618 SIPEX-SP7618 Datasheet
408Kb / 10P
   Constant Current LED Driver
logo
Texas Instruments
TPS61042 TI-TPS61042 Datasheet
552Kb / 20P
[Old version datasheet]   CONSTANT CURRENT LED DRIVER
logo
Diodes Incorporated
AL5890 DIODES-AL5890 Datasheet
824Kb / 17P
   Constant Current LED Driver
logo
First Silicon Co., Ltd
FC2082G FS-FC2082G Datasheet
1Mb / 12P
   LED CONSTANT CURRENT DRIVER
logo
DIWELL Electronics Co.,...
SLE-24 DIWELL-SLE-24 Datasheet
418Kb / 9P
   Constant Current LED Driver
2012/07/19
CALE-48 DIWELL-CALE-48 Datasheet
444Kb / 7P
   Constant Current LED Driver
2016/09/23
logo
Texas Instruments
TPS61043 TI-TPS61043 Datasheet
516Kb / 21P
[Old version datasheet]   CONSTANT CURRENT LED DRIVER
logo
ON Semiconductor
CAT4004A ONSEMI-CAT4004A_11 Datasheet
165Kb / 11P
   Constant Current LED Driver
June, 2011 ??Rev. 2
logo
Protek Devices
PA5110 PROTEC-PA5110 Datasheet
178Kb / 7P
   Constant Current LED Driver.
logo
DIWELL Electronics Co.,...
CLE-12 DIWELL-CLE-12 Datasheet
1Mb / 8P
   Constant Current LED Driver
2016/09/12
logo
Rohm
BD1754HFN ROHM-BD1754HFN_15 Datasheet
1Mb / 21P
   Constant Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com