Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT4004A Datasheet(PDF) 7 Page - ON Semiconductor

No. de pieza CAT4004A
Descripción Electrónicos  Constant Current LED Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT4004A Datasheet(HTML) 7 Page - ON Semiconductor

Back Button CAT4004A_11 Datasheet HTML 3Page - ON Semiconductor CAT4004A_11 Datasheet HTML 4Page - ON Semiconductor CAT4004A_11 Datasheet HTML 5Page - ON Semiconductor CAT4004A_11 Datasheet HTML 6Page - ON Semiconductor CAT4004A_11 Datasheet HTML 7Page - ON Semiconductor CAT4004A_11 Datasheet HTML 8Page - ON Semiconductor CAT4004A_11 Datasheet HTML 9Page - ON Semiconductor CAT4004A_11 Datasheet HTML 10Page - ON Semiconductor CAT4004A_11 Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
CAT4002A, CAT4004A
http://onsemi.com
7
Basic Operation
The CAT400XA uses tightly matched current sinks to
accurately regulate LED current in each channel
proportional to the current sourced from the RSET pin.
There are 32 different settings for LED brightness that can
be programmed through the EN/DIM pin. Tight current
regulation for all channels is possible over a wide range of
input and LED voltages due to independent current sensing
circuitry on each channel.
Each LED channel needs a minimum of 50 mV headroom
to sink a constant regulated current of 20 mA. If the input
supply falls below 2.0 V typical, the under−voltage lockout
circuit disables all LED channels and resets the circuit to
default values. Any unused LED channels should be left
open.
LED Current Selection
After power−up, the LED current is set by the external
resistor (RSET) value and the number of pulses (n) on the
EN/DIM input as follows:
LED current + 125
0.6 V
RSET
31 * n
31
The full scale current is calculated from the above formula
with n equal to zero.
The EN/DIM pin has two primary functions. One function
enables and disables the device. The other function is LED
current dimming with 32 different levels by pulsing the input
signal, as shown on Figure 16. On each consecutive pulse
rising edge, the LED current is decreased by about 3.2%
(1/31th of the full scale value). After 30 pulses, the LED
current is 3.2% of the full scale current. On the 31st pulse, the
current drops to zero, and then goes back to full scale on the
following pulse.
Each pulse width should be between 200 ns and 100
ms.
Pulses faster than the minimum TLO may be ignored and
filtered by the device. Pulses longer than the maximum TLO
may shutdown the device. By pulsing the EN/DIM signal at
high frequency, the LED current can quickly be set to zero.
The LED driver enters a “zero current” shutdown mode if
EN/DIM is held low for 3 ms typical.
The dimming level is set by the number of pulses on the
EN/DIM after the power−up, as shown in Table 7.
Table 7. DIMMING LEVELS
Full Scale (Current in %)
Dimming Pulses [n]
100
0
97
1
94
2
90
3
87
4
84
5
81
6
77
7
74
8
71
9
68
10
65
11
61
12
58
13
55
14
52
15
48
16
45
17
42
18
39
19
35
20
32
21
29
22
26
23
23
24
19
25
16
26
13
27
10
28
6
29
3
30
0
31
100
32
Figure 16. EN/DIM Digital Dimming Timing Diagram
100%
EN/DIM
LED
Current
Shutdown
Shutdown
97% 94%
3%
0%
100%
32 Levels
TLED
TLO
THI
TPWRDWN


Número de pieza similar - CAT4004A_11

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAT4004AHU2-GT3 ONSEMI-CAT4004AHU2-GT3 Datasheet
183Kb / 11P
   Constant Current LED Driver with 32 Dimming Levels and Rset
July, 2010 ??Rev. 0
CAT4004AHU2-GT3 ONSEMI-CAT4004AHU2-GT3 Datasheet
165Kb / 11P
   Constant Current LED Driver
June, 2011 ??Rev. 2
More results

Descripción similar - CAT4004A_11

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sipex Corporation
SP7618 SIPEX-SP7618 Datasheet
408Kb / 10P
   Constant Current LED Driver
logo
Texas Instruments
TPS61042 TI-TPS61042 Datasheet
552Kb / 20P
[Old version datasheet]   CONSTANT CURRENT LED DRIVER
logo
Diodes Incorporated
AL5890 DIODES-AL5890 Datasheet
824Kb / 17P
   Constant Current LED Driver
logo
First Silicon Co., Ltd
FC2082G FS-FC2082G Datasheet
1Mb / 12P
   LED CONSTANT CURRENT DRIVER
logo
DIWELL Electronics Co.,...
SLE-24 DIWELL-SLE-24 Datasheet
418Kb / 9P
   Constant Current LED Driver
2012/07/19
CALE-48 DIWELL-CALE-48 Datasheet
444Kb / 7P
   Constant Current LED Driver
2016/09/23
logo
Texas Instruments
TPS61043 TI-TPS61043 Datasheet
516Kb / 21P
[Old version datasheet]   CONSTANT CURRENT LED DRIVER
logo
Protek Devices
PA5110 PROTEC-PA5110 Datasheet
178Kb / 7P
   Constant Current LED Driver.
logo
DIWELL Electronics Co.,...
CLE-12 DIWELL-CLE-12 Datasheet
1Mb / 8P
   Constant Current LED Driver
2016/09/12
logo
Rohm
BD1754HFN ROHM-BD1754HFN_15 Datasheet
1Mb / 21P
   Constant Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com