Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT4003BSD-GT3 Datasheet(PDF) 4 Page - ON Semiconductor

No. de pieza CAT4003BSD-GT3
Descripción Electrónicos  Constant Current Programmable LED Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT4003BSD-GT3 Datasheet(HTML) 4 Page - ON Semiconductor

  CAT4003BSD-GT3 Datasheet HTML 1Page - ON Semiconductor CAT4003BSD-GT3 Datasheet HTML 2Page - ON Semiconductor CAT4003BSD-GT3 Datasheet HTML 3Page - ON Semiconductor CAT4003BSD-GT3 Datasheet HTML 4Page - ON Semiconductor CAT4003BSD-GT3 Datasheet HTML 5Page - ON Semiconductor CAT4003BSD-GT3 Datasheet HTML 6Page - ON Semiconductor CAT4003BSD-GT3 Datasheet HTML 7Page - ON Semiconductor CAT4003BSD-GT3 Datasheet HTML 8Page - ON Semiconductor CAT4003BSD-GT3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
CAT4003B, CAT4004B
http://onsemi.com
4
Table 4. ELECTRICAL OPERATING CHARACTERISTICS
(over recommended operating conditions unless specified otherwise) (VIN = 4.0 V, EN = High, TAMB = 25°C) (Note 6)
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Quiescent Current
ILED = 25 mA/channel
IQ
0.5
0.7
1.5
mA
Shutdown Current
VEN = 0 V
IQSHDN
1
mA
Full Scale LED Current (Average) (Note 5)
ILED−FULL
24
25
26
mA
LED Channel Matching
ILED * ILEDAVG
ILEDAVG
ILED−DEV
−5
±1
+5
%
Dropout Voltage
ILED = 20 mA
ILED = 1 mA
VDOUT
75
45
mV
EN/DIM Pin
− Internal pull−down resistor
− Logic High Level
− Logic Low Level
REN/DIM
VHI
VLO
1.3
200
0.4
kW
V
V
Thermal Shutdown
TSD
150
°C
Thermal Hysteresis
THYS
20
°C
Undervoltage lockout (UVLO) threshold
VUVLO
2.0
V
5. For the CAT4003B, ILEDAVG = (ILED,CH1 + ILED,CH2 + ILED,CH3) / 3
6. The Min/Max limits apply across the −40°C to +85°C ambient temperature range and are assured by design, characterization and correlation
with statistical analysis.
Table 5. RECOMMENDED EN/DIM TIMING (For 3 V ≤ VIN ≤ 5.5 V, over full ambient temperature range −40°C to +85°C.) (Note 7)
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Power−up Setup Time
TSETUP
10
ms
EN/DIM program low time
TLO
0.2
500
ms
EN/DIM program high time
THI
0.2
ms
LED current settling time
TLED
10
ms
EN/DIM low time to shutdown
TPWRDWN
2
3
5
ms
7. The Min/Max limits apply across the −40°C to +85°C ambient temperature range and are assured by design, characterization and correlation
with statistical analysis.
Figure 1. CAT400XB EN/DIM Dimming Timing Diagram
100%
EN/DIM
LED
Current
Shutdown
Shutdown
97% 94%
3%
0%
100%
32 Levels
TLED
TSETUP
TPWRDWN
THI
TLO
LED Current Setting
On the CAT400XB, the full scale LED current is
internally set to 25 mA (no external resistor).
When the EN/DIM is first enabled, the CAT400XB sets
the LED channel current to the full scale current. Each
consecutive rising edge on the EN/DIM decreases the LED
current by one step until it goes to zero, as shown on
Figure 1.


Número de pieza similar - CAT4003BSD-GT3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAT4003BSD-GT3 ONSEMI-CAT4003BSD-GT3 Datasheet
183Kb / 11P
   Constant Current Programmable LED Driver with 32 Dimming Levels
January, 2010 ??Rev. 2
More results

Descripción similar - CAT4003BSD-GT3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sipex Corporation
SP7618 SIPEX-SP7618 Datasheet
408Kb / 10P
   Constant Current LED Driver
logo
Texas Instruments
TPS61042 TI-TPS61042 Datasheet
552Kb / 20P
[Old version datasheet]   CONSTANT CURRENT LED DRIVER
logo
Diodes Incorporated
AL5890 DIODES-AL5890 Datasheet
824Kb / 17P
   Constant Current LED Driver
logo
First Silicon Co., Ltd
FC2082G FS-FC2082G Datasheet
1Mb / 12P
   LED CONSTANT CURRENT DRIVER
logo
DIWELL Electronics Co.,...
SLE-24 DIWELL-SLE-24 Datasheet
418Kb / 9P
   Constant Current LED Driver
2012/07/19
CALE-48 DIWELL-CALE-48 Datasheet
444Kb / 7P
   Constant Current LED Driver
2016/09/23
logo
Texas Instruments
TPS61043 TI-TPS61043 Datasheet
516Kb / 21P
[Old version datasheet]   CONSTANT CURRENT LED DRIVER
logo
ON Semiconductor
CAT4004A ONSEMI-CAT4004A_11 Datasheet
165Kb / 11P
   Constant Current LED Driver
June, 2011 ??Rev. 2
logo
Protek Devices
PA5110 PROTEC-PA5110 Datasheet
178Kb / 7P
   Constant Current LED Driver.
logo
DIWELL Electronics Co.,...
CLE-12 DIWELL-CLE-12 Datasheet
1Mb / 8P
   Constant Current LED Driver
2016/09/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com