Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMFA150-S05 Datasheet(PDF) 2 Page - Vitec Power

No. de pieza SMFA150-S05
Descripción Electrónicos  150W Open-Frame Power Supply for Medical Equipment
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  Vitec [Vitec Power]
Página de inicio  http://www.vitecpower.com/
Logo Vitec - Vitec Power

SMFA150-S05 Datasheet(HTML) 2 Page - Vitec Power

  SMFA150-S05 Datasheet HTML 1Page - Vitec Power SMFA150-S05 Datasheet HTML 2Page - Vitec Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Conditions
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Operating Temperature
0
50
70
°C
Storage Temperature
-40
85
°C
Relative Humidity
5
95
%
Operating Temperature at 25°C, Calculated per MIL-HDBK-217F
0.1M
Hrs
De-rate linearly from 100% load at 50°C to 50% load at 70°C
Approvals and Compliances
Parameter
Test Conditions
Min.
Unit
Dielectric Withstanding Voltage for Primary to secondary
Primary to secondary
5656
VDC
Dielectric Withstanding Voltage for Primary to Ground
Primary to ground
2828
VDC
Isolation Resistance
Test Voltage = 500VDC
50
EMI requirements for CISPR-11
Vin=220VAC
B
CLASS
EMI requirements for FCC PART-18
Vin=110VAC
B
CLASS
Mechanical and PIN out
PIN CHART
PIN
MODEL
1
2
3
4
5
6
7
8
SMFA150-SXX
Vout Vout Vout Vout RTN RTN RTN RTN
Note:
1.Dimensions are shown in mm.
2.Weight: 420g approx.
3.Input connector mates with Molex housing
09-50-3051 and Molex 2478 series crimp terminal.
4.Output connector mates with Molex housing
09-50-3081 and Molex 2478 series crimp


Número de pieza similar - SMFA150-S05

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Foshan Blue Rocket Elec...
SMFA150-S05 FOSHAN-SMFA150-S05 Datasheet
369Kb / 2P
   150W Open-Frame Power Supply for Medical Equipment
More results

Descripción similar - SMFA150-S05

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vitec Power
SMFA151-SERIES Vitec-SMFA151-SERIES Datasheet
402Kb / 2P
   150W Open-Frame Power Supply for Medical Equipment
logo
Foshan Blue Rocket Elec...
SMFA150 FOSHAN-SMFA150 Datasheet
369Kb / 2P
   150W Open-Frame Power Supply for Medical Equipment
SMFA151 FOSHAN-SMFA151 Datasheet
402Kb / 2P
   150W Open-Frame Power Supply for Medical Equipment
logo
BOSER Technology Co., L...
MPM-815H BOSER-MPM-815H Datasheet
227Kb / 1P
   150W Open Frame Power Supply for Medical
logo
Vitec Power
SIFA151 Vitec-SIFA151 Datasheet
414Kb / 2P
   150W Open Frame Power Supply for Industrial Equipment
STFA151 Vitec-STFA151 Datasheet
414Kb / 2P
   150W Open Frame Power Supply for I.T. Equipment
STFA151-SERIES Vitec-STFA151-SERIES Datasheet
414Kb / 2P
   150W Open Frame Power Supply for I.T. Equipment
STFA150 Vitec-STFA150 Datasheet
412Kb / 2P
   150W Open Frame Power Supply for I.T. Equipment
SIFA150-SERIES Vitec-SIFA150-SERIES Datasheet
412Kb / 2P
   150W Open Frame Power Supply for Industrial Equipment
SIFA151-SERIES Vitec-SIFA151-SERIES Datasheet
414Kb / 2P
   150W Open Frame Power Supply for Industrial Equipment
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com