Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMFA151-SERIES Datasheet(PDF) 1 Page - Vitec Power

No. de pieza SMFA151-SERIES
Descripción Electrónicos  150W Open-Frame Power Supply for Medical Equipment
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  Vitec [Vitec Power]
Página de inicio  http://www.vitecpower.com/
Logo Vitec - Vitec Power

SMFA151-SERIES Datasheet(HTML) 1 Page - Vitec Power

  SMFA151-SERIES Datasheet HTML 1Page - Vitec Power SMFA151-SERIES Datasheet HTML 2Page - Vitec Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMFA151 SERIES
150W Open-Frame Power Supply for Medical Equipment
Wide Input Voltage 100 to 240 VAC, 47 to 63Hz
Output Voltage Available From 12,24VDC
Internal EMI filter
Input connector mates with Molex housing 09-50-3031 and Molex 2478 series
crimp terminal
Output connector mates with Molex housing 09-50-3081and Molex 2478 series
crimp terminal
Single Output
Size: 3" x 5" x 1.44"
Input Surge Current, Over Voltage and Overload protection
Active Power Factor Correction
3 Year Warranty
Approvals:
Single Output
Product Number
Output Voltage
Max. Output Current
Total Regulation
Maximum
Output Power
SMFA151-S05
12 VDC
12.5 A
5%
150W
SMFA151-S08
24 VDC
6.25 A
3%
150W
Electrical Characteristics
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Input Voltage
Operating Voltage
100
240
VAC
Input Frequency
47
63
Hz
Power Factor Correction
Io=Full load, Vin=90~260VAC
0.95
0.97
1.00
Output Power Range
Vin= 90 to 264 VA C
0
150
W
Input Current (Low Line)
Io=Full load, Vin=115 VAC
2
A
Input Current (High Line)
Io=Full load, Vin= 230 VAC
1
A
Low Line Inrush Current
Io=Full load, 25°C, Cool start,
Vin=115VAC
46
54
A
High Line Inrush Current
Io=Full load, 25°C, Cool start,
Vin=230VAC
57
63
A
Efficiency
Io=Full Load, Vin=230VAC
84
87
90
%
Line Regulation
Io=Full Load
0.5
1
%
Load Regulation
Vin=230VAC
3
5
%
Over Voltage Protection
112
132
%
Over Current Protection
110
150
%
Transient Response
Io=Full Load to Half Load, Vin=100VAC
4
mS
Hold-Up Time
Io=Full Load, Vin=110VAC
20
mS
Start Up Time
Io=Full Load, Vin=100VAC
0.3
1
2
S
Ripple & Noise (Peak to Peak)
Full Load, Vin=90VAC
0.5
1
%
Safety Ground Leakage Current
Io= Full Load, Vin=240VAC/60Hz
0.075
0.1
mA
Temperature Coefficient
All output
-0.04
0.04
%/°C


Número de pieza similar - SMFA151-SERIES

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Foshan Blue Rocket Elec...
SMFA151-S05 FOSHAN-SMFA151-S05 Datasheet
402Kb / 2P
   150W Open-Frame Power Supply for Medical Equipment
SMFA151-S08 FOSHAN-SMFA151-S08 Datasheet
402Kb / 2P
   150W Open-Frame Power Supply for Medical Equipment
More results

Descripción similar - SMFA151-SERIES

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Foshan Blue Rocket Elec...
SMFA150 FOSHAN-SMFA150 Datasheet
369Kb / 2P
   150W Open-Frame Power Supply for Medical Equipment
logo
Vitec Power
SMFA150-SERIES Vitec-SMFA150-SERIES Datasheet
369Kb / 2P
   150W Open-Frame Power Supply for Medical Equipment
logo
Foshan Blue Rocket Elec...
SMFA151 FOSHAN-SMFA151 Datasheet
402Kb / 2P
   150W Open-Frame Power Supply for Medical Equipment
logo
BOSER Technology Co., L...
MPM-815H BOSER-MPM-815H Datasheet
227Kb / 1P
   150W Open Frame Power Supply for Medical
logo
Vitec Power
SIFA151 Vitec-SIFA151 Datasheet
414Kb / 2P
   150W Open Frame Power Supply for Industrial Equipment
STFA151 Vitec-STFA151 Datasheet
414Kb / 2P
   150W Open Frame Power Supply for I.T. Equipment
STFA151-SERIES Vitec-STFA151-SERIES Datasheet
414Kb / 2P
   150W Open Frame Power Supply for I.T. Equipment
STFA150 Vitec-STFA150 Datasheet
412Kb / 2P
   150W Open Frame Power Supply for I.T. Equipment
SIFA150-SERIES Vitec-SIFA150-SERIES Datasheet
412Kb / 2P
   150W Open Frame Power Supply for Industrial Equipment
SIFA151-SERIES Vitec-SIFA151-SERIES Datasheet
414Kb / 2P
   150W Open Frame Power Supply for Industrial Equipment
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com