Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MK80FN256VLL15 Datasheet(PDF) 32 Page - NXP Semiconductors

No. de pieza MK80FN256VLL15
Descripción Electrónicos  High performance ARM짰 Cortex짰-M4F MCU with up to 256KB of Flash, 256KB of SRAM, Full Speed USB connectivity, and QuadSPI for interfacing to Serial NOR flash
Download  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

MK80FN256VLL15 Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button MK80FN256VLL15 Datasheet HTML 28Page - NXP Semiconductors MK80FN256VLL15 Datasheet HTML 29Page - NXP Semiconductors MK80FN256VLL15 Datasheet HTML 30Page - NXP Semiconductors MK80FN256VLL15 Datasheet HTML 31Page - NXP Semiconductors MK80FN256VLL15 Datasheet HTML 32Page - NXP Semiconductors MK80FN256VLL15 Datasheet HTML 33Page - NXP Semiconductors MK80FN256VLL15 Datasheet HTML 34Page - NXP Semiconductors MK80FN256VLL15 Datasheet HTML 35Page - NXP Semiconductors MK80FN256VLL15 Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 95 page
background image
3.2.3 Oscillator electrical specifications
3.2.3.1 Oscillator DC electrical specifications
Table 18. Oscillator DC electrical specifications
Symbol
Description
Min.
Typ.
Max.
Unit
Notes
VDD
Supply voltage
1.71
3.6
V
IDDOSC
Supply current — low-power mode (HGO=0)
• 32 kHz
• 4 MHz
• 8 MHz (RANGE=01)
• 16 MHz
• 24 MHz
• 32 MHz
600
200
300
950
1.2
1.5
nA
μA
μA
μA
mA
mA
1
IDDOSC
Supply current — high gain mode (HGO=1)
• 32 kHz
• 4 MHz
• 8 MHz (RANGE=01)
• 16 MHz
• 24 MHz
• 32 MHz
7.5
500
650
2.5
3.25
4
μA
μA
μA
mA
mA
mA
1
Cx
EXTAL load capacitance
2, 3
Cy
XTAL load capacitance
2, 3
RF
Feedback resistor — low-frequency, low-power
mode (HGO=0)
2, 4
Feedback resistor — low-frequency, high-gain
mode (HGO=1)
10
Feedback resistor — high-frequency, low-power
mode (HGO=0)
Feedback resistor — high-frequency, high-gain
mode (HGO=1)
1
RS
Series resistor — low-frequency, low-power
mode (HGO=0)
Series resistor — low-frequency, high-gain
mode (HGO=1)
200
Series resistor — high-frequency, low-power
mode (HGO=0)
Series resistor — high-frequency, high-gain
mode (HGO=1)
Table continues on the next page...
Peripheral operating requirements and behaviors
32
Kinetis K80 Sub-Family, Rev.4, 09/2015.
Freescale Semiconductor, Inc.


Número de pieza similar - MK80FN256VLL15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
MK80FN256VLL15 NXP-MK80FN256VLL15 Datasheet
1Mb / 95P
   Kinetis K80 Sub-Family
Revision 5, 11/2016
More results

Descripción similar - MK80FN256VLL15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STM32F302XB STMICROELECTRONICS-STM32F302XB Datasheet
2Mb / 133P
   ARM Cortex-M4F 32b MCUFPU, up to 256KB Flash48KB SRAM
STM32F372XX STMICROELECTRONICS-STM32F372XX Datasheet
2Mb / 128P
   ARM Cortex-M4F 32b MCUFPU, up to 256KB Flash32KB SRAM timers
STM32L433XX STMICROELECTRONICS-STM32L433XX Datasheet
2Mb / 225P
   Ultra-low-power Arm짰 Cortex짰-M4 32-bit MCUFPU, 100DMIPS, up to 256KB Flash, 64KB SRAM, USB FS, LCD, ext. SMPS
May 2018 Rev 5
STM32F372VBT6 STMICROELECTRONICS-STM32F372VBT6 Datasheet
1Mb / 131P
   ARM Cortex-M4 32b MCUFPU, up to 256KB Flash32KB SRAM
STM32L562VE STMICROELECTRONICS-STM32L562VE_V01 Datasheet
6Mb / 342P
   Ultra-low-power Arm짰 Cortex짰-M33 32-bit MCUTrustZone짰FPU, 165DMIPS, up to 512KB Flash, 256KB SRAM, SMPS, AESPKA
September 2020 Rev 4
STM32L15XCC STMICROELECTRONICS-STM32L15XCC_V01 Datasheet
2Mb / 136P
   Ultra-low-power 32-bit MCU ARM짰-based Cortex짰-M3, 256KB Flash, 32KB SRAM, 8KB EEPROM, LCD, USB, ADC, DAC
August 2017
STM32WLE4JC STMICROELECTRONICS-STM32WLE4JC Datasheet
2Mb / 145P
   Multiprotocol LPWAN 32-bit Arm짰 Cortex짰-M4 MCUs, LoRa짰, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
November Rev 8
STM32WLE5XX STMICROELECTRONICS-STM32WLE5XX Datasheet
2Mb / 145P
   Multiprotocol LPWAN 32-bit Arm짰 Cortex짰-M4 MCUs, LoRa짰, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
November 2020 Rev 8
STM32WLE5XX STMICROELECTRONICS-STM32WLE5XX_V01 Datasheet
3Mb / 146P
   Multiprotocol LPWAN 32-bit Arm짰 Cortex짰-M4 MCUs, LoRa짰, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
July 2021
logo
NXP Semiconductors
K32L3A NXP-K32L3A Datasheet
1Mb / 162P
   72 MHz Arm짰 Cortex짰-M0/M4F Dual Core Microcontroller with up to 1280 KB Flash and 384 KB SRAM
Rev. 1, 09/2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com