Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TPS2082 Datasheet(PDF) 10 Page - Texas Instruments |
|
|
TPS2082 Datasheet(HTML) 10 Page - Texas Instruments |
10 / 19 page TPS2080, TPS2081, TPS2082 DUAL, TPS2085, TPS2086, TPS2087 QUAD POWERDISTRIBUTION SWITCHES SLVS202A − SEPTEMBER 2000 − REVISED MARCH 2001 10 WWW.TI.COM PARAMETER MEASUREMENT INFORMATION 0 2 4 6 8 10 12 t − Time − ms 14 16 18 20 VI(EN) (5 V/div) IO(OUT) (0.2 A/div) 470 µF 220 µF 100 µF VI(IN) = 5 V TA = 25°C RL = 10 Ω VO(OC) (5 V/div) IO(OUT) (0.5 A/div) VI(IN) = 5 V TA = 25°C Ramp = 1 A/100 ms 0 20 40 60 80 100 120 t − Time − ms 140 160 180 200 Figure 8. OC Response With Ramped Load on Enabled Device Figure 9. Inrush Current With 100- µF, 220-µF and 470- µF Load Capacitance Figure 10. 4- Ω Load Connected to Enabled Device Figure 11. 1- Ω Load Connected to Enabled Device IO(OUT) (0.5 A/div) VI(IN) = 5 V TA = 25°C 0 1000 2000 3000 4000 5000 VO(OC) (5 V/div) t − Time − µs IO(OUT) (1 A/div) VI(IN) = 5 V TA = 25°C 0 200 400 600 800 1000 VO(OC) (5 V/div) t − Time − µs |
Número de pieza similar - TPS2082 |
|
Descripción similar - TPS2082 |