Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TPS2110PWRG4 Datasheet(PDF) 9 Page - Texas Instruments |
|
|
TPS2110PWRG4 Datasheet(HTML) 9 Page - Texas Instruments |
9 / 20 page TPS2110 TPS2111 SLVS443 – DECEMBER 2002 www.ti.com 9 TYPICAL CHARACTERISTICS Figure 2 VI(DO) VI(D1) VO(OUT) t – Time – 1 ms/div 2V/Div 2V/Div 2V/Div D0 D1 VSNS ILIM IN1 OUT IN2 GND 1 2 3 4 8 7 6 5 TPS2111PW 0.1 µF 0.1 µF 50 Ω 5 V 3.3 V 400 Ω f = 28 Hz 78% Duty Cycle 1 µF Output Switchover Response Test Circuit OUTPUT SWITCHOVER RESPONSE t – Time – 2 ms/div Figure 3 VI(DO) VI(D1) VO(OUT) 2V/Div 2V/Div 2V/Div D0 D1 VSNS ILIM IN1 OUT IN2 GND 1 2 3 4 8 7 6 5 TPS2111PW 0.1 µF 0.1 µF 50 Ω 5 V 3.3 V 400 Ω f = 28 Hz 78% Duty Cycle 1 µF OUTPUT TURN-ON RESPONSE Output Turn-On Response Test Circuit |
Número de pieza similar - TPS2110PWRG4 |
|
Descripción similar - TPS2110PWRG4 |