Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMT15C-05SADJJ Datasheet(PDF) 2 Page - Artesyn Technologies

No. de pieza SMT15C-05SADJJ
Descripción Electrónicos  POWER Non-Isolated DC-DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ARTESYN [Artesyn Technologies]
Página de inicio  
Logo ARTESYN - Artesyn Technologies

SMT15C-05SADJJ Datasheet(HTML) 2 Page - Artesyn Technologies

  SMT15C-05SADJJ Datasheet HTML 1Page - Artesyn Technologies SMT15C-05SADJJ Datasheet HTML 2Page - Artesyn Technologies SMT15C-05SADJJ Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMT15C Data Sheet
Ordering Information
Model
Number (12,13)
Output Power
(Max.)
Input
Voltage
Output
Voltage
Output Current
(Min.)
Output Current
(Max.)
Efficiency
(Typical)
Regulation
Line
Load
SMT15C-05SADJJ
50 W
4.5 - 5.5 Vdc
0.9 - 3.3 V
0 A
15 A
89%
±0.2%
±0.5%
SMT15C-12SADJJ
75W
10.2 - 13.8 Vdc
0.9 - 5.0 V
0 A
15 A
91%
±0.2%
±0.5%
Notes:
1. di/dt = 10 A/μs, Vin = Nom, Tc = 25 °C, load change = 0.5 lo max. to 0.75 lo max. and voce versa
2. Measured with external filter. See Application Note 169 for details.
3. Power up is the time from application of dc input to Power Good high. Remote ON/OFF asserted
high to Power Good high.
4. This product is only for inclusion by professional installers within other equipment and must not be
operated as a stand-alone product.
5. Reserved.
6. Measured as per recommended set-up. Cin = 270 μF (20 mW ESR max.). Cout = 680 μF (10 mW
ESR max.).
7. Uses external resistor from TRIM to ground. Seee Application Note 169 for details. Minimum values
485 μF for 5 V model, 280 μF for 12 V model.
8 Signal line assumed <3 m.
9. External input fusing recommended.
10. See Application Note 169 for operation above 50 ºC.
11. See Application Note 160 for more details.
12. NOTICE: Some models do not support all options. Please contact your local Artesyn representative
or use the on-line model number search tool at http://www.artesyn.com/power to find a suitable
alternative.
Part Number System with Options
SMT
15
C
-
12
SADJ
J
Product Family
SMT = Surface Mount
Number of
Outputs
SADJ = Single
Adjustable Output
Performance
C = Cost Optimized
Input Voltage
05 = 4.5 - 5.5 Vdc
12 = 10.2 - 13.8 Vdc
Rated Output
Current
15 - 15 A
Packaging
Options
J = Pb free (RoHS
6/6 compliant)
Output Voltage Adjustment
The ultra-wide output voltage trim range offers major advantages to users
who select the SMT15C series. It is no longer necessary to purchase a variety
of modules in order to cover different output voltages. The output voltage can
be trimmed in a range of 0.9 Vdc to 5.0 Vdc. When the SMT15C series
converter leaves the factory the output has been adjusted to the default
voltage of 0.9 V.
General Specifications
Efficiency
See Table below
Switching frequency
Fixed
200 kHz
Approvals and
standards
(See Note 4)
TÜV Product Services
EN60950, UL/cUL60950
Material flammability
UL94V-0
Weight
14.2 g (0.5 oz)
Coplanarity
150 μm
MTBF
Telcordia SR-332
7,817,294 hours
Environmental Specifications
Thermal performance
Operating ambient temperature
-0 °C to +80 °C
(See Note 10)
Non-operating temperature
-40 °C to +125 °C
Protection
Short-circuit
Hiccup, non latching
Recommended System Capacitance
Input capacitance
(See Note 11)
270 μF / 20 mW
ESR max.
Output capacitance
(See Note 11)
680 μF / 10 mW
ESR max.
Ripple and Noise Specification
Model
Output Voltage
Pk - Pk
RMS
5 V input models
0.9 - 2.5 Vdc
3.3 Vdc
30 mV
40 mV
15 mV
15 mV
12 V input models
0.9 - 2.5 Vdc
3.3 Vdc
50 mV
50 mV
25 mV
25 mV


Número de pieza similar - SMT15C-05SADJJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Artesyn Technologies
SMT15C-05SADJJ ARTESYN-SMT15C-05SADJJ Datasheet
182Kb / 3P
   DC-DC CONVERTERS C Class Non-isolated
logo
Emerson Network Power
SMT15C-05SADJJ EMERSON-NETWORKPOWER-SMT15C-05SADJJ Datasheet
253Kb / 4P
   new high density open-frame, non-isolated converter for space sensitive applications
More results

Descripción similar - SMT15C-05SADJJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Artesyn Technologies
SMT15E-12W3V3J ARTESYN-SMT15E-12W3V3J_15 Datasheet
524Kb / 3P
   POWER Non-Isolated DC-DC Converter
logo
Bel Fuse Inc.
S7DB-12C1AH BEL-S7DB-12C1AH Datasheet
157Kb / 6P
   NON-ISOLATED DC/DC CONVERTER
logo
Isahaya Electronics Cor...
M57184N-516AF ISAHAYA-M57184N-516AF Datasheet
225Kb / 4P
   NON-ISOLATED DC-DC CONVERTER
logo
Emerson Network Power
NXI150 EMERSON-NETWORKPOWER-NXI150 Datasheet
247Kb / 4P
   non-isolated dc-dc converter
logo
Bel Fuse Inc.
SLDM-06D1AX BEL-SLDM-06D1AX Datasheet
4Mb / 49P
   Non-Isolated DC-DC Converter
logo
Isahaya Electronics Cor...
VLA417-153R ISAHAYA-VLA417-153R Datasheet
475Kb / 7P
   NON ISOLATED DC-DC CONVERTER
VLA417-133R ISAHAYA-VLA417-133R Datasheet
614Kb / 6P
   NON ISOLATED DC-DC CONVERTER
logo
Bel Fuse Inc.
SLDN-12D1AX BEL-SLDN-12D1AX Datasheet
4Mb / 49P
   Non-Isolated DC-DC Converter
XRAH-01HXX0 BEL-XRAH-01HXX0 Datasheet
374Kb / 10P
   NON-ISOLATED DC/DC CONVERTER
logo
Isahaya Electronics Cor...
M57182N-315F ISAHAYA-M57182N-315F Datasheet
245Kb / 5P
   NON ISOLATED DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com