Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS2377D Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS2377D
Descripción Electrónicos  IEEE 802.3af PoE POWERED DEVICE CONTROLLERS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS2377D Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS2377D Datasheet HTML 4Page - Texas Instruments TPS2377D Datasheet HTML 5Page - Texas Instruments TPS2377D Datasheet HTML 6Page - Texas Instruments TPS2377D Datasheet HTML 7Page - Texas Instruments TPS2377D Datasheet HTML 8Page - Texas Instruments TPS2377D Datasheet HTML 9Page - Texas Instruments TPS2377D Datasheet HTML 10Page - Texas Instruments TPS2377D Datasheet HTML 11Page - Texas Instruments TPS2377D Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
11.0
11.1
11.2
11.3
−40 −20
0
20
40
60
80
100 120
TA − Free-Air Temperature − °C
0
1
2
3
4
5
6
0
1
2
3
4
5
6
7
8
9
10 11
TA = 125°C
TA = 25°C
TA = −40°C
V(VDD) − V
10
15
20
25
30
35
1
3
5
7
9
11
Specification Limits
V(PI) − V
21.90
21.91
21.92
21.93
21.94
−40 −20
0
20
40
60
80
100
120
TA − Free-Air Temperature − °C
0.100
0.150
0.200
0.250
0.300
0.350
22
27
32
37
42
47
52
57
VDD − V
TA = 125°C
TA = 25°C
TA = −40°C
0.4
0.5
0.6
0.7
0.8
0.9
−40 −20
0
20
40
60
80
100 120
TA − Free-Air Temperature − °C
TPS2375
TPS2376
TPS2377
SLVS525A – APRIL 2004 – REVISED SEPTEMBER 2004
Graphs over temperature are interpolations between the marked data points.
CLASSIFICATION TURNON
PD DETECTION RESISTANCE
VOLTAGE
vs
vs
I(VDD) + I(RTN) IN DETECTION
V(PI)
TEMPERATURE
Figure 2.
Figure 3.
Figure 4.
CLASSIFICATION TURNOFF
PASS DEVICE
VOLTAGE
I(VDD) CURRENT
RESISTANCE
vs
vs
vs
TEMPERATURE
VDD
TEMPERATURE
Figure 5.
Figure 6.
Figure 7.
8


Número de pieza similar - TPS2377D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2377D TI-TPS2377D Datasheet
895Kb / 25P
[Old version datasheet]   IEEE 802.3af PoE POWERED DEVICE CONTROLLERS
TPS2377D-1 TI-TPS2377D-1 Datasheet
670Kb / 23P
[Old version datasheet]   IEEE 802.3af PoE POWERED DEVICE CONTROLLERS WITH AUTO-RETRY
TPS2377D-1 TI1-TPS2377D-1 Datasheet
1Mb / 27P
[Old version datasheet]   IEEE 802.3af PoE POWERED DEVICE CONTROLLERS WITH AUTO-RETRY
TPS2377D-1G4 TI-TPS2377D-1G4 Datasheet
670Kb / 23P
[Old version datasheet]   IEEE 802.3af PoE POWERED DEVICE CONTROLLERS WITH AUTO-RETRY
TPS2377D-1G4 TI1-TPS2377D-1G4 Datasheet
1Mb / 27P
[Old version datasheet]   IEEE 802.3af PoE POWERED DEVICE CONTROLLERS WITH AUTO-RETRY
More results

Descripción similar - TPS2377D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2377PWR TI-TPS2377PWR Datasheet
895Kb / 25P
[Old version datasheet]   IEEE 802.3af PoE POWERED DEVICE CONTROLLERS
TPS2375DR TI-TPS2375DR Datasheet
959Kb / 25P
[Old version datasheet]   IEEE 802.3af PoE POWERED DEVICE CONTROLLERS
TPS2375-1 TI-TPS2375-1 Datasheet
670Kb / 23P
[Old version datasheet]   IEEE 802.3af PoE POWERED DEVICE CONTROLLERS WITH AUTO-RETRY
TPS2375-1 TI1-TPS2375-1_17 Datasheet
1Mb / 27P
[Old version datasheet]   IEEE 802.3af PoE POWERED DEVICE CONTROLLERS WITH AUTO-RETRY
logo
STMicroelectronics
STHS2375A STMICROELECTRONICS-STHS2375A Datasheet
190Kb / 20P
   IEEE 802.3af PoE Powered Device (PD) interface controller
logo
Monolithic Power System...
MP8003A MPS-MP8003A Datasheet
825Kb / 17P
   IEEE 802.3af/at, PoE, Powered Device, Interface Controller
logo
MPS Industries, Inc.
MP8020 MPSIND-MP8020 Datasheet
2Mb / 27P
   IEEE 802.3af/at/bt-Compliant,PoE, Powered Device Interface
Rev. 1.0 2/17/2022
logo
Monolithic Power System...
EV8003A-Q-00A MPS-EV8003A-Q-00A Datasheet
290Kb / 6P
   IEEE 802.3af/at PoE Powered Device Interface Controller Evaluation Board
logo
Maxim Integrated Produc...
MAX5981A MAXIM-MAX5981A Datasheet
1Mb / 16P
   IEEE 802.3af/at-Compliant, Powered Device Interface
Rev 2; 8/11
MAX5982A MAXIM-MAX5982A Datasheet
1Mb / 17P
   IEEE 802.3af/at-Compliant, Powered Device Interface
Rev 0; 6/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com