Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS2214A Datasheet(PDF) 6 Page - Texas Instruments

No. de pieza TPS2214A
Descripción Electrónicos  CARDBUS POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS2214A Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS2214A Datasheet HTML 2Page - Texas Instruments TPS2214A Datasheet HTML 3Page - Texas Instruments TPS2214A Datasheet HTML 4Page - Texas Instruments TPS2214A Datasheet HTML 5Page - Texas Instruments TPS2214A Datasheet HTML 6Page - Texas Instruments TPS2214A Datasheet HTML 7Page - Texas Instruments TPS2214A Datasheet HTML 8Page - Texas Instruments TPS2214A Datasheet HTML 9Page - Texas Instruments TPS2214A Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
www.ti.com
SWITCHING CHARACTERISTICS
TPS2220A, TPS2223A
TPS2224A, TPS2226A
SLVS428B – MAY 2002 – REVISED SEPTEMBER 2004
V
CC = 5 V, TA = 25°C, VI(3.3V) = 3.3 V, VI(5V) = 5 V, VI(12) = 12 V (not applicable for TPS2223A) all outputs unloaded (unless
otherwise noted)
PARAMETER(1)
LOAD CONDITION
TEST CONDITIONS(2)
MIN
TYP
MAX
UNIT
VO(xVCC) = 5 V
0.9
CL(xVCC) = 0.1 µF, CL(xVPP) = 0.1 µF,
IO(xVCC) = 0 A, IO(xVPP) = 0 A
VO(xVPP) = 12 V
0.26
tr
Output rise times(3)
ms
VO(xVCC) = 5 V
1.1
CL(xVCC) = 150 µF, CL(xVPP) = 10 µF,
IO(xVCC) = 0.75 A, IO(xVPP) = 50 mA
VO(xVPP) = 12 V
0.6
VO(xVCC) = 5 V,
0.5
Discharge switches ON
CL(xVCC) = 0.1 µF, CL(xVPP) = 0.1 µF,
IO(xVCC) = 0 A, IO(xVPP) = 0 A
VO(xVPP) = 12 V,
0.2
tf
Output fall times (3)
ms
Discharge switches ON
VO(xVCC) = 5 V
2.35
CL(xVCC) = 150 µF, CL(xVPP) = 10 µF,
IO(xVCC) = 0.75 A, IO(xVPP) = 50 mA
VO(xVPP) = 12 V
3.9
tpdon
2
Latch
↑ to xVPP (12V)(4)
tpdoff
0.62
tpdon
0.77
Latch
↑ to xVPP (5V)
tpdoff
0.51
tpdon
0.75
CL(xVCC) = 0.1 µF, CL(xVPP) = 0.1 µF,
Latch
↑ to xVPP (3.3V)
ms
IO(xVCC) = 0 A, IO(xVPP) = 0 A
tpdoff
0.52
tpdon
0.3
Latch
↑ to xVCC (5V)
tpdoff
2.5
tpdon
0.3
Latch
↑ to xVCC (3.3V)
tpdoff
2.8
Propagation delay
tpd
times(3)
tpdon
2.2
Latch
↑ to xVPP (12V)(4)
tpdoff
0.8
tpdon
0.8
Latch
↑ to xVPP (5V)
tpdoff
0.6
tpdon
0.8
CL(xVCC) = 150 µF, CL(xVPP) = 10 µF,
Latch
↑ to xVPP (3.3V)
ms
IO(xVCC) = 0.75 A, IO(xVPP) = 50 mA
tpdoff
0.6
tpdon
0.6
Latch
↑ to xVCC (5V)
tpdoff
2.5
tpdon
0.5
Latch
↑ to xVCC (3.3V)
tpdoff
2.6
(1)
Refer to Parameter Measurement Information in Figure 1.
(2)
No card inserted, assumes a 0.1-µF output capacitor (see Figure 1).
(3)
Specified by design; not tested in production.
(4)
Not applicable for TPS2223A
6


Número de pieza similar - TPS2214A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2214A TI-TPS2214A Datasheet
380Kb / 27P
[Old version datasheet]   LOW-COST DUAL-SLOT PC CARD POWER SWITCH FOR SERIAL PCMCIA CONTROLLERS
TPS2214A TI-TPS2214A Datasheet
389Kb / 27P
[Old version datasheet]   DUAL-SLOT CARDBUS POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2214A TI1-TPS2214A Datasheet
1Mb / 34P
[Old version datasheet]   DUAL-SLOT PC CARD POWER SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2214ADB TI-TPS2214ADB Datasheet
380Kb / 27P
[Old version datasheet]   LOW-COST DUAL-SLOT PC CARD POWER SWITCH FOR SERIAL PCMCIA CONTROLLERS
TPS2214ADB TI1-TPS2214ADB Datasheet
1Mb / 34P
[Old version datasheet]   DUAL-SLOT PC CARD POWER SWITCHES FOR SERIAL PCMCIA CONTROLLERS
More results

Descripción similar - TPS2214A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2220A TI1-TPS2220A_13 Datasheet
1Mb / 31P
[Old version datasheet]   CARDBUS POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2223 TI-TPS2223 Datasheet
389Kb / 27P
[Old version datasheet]   DUAL-SLOT CARDBUS POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2220B TI-TPS2220B Datasheet
428Kb / 27P
[Old version datasheet]   POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
logo
Maxim Integrated Produc...
MAX1601 MAXIM-MAX1601 Datasheet
190Kb / 16P
   Dual-Channel CardBus and PCMCIA Power Switches with SMBus??Serial Interface
19-1085; Rev 1; 10/96
logo
Texas Instruments
TPS2202 TI-TPS2202 Datasheet
455Kb / 21P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
logo
List of Unclassifed Man...
G571 ETC-G571 Datasheet
151Kb / 11P
   Single-Slot PCMCIA/CardBus Power Controllers
logo
Global Mixed-mode Techn...
G576 GMT-G576 Datasheet
271Kb / 12P
   Dual-Slot PCMCIA/CardBus Power Controllers
logo
Micrel Semiconductor
MIC2564A MICREL-MIC2564A_04 Datasheet
125Kb / 14P
   Dual Serial PCMCIA/CardBus Power Controller
logo
Texas Instruments
TPS2214A TI1-TPS2214A_14 Datasheet
1Mb / 34P
[Old version datasheet]   DUAL-SLOT PC CARD POWER SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2223 TI1-TPS2223_16 Datasheet
1Mb / 34P
[Old version datasheet]   DUAL-SLOT PC CARD POWER SWITCHES FOR SERIAL PCMCIA CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com