Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS62052 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS62052
Descripción Electrónicos  800-mA SYNCHRONOUS STEP-DOWN CONVERTER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS62052 Datasheet(HTML) 5 Page - Texas Instruments

  TPS62052 Datasheet HTML 1Page - Texas Instruments TPS62052 Datasheet HTML 2Page - Texas Instruments TPS62052 Datasheet HTML 3Page - Texas Instruments TPS62052 Datasheet HTML 4Page - Texas Instruments TPS62052 Datasheet HTML 5Page - Texas Instruments TPS62052 Datasheet HTML 6Page - Texas Instruments TPS62052 Datasheet HTML 7Page - Texas Instruments TPS62052 Datasheet HTML 8Page - Texas Instruments TPS62052 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
www.ti.com
1
2
3
4
5
10
9
8
7
6
VIN
LBO
GND
PG
FB
PGND
SW
EN
SYNC
LBI
DGS PACKAGE
(TOP VIEW)
TPS62050, TPS62051
TPS62052, TPS62054, TPS62056
SLVS432D – SEPTEMBER 2002 – REVISED OCTOBER 2003
PIN ASSIGNMENTS
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
EN
8
I
Enable. A logic high enables the converter, logic low forces the device into shutdown mode, reducing the supply
current to less than 2 µA.
FB
5
I
Feedback pin for the fixed output voltage option. For the adjustable version, an external resistive divider is
connected to this pin. The internal voltage divider is disabled for the adjustable version.
GND
3
I
Ground
LBO
2
O
Open drain low battery output. Logic low signal indicates a low battery voltage.
LBI
6
I
Low battery input
PG
4
O
Power good comparator output. This is an open-drain output. A pullup resistor should be connected between PG
and VOUT. The output goes active high when the output voltage is greater than 95% of the nominal value.
PGND
10
I
Power ground. Connect all power grounds to this pin.
SW
9
O
Connect the inductor to this pin. This pin is the switch pin and connected to the drain of the internal power
MOSFETS.
SYNC
7
I
Input for synchronization to the external clock signal. This input can be connected to an external clock or pulled to
GND or VI. When an external clock signal is applied, the device synchronizes to this external clock and the device
operates in fixed PWM mode. When the pin is pulled to either GND or VI, the internal oscillator is used and the
logic level determines if the device operates in fixed PWM or PWM/PFM mode.SYNC = HIGH: Low-noise mode
enabled, fixed frequency PWM operation is forcedSYNC = LOW (GND): Power-save mode enabled, PFM/PWM
mode enabled.
VIN
1
I
Supply voltage input
5


Número de pieza similar - TPS62052

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS62052 TI1-TPS62052 Datasheet
1Mb / 30P
[Old version datasheet]   800-mA Synchronous Step-Down Converter
TPS62052DGS TI1-TPS62052DGS Datasheet
897Kb / 25P
[Old version datasheet]   800-mA SYNCHRONOUS STEP-DOWN CONVERTER
TPS62052DGS TI1-TPS62052DGS Datasheet
1Mb / 30P
[Old version datasheet]   800-mA Synchronous Step-Down Converter
TPS62052DGSG4 TI1-TPS62052DGSG4 Datasheet
897Kb / 25P
[Old version datasheet]   800-mA SYNCHRONOUS STEP-DOWN CONVERTER
TPS62052DGSG4 TI1-TPS62052DGSG4 Datasheet
1Mb / 30P
[Old version datasheet]   800-mA Synchronous Step-Down Converter
More results

Descripción similar - TPS62052

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS62050 TI1-TPS62050_17 Datasheet
1Mb / 30P
[Old version datasheet]   800-mA Synchronous Step-Down Converter
TPS62050DGSR TI1-TPS62050DGSR Datasheet
897Kb / 25P
[Old version datasheet]   800-mA SYNCHRONOUS STEP-DOWN CONVERTER
TPS62050DGSRG4 TI1-TPS62050DGSRG4 Datasheet
897Kb / 25P
[Old version datasheet]   800-mA SYNCHRONOUS STEP-DOWN CONVERTER
TPS62050 TI-TPS62050_15 Datasheet
999Kb / 30P
[Old version datasheet]   TPS6205x 800-mA Synchronous Step-Down Converter
TPS62355DRCR TI1-TPS62355DRCR Datasheet
1Mb / 46P
[Old version datasheet]   800-mA / 1000-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER
TPS62692 TI1-TPS62692_16 Datasheet
2Mb / 31P
[Old version datasheet]   800-mA , 3-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62692 TI-TPS62692 Datasheet
1Mb / 29P
[Old version datasheet]   800-mA , 3-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
logo
Zilog, Inc.
IXD3235 ZILOG-IXD3235 Datasheet
2Mb / 27P
   Synchronous 600 mA Step-Down DC/DC Converter
logo
Richtek Technology Corp...
RT6204 RICHTEK-RT6204 Datasheet
1Mb / 18P
   Synchronous Step-Down Converter
logo
Texas Instruments
TPS54227 TI1-TPS54227_15 Datasheet
999Kb / 24P
[Old version datasheet]   Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com