Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT4106HV4-GT2 Datasheet(PDF) 11 Page - ON Semiconductor

No. de pieza CAT4106HV4-GT2
Descripción Electrónicos  6 W Quad Channel DC/DC LED Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT4106HV4-GT2 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button CAT4106HV4-GT2 Datasheet HTML 7Page - ON Semiconductor CAT4106HV4-GT2 Datasheet HTML 8Page - ON Semiconductor CAT4106HV4-GT2 Datasheet HTML 9Page - ON Semiconductor CAT4106HV4-GT2 Datasheet HTML 10Page - ON Semiconductor CAT4106HV4-GT2 Datasheet HTML 11Page - ON Semiconductor CAT4106HV4-GT2 Datasheet HTML 12Page - ON Semiconductor CAT4106HV4-GT2 Datasheet HTML 13Page - ON Semiconductor CAT4106HV4-GT2 Datasheet HTML 14Page - ON Semiconductor CAT4106HV4-GT2 Datasheet HTML 15Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
CAT4106
http://onsemi.com
11
The external resistor R6 value needed to set a VFMIN
level of 18 V is calculated as follows:
R6
+ R7
18 V
1.2 V
* 1
For R7 = 20 k
W, R6 = 280 kW.
Setting VFMAX Level (Open−LED)
The VFMAX level represents the maximum level expected
for the LED string voltage “window of operation”. This
voltage setting is based on the number of series LEDs being
used and the expected maximum VF during normal operation.
Example: Consider a string of 6 LEDs in series, with each
LED having a VF range of 3.5 V
± 0.5 V. Since the
maximum VF of each LED is 4.0 V, the overall maximum
expected string voltage would be 24 V. Any string voltage
which appears greater than 24 V would be considered as
containing an open−circuit in one or more of the series
LEDs. The external resistor R4 value needed to set a
VFMAX level of 24 V is calculated as follows:
R4
+ R5
24 V
1.2 V
* 1
For R5 = 20 k
W, R4 = 380 kW.
In normal operation, the LED string which has the largest
VF will be used to set the VCTRL/VFB voltage levels. If the
largest string voltage tries to exceed VFMAX setting, it will
no longer be allowed to control the voltage level of
VCTRL/VFB (i.e. it will be ignored) and subsequently the
next largest LED string voltage will then be used in the
control loop. All remaining functional LED channels will
continue to operate as normal. If a disconnected LED string
is reconnected, the FAULT flag remains on and the channel
disabled until the device has been re−enabled with the EN
pin going from low to high.
If all LED channels are detected as being open−circuit,
then the boost converter will limit the output voltage to the
VFMAX setting. This eliminates the need for an external
protection zener.
Enable and PWM Dimming Control
EN/PWM input signal provides two independent
functions. The first function is to enable and disable the
entire device. The second function is to apply PWM
dimming on the output channels while the chip remains fully
enabled. Applying logic high on the EN/PWM input will
power up the device. The device will continue to remain
powered up, even in the presence of PWM signals being
applied. To disable the device into complete system
shutdown mode, a logic low must be applied to the
EN/PWM input for typically 5 ms.
The duty cycle applied at the EN/PWM is directly applied
to all the output channels. Each time the input is taken low,
all output channels will immediately be switched off and the
channels will resume normal operation when the PWM is
taken back high. The response time of the channels when
switching ON or OFF is typically 0.2
ms.
During PWM dimming, the recommended minimum
pulse width interval (either High or Low) is 0.2
ms. The
recommended maximum pulse width during PWM
dimming is 2.0 ms, however this only applies to the Low
pulse interval. Pulse durations extending past 2.0 ms may
cause the device to enter full shutdown mode. The LED
channel response time is longer if the device has been in
shutdown mode.
For most applications, a maximum dimming resolution
can be achieved with PWM clock frequencies in the range
of 500 Hz to 2 kHz. Pulse width intervals of 1
ms, allows up
to 1000:1 dimming ratio at 1 kHz PWM frequency.
One or Two LED String Applications
The CAT4106 can be used to drive one or two strings of
LEDs by connecting together some LED pins. Also for
applications requiring LED current greater than 175 mA,
LED channels can be tied together, assuming the supply is
suitable to drive the load. Figure 27 shows a typical
application for driving a single string of LEDs. Note:
VFMIN is disabled for one string.
Figure 27. Application Circuit for One LED String
GND
LED2
LED3
LED1
LED4
RSET
EN/PWM
CAT4106
VIN
VFMAX
VFMIN
C1
SW
R1
PGND
FB
VCTRL
R3
R5
R7
R8
LED Fault Detection
(open drain pull−down)
R4
R6
R2
C2
L
D
C3
VIN
VIN
VL
FAULT
OFF... ON... DIM...
Figure 28 shows a typical application for driving two
strings of LEDs. The LED current is equal to two times the
channel current.
Figure 28. Application Circuit for Two LED Strings
GND
LED2
LED3
LED1
LED4
RSET
EN/PWM
CAT4106
VIN
VFMAX
VFMIN
C1
SW
R1
PGND
FB
VCTRL
R3
R5
R7
R8
LED Fault Detection
(open drain pull−down)
R4
R6
R2
C2
L
D
C3
OFF... ON... DIM...
FAULT
VIN
VIN
VL


Número de pieza similar - CAT4106HV4-GT2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAT4106HV4-GT2 ONSEMI-CAT4106HV4-GT2 Datasheet
861Kb / 17P
   6W Quad Channel DC/DC LED Driver with Diagnostics
Doc. No. MD-5037, Rev. A
CAT4106HV4-GT2 ONSEMI-CAT4106HV4-GT2 Datasheet
282Kb / 15P
   6 W Quad Channel DC/DC LED Driver with Diagnostics
March, 2010 ??Rev. 0
More results

Descripción similar - CAT4106HV4-GT2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAT4106 ONSEMI-CAT4106 Datasheet
282Kb / 15P
   6 W Quad Channel DC/DC LED Driver with Diagnostics
March, 2010 ??Rev. 0
CAT4106HV4-GT2 ONSEMI-CAT4106HV4-GT2 Datasheet
861Kb / 17P
   6W Quad Channel DC/DC LED Driver with Diagnostics
Doc. No. MD-5037, Rev. A
logo
AIMTEC
AMEOR30-4864AZ AIMTEC-AMEOR30-4864AZ Datasheet
897Kb / 14P
   DC-DC LED driver
logo
Bel Fuse Inc.
RDT-6Y BEL-RDT-6Y Datasheet
787Kb / 7P
   6 W Isolated DC-DC Converter
15 December 2022
logo
HY-LINE Power Component...
P6A123R3S HY-LINE-P6A123R3S Datasheet
1Mb / 5P
   6 W DC-DC Converter P6A-Series
Rev: 20180727 f
P6E123R3CS HY-LINE-P6E123R3CS Datasheet
581Kb / 5P
   6 W DC-DC Converter P6ExxxxCx-Series
Rev: 20211027 f
P6F243R3S HY-LINE-P6F243R3S Datasheet
1Mb / 5P
   6 W DC-DC Converter P6F-Series
Rev: 20171010 f
P6L243R3CS HY-LINE-P6L243R3CS Datasheet
617Kb / 5P
   6 W DC-DC Converter P6L24xxCx-Series
Rev: 20211027 f
P6P243R3S HY-LINE-P6P243R3S Datasheet
1Mb / 5P
   6 W DC-DC Converter P6P-Series
Rev: 01.17 f
P6E053R3SC HY-LINE-P6E053R3SC Datasheet
362Kb / 4P
   6 W DC-DC Converter P6E-Series
Rev: 20200206 f
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com