Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CS8190EDWF20G Datasheet(PDF) 10 Page - ON Semiconductor

No. de pieza CS8190EDWF20G
Descripción Electrónicos  Precision Air-Core Tach/Speedo Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8190EDWF20G Datasheet(HTML) 10 Page - ON Semiconductor

Back Button CS8190EDWF20G Datasheet HTML 3Page - ON Semiconductor CS8190EDWF20G Datasheet HTML 4Page - ON Semiconductor CS8190EDWF20G Datasheet HTML 5Page - ON Semiconductor CS8190EDWF20G Datasheet HTML 6Page - ON Semiconductor CS8190EDWF20G Datasheet HTML 7Page - ON Semiconductor CS8190EDWF20G Datasheet HTML 8Page - ON Semiconductor CS8190EDWF20G Datasheet HTML 9Page - ON Semiconductor CS8190EDWF20G Datasheet HTML 10Page - ON Semiconductor CS8190EDWF20G Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
CS8190
http://onsemi.com
10
In some cases a designer may wish to use the CS8190 only
as a driver for an air−core meter having performed the F/V
conversion elsewhere in the circuit.
Figure 11 shows how to drive the CS8190 with a DC
voltage ranging from 2.0 V to 6.0 V. This is accomplished by
forcing a voltage on the F/VOUT lead. The alternative scheme
shown in Figure 12 uses an external op amp as a buffer and
operates over an input voltage range of 0 V to 4.0 V.
Figure 11. Driving the CS8190 from an External
DC Voltage
+
BIAS
100 kW
10 kW
N/C
F/VOUT
CP−
VREG
2.0 V to 6.0 V DC
VIN
CS8190
Figures 11 and 12 are not temperature compensated.
Figure 12. Driving the CS8190 from an External
DC Voltage Using an Op Amp Buffer
+
CP−
100 kW
F/VOUT
0 V to 4.0 V DC
VIN
CS8190
BIAS
+
100 kW
10 kW
100 kW
100 kW
PACKAGE THERMAL DATA
Parameter
PDIP−16
SO−20W
Unit
RqJC
Typical
15
9
°C/W
RqJA
Typical
50
55
°C/W
ORDERING INFORMATION
Device
Package
Shipping
CS8190ENF16
PDIP−16
25 Units / Rail
CS8190ENF16G
PDIP−16
(Pb−Free)
CS8190EDWF20
SO−20W
38 Units / Rail
CS8190EDWF20G
SO−20W
(Pb−Free)
CS8190EDWFR20
SO−20W
1000 / Tape & Reel
CS8190EDWFR20G
SO−20W
(Pb−Free)
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Número de pieza similar - CS8190EDWF20G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CS8190EDWF20G ONSEMI-CS8190EDWF20G Datasheet
113Kb / 11P
   Precision Air?묬ore Tach/Speedo Driver with Return to Zero
June, 2006 ??Rev. 6
CS8190EDWF20G ONSEMI-CS8190EDWF20G Datasheet
126Kb / 12P
   Precision Air-Core Tach/Speedo Driver
September, 2017 ??Rev. 8
More results

Descripción similar - CS8190EDWF20G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CS8191 ONSEMI-CS8191 Datasheet
102Kb / 12P
   Precision Air-Core Tach/Speedo Driver
March, 2001 ??Rev. 4
CS4101 ONSEMI-CS4101 Datasheet
74Kb / 8P
   Precision Air-Core Tach/Speedo Driver
April, 2001 - Rev. 5
CS8190 ONSEMI-CS8190 Datasheet
103Kb / 12P
   Precision Air-Core Tach/Speedo Driver
March, 2001 ??Rev. 4
CS8190 ONSEMI-CS8190_17 Datasheet
126Kb / 12P
   Precision Air-Core Tach/Speedo Driver
September, 2017 ??Rev. 8
CS4121EDWFR20G ONSEMI-CS4121EDWFR20G Datasheet
94Kb / 12P
   Low Voltage Precision Air-Core Tach/Speedo Driver
June, 2004 ??Rev. 8
CS4121 ONSEMI-CS4121 Datasheet
99Kb / 12P
   Low Voltage Precision Air-Core Tach/Speedo Driver
June, 2004 ??Rev. 8
logo
Cherry Semiconductor Co...
CS8190 CHERRY-CS8190 Datasheet
187Kb / 8P
   Precision Air-Core Tach/Speedo Driver with Return to Zero
CS8191 CHERRY-CS8191 Datasheet
186Kb / 8P
   Precision Air-Core Tach/Speedo Driver with Short Circuit Protection
logo
IK Semicon Co., Ltd
IL8190N IKSEMICON-IL8190N Datasheet
445Kb / 11P
   Precision Air-Core Tach/Speedo Driver with Return to Zero
logo
Cherry Semiconductor Co...
CS4101 CHERRY-CS4101 Datasheet
168Kb / 8P
   Precision Air-Core Tach/Speedo Driver with Separate Function Generator Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com