Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SLE78CF4000P Datasheet(PDF) 5 Page - Infineon Technologies AG

No. de pieza SLE78CF4000P
Descripción Electrónicos  32-Bit Security Controller
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SLE78CF4000P Datasheet(HTML) 5 Page - Infineon Technologies AG

  SLE78CF4000P Datasheet HTML 1Page - Infineon Technologies AG SLE78CF4000P Datasheet HTML 2Page - Infineon Technologies AG SLE78CF4000P Datasheet HTML 3Page - Infineon Technologies AG SLE78CF4000P Datasheet HTML 4Page - Infineon Technologies AG SLE78CF4000P Datasheet HTML 5Page - Infineon Technologies AG SLE78CF4000P Datasheet HTML 6Page - Infineon Technologies AG SLE78CF4000P Datasheet HTML 7Page - Infineon Technologies AG SLE78CF4000P Datasheet HTML 8Page - Infineon Technologies AG SLE78CF4000P Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
SLE 88CF4000P
Short Product Information
5 / 9
12.2009
Tools and Support
Software Development Kit, SDK 88
Bondout based Emulator for real time debugging
Flash samples for immediate test and validation, enabling short Time-to-Market
Ready to use low level software drivers (Platform Support Layer) for peripherals,
smartcard and cryptographic software: T=0, T=1, DES, AES,…
Worldwide application engineer team & customer dedicated Field Application
Engineers.
Regular customer trainings on hardware & software tools, on-site trainings
available on request.
Document References
Hardware Reference Manual
Programmer’s Reference Manual with complete set of application notes and program
examples
Production and Personalization Manual for flash loading and production optimization
Chip qualification report
Chip delivery specification for wafer with chip-layout (die size, orientation, step size)
Module specification containing description of package
Module qualification report
Electrical Characteristics
External clock frequency: 1 to 10 MHz
Supply voltage range: 1.62 V to 5.5 V
Temperature range: -25°C to +85°C
ESD protection > 6 kV (HBM)
Max. sleep mode current (typical) < 100 µA in clock off mode
Supported Standard
ISO/IEC 7816
GSM 11.11, 11.12, 11.18
ETSI TS 102 221


Número de pieza similar - SLE78CF4000P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
SLE7736 INFINEON-SLE7736 Datasheet
157Kb / 8P
   Security & Chip Card ICs
2001-12-21
SLE7736-BD-V3C INFINEON-SLE7736-BD-V3C Datasheet
157Kb / 8P
   Security & Chip Card ICs
2001-12-21
SLE7736-BD-V3M3 INFINEON-SLE7736-BD-V3M3 Datasheet
157Kb / 8P
   Security & Chip Card ICs
2001-12-21
SLE7736-BDC INFINEON-SLE7736-BDC Datasheet
157Kb / 8P
   Security & Chip Card ICs
2001-12-21
SLE7736-BDM3 INFINEON-SLE7736-BDM3 Datasheet
157Kb / 8P
   Security & Chip Card ICs
2001-12-21
More results

Descripción similar - SLE78CF4000P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fujitsu Component Limit...
MB86831 FUJITSU-MB86831 Datasheet
1Mb / 82P
   32-bit Embedded Controller
logo
Toshiba Semiconductor
TMP92CD54I TOSHIBA-TMP92CD54I Datasheet
3Mb / 343P
   32-bit Micro-controller
logo
Freescale Semiconductor...
MCF5271EC FREESCALE-MCF5271EC Datasheet
1Mb / 56P
   32-bit Embedded Controller Division
logo
Toshiba Semiconductor
TMP92FD54AI TOSHIBA-TMP92FD54AI Datasheet
788Kb / 84P
   CMOS 32-bit Micro-controller
logo
RDC Semiconductor
R8610 RDC-R8610 Datasheet
92Kb / 6P
   32 Bit RISC Micro Controller
logo
ELM Electronics
ELM365 ELM-ELM365 Datasheet
30Kb / 4P
   SECURITY SYSTEM CONTROLLER
logo
Fairchild Semiconductor
FM3580 FAIRCHILD-FM3580 Datasheet
107Kb / 11P
   5-Bit VID Controller with PC Security Element
logo
ATMEL Corporation
TS68EN360 ATMEL-TS68EN360 Datasheet
874Kb / 82P
   32-bitQuad Integrated Communication Controller
logo
Winbond
W90N740 WINBOND-W90N740 Datasheet
414Kb / 39P
   32-Bit ARM7TDMI-Based Micro-Controller
logo
Epson Company
S1C33L17 EPSON-S1C33L17 Datasheet
269Kb / 8P
   CMOS 32-bit Application Specific Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com