Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SMM0204009CB3 Datasheet(PDF) 11 Page - Vishay Siliconix |
|
SMM0204009CB3 Datasheet(HTML) 11 Page - Vishay Siliconix |
11 / 12 page SMM0204 www.vishay.com Vishay Draloric Revision: 09-Dec-15 11 Document Number: 20004 For technical questions, contact: melf@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 DIMENSIONS Notes • Color code marking is applied according to IEC 60062 (1) in four bands (E24 series) for 5 % tolerance, or in five bands (E96 or E192 series). Each color band appears as a single solid line, voids are permissible if at least 2/3 of the band is visible from each radial angle of view. The last color band for tolerance is approximately 50 % wider than the other bands. PATTERN STYLES FOR MELF RESISTORS Notes • The given solder pad dimensions reflect the considerations for board design and assembly as outlined e.g. in standards IEC 61188-5-x (1), or in publication IPC-7351. (1) The quoted IEC standards are also released as EN standards with the same number and identical contents. DIMENSIONS AND MASS TYPE / SIZE L (mm) D (mm) L1 min. (mm) D1 (mm) K (mm) MASS (mg) SMM0204 OMM0204 3.6 + 0/- 0.2 1.4 + 0/- 0.1 1.8 D + 0/- 0.15 0.8 ± 0.1 22 RECOMMENDED SOLDER PAD DIMENSIONS TYPE / SIZE WAVE SOLDERING REFLOW SOLDERING G (mm) Y (mm) X (mm) Z (mm) G (mm) Y (mm) X (mm) Z (mm) SMM0204 OMM0204 1.5 1.5 1.8 4.5 1.7 1.2 1.6 4.1 L 1 K D 1 D L G X Y Z |
Número de pieza similar - SMM0204009CB3 |
|
Descripción similar - SMM0204009CB3 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |