Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SLE78CL1M52P Datasheet(PDF) 8 Page - Infineon Technologies AG

No. de pieza SLE78CL1M52P
Descripción Electrónicos  32-Bit Security Controller
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SLE78CL1M52P Datasheet(HTML) 8 Page - Infineon Technologies AG

  SLE78CL1M52P Datasheet HTML 1Page - Infineon Technologies AG SLE78CL1M52P Datasheet HTML 2Page - Infineon Technologies AG SLE78CL1M52P Datasheet HTML 3Page - Infineon Technologies AG SLE78CL1M52P Datasheet HTML 4Page - Infineon Technologies AG SLE78CL1M52P Datasheet HTML 5Page - Infineon Technologies AG SLE78CL1M52P Datasheet HTML 6Page - Infineon Technologies AG SLE78CL1M52P Datasheet HTML 7Page - Infineon Technologies AG SLE78CL1M52P Datasheet HTML 8Page - Infineon Technologies AG SLE78CL1M52P Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
SLE 88CF4000P
Short Product Information
8 / 9
12.2009
The SLE 88 Family fully meets the requirements for real multi-application operating systems.
The advanced 0.13µm technology, the Integral Security Concept, the low power optimised 32-bit
core supported by various powerful peripherals, and the possibility to adapt the performance to
application requirements establish the foundation for a completely new chip card generation.
The High Performance is ensured by the 32-bit RISC architecture that processes instructions and
data 32-bit wise supplied by 2 dedicated caches. A very efficient context/application switching
mechanism allows fast switching between multiple tasks.
An Integral Security Concept, based on the entire integration of security measures at each
hardware and software design phase, has been used for the development of the SLE 88 Family.
An Interrupt Control Unit supports a programmable interrupt system with UART, timers, and the
other peripherals as interrupt sources. A variety of different Trap Vectors informs the operating
system about exceptions (e.g. access violation).
The architecture allows the Linear Addressing of Large Memories for a more convenient code
implementation. The Memory Management and Protection Unit (MMU) handles a virtual address
range of 4 Gbytes, and serves as a hardware firewall to enable secure separation of adjacent
application codes and data. Program and data modules are organised as packages. Each package
has a defined memory range of 16 Mbytes with dedicated access rights for memories and
peripherals.
With the 0.13µm process, the SLE 88 Family offers large on-chip memories (ROM, EEPROM,
RAM). The EEPROM space is the basis of Infineon Technologies “Flash” Concept where the
entire EEPROM is freely configurable in code and data sections, and so can be used to store
an Operating System, as well as application code and data. This customization provides added
value to the system and the possibility to serve multiple projects with the same platform. This
concept offers the flexibility and convenience of Flash memory, but takes advantage of the
EEPROM cell quality (timing, cycling and endurance).
A number of powerful peripherals offer hardware support for time and code intensive operations. :
• DES Accelerator for symmetric crypto operations based on DES and Triple DES
• True Random Number Generator (TRNG) to supply the CPU with true random numbers
whose quality is tested according to AIS-31 strict evaluation guidelines
• Intelligent Power Manager which automatically adjusts the internal frequency accordingly to
the power classes A,B,C
• Three 16-bit timers for protocol implementation, event monitoring, etc…


Número de pieza similar - SLE78CL1M52P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
SLE7736 INFINEON-SLE7736 Datasheet
157Kb / 8P
   Security & Chip Card ICs
2001-12-21
SLE7736-BD-V3C INFINEON-SLE7736-BD-V3C Datasheet
157Kb / 8P
   Security & Chip Card ICs
2001-12-21
SLE7736-BD-V3M3 INFINEON-SLE7736-BD-V3M3 Datasheet
157Kb / 8P
   Security & Chip Card ICs
2001-12-21
SLE7736-BDC INFINEON-SLE7736-BDC Datasheet
157Kb / 8P
   Security & Chip Card ICs
2001-12-21
SLE7736-BDM3 INFINEON-SLE7736-BDM3 Datasheet
157Kb / 8P
   Security & Chip Card ICs
2001-12-21
More results

Descripción similar - SLE78CL1M52P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fujitsu Component Limit...
MB86831 FUJITSU-MB86831 Datasheet
1Mb / 82P
   32-bit Embedded Controller
logo
Toshiba Semiconductor
TMP92CD54I TOSHIBA-TMP92CD54I Datasheet
3Mb / 343P
   32-bit Micro-controller
logo
Freescale Semiconductor...
MCF5271EC FREESCALE-MCF5271EC Datasheet
1Mb / 56P
   32-bit Embedded Controller Division
logo
Toshiba Semiconductor
TMP92FD54AI TOSHIBA-TMP92FD54AI Datasheet
788Kb / 84P
   CMOS 32-bit Micro-controller
logo
RDC Semiconductor
R8610 RDC-R8610 Datasheet
92Kb / 6P
   32 Bit RISC Micro Controller
logo
ELM Electronics
ELM365 ELM-ELM365 Datasheet
30Kb / 4P
   SECURITY SYSTEM CONTROLLER
logo
Fairchild Semiconductor
FM3580 FAIRCHILD-FM3580 Datasheet
107Kb / 11P
   5-Bit VID Controller with PC Security Element
logo
ATMEL Corporation
TS68EN360 ATMEL-TS68EN360 Datasheet
874Kb / 82P
   32-bitQuad Integrated Communication Controller
logo
Winbond
W90N740 WINBOND-W90N740 Datasheet
414Kb / 39P
   32-Bit ARM7TDMI-Based Micro-Controller
logo
Epson Company
S1C33L17 EPSON-S1C33L17 Datasheet
269Kb / 8P
   CMOS 32-bit Application Specific Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com