Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

SMM02040D4DB3 Datasheet(PDF) 7 Page - Vishay Siliconix

No. de Pieza. SMM02040D4DB3
Descripción  Thin Film Mini-MELF Resistors
Descarga  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo 

SMM02040D4DB3 Datasheet(HTML) 7 Page - Vishay Siliconix

Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
SMM0204
www.vishay.com
Vishay Draloric
Revision: 09-Dec-15
7
Document Number: 20004
For technical questions, contact: melf@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
FUNCTIONAL PERFORMANCE
10
1
100m
10m
1m
100μ
10μ
0.1
100
10
1
1000
Single Pulse
Maximum pulse load, single pulse; applicable if
P
0 and n
≤ 1000 and U ≤ Umax.;
for permissible resistance change equivalent to 8000 h operation in power operation mode
Pulse Duration
t
i in s
Pulse Duration
t
i in s
10
1
100m
10m
1m
100μ
10μ
0.1
100
10
1
1000
Continuous Pulse
Maximum pulse load, continuous pulses; applicable if
P ≤ P (ϑ amb) and U ≤ Umax.;
for permissible resistance change equivalent to 8000 h operation in power operation mode
Pulse Duration
t
i in s
10
1
100m
10m
1m
100μ
10μ
Pulse Voltage
600
1000
0
200
400
800
Maximum pulse voltage, single and continuous pulses; applicable if
P ≤ Pmax.;
for permissible resistance change equivalent to 8000 h operation in power operation mode


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn