Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AMMC-5620 Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

No. de pieza AMMC-5620
Descripción Electrónicos  Agilent AMMC-5620, 6 - 20 GHz High Gain Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HP [Agilent(Hewlett-Packard)]
Página de inicio  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

AMMC-5620 Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  AMMC-5620 Datasheet HTML 1Page - Agilent(Hewlett-Packard) AMMC-5620 Datasheet HTML 2Page - Agilent(Hewlett-Packard) AMMC-5620 Datasheet HTML 3Page - Agilent(Hewlett-Packard) AMMC-5620 Datasheet HTML 4Page - Agilent(Hewlett-Packard) AMMC-5620 Datasheet HTML 5Page - Agilent(Hewlett-Packard) AMMC-5620 Datasheet HTML 6Page - Agilent(Hewlett-Packard) AMMC-5620 Datasheet HTML 7Page - Agilent(Hewlett-Packard) AMMC-5620 Datasheet HTML 8Page - Agilent(Hewlett-Packard) AMMC-5620 Datasheet HTML 9Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
3
AMMC-5620 Typical Performance
(Tchuck=25°C, VDD=5V, IDD = 95 mA, Zo=50Ω)
AMMC-5620 Typical Performance vs. Supply Voltage
(Tb=25
°C, Zo=50Ω)
Figure 1. Gain
Figure 2. Isolation
Figure 3. Input Return Loss
Figure 4. Output Return Loss
Figure 5. Noise Figure
Figure 6.Output Power at 1 dB Gain
Compression
Figure 7. Gain and Voltage
Figure 8. Isolation and Voltage
Figure 9. Input Return Loss and Voltage
FREQUENCY (GHz)
4
7
10
13
16
19
22
25
20
15
10
5
0
FREQUENCY (GHz)
4
7
10
13
16
19
22
0
-10
-20
-30
-40
-50
-60
-70
FREQUENCY (GHz)
4
7
10
13
16
19
22
0
-10
-20
-30
-40
FREQUENCY (GHz)
4
7
10
13
16
19
22
0
-10
-20
-30
-40
FREQUENCY (GHz)
4
7
10
13
16
19
22
10
8
6
4
2
0
FREQUENCY (GHz)
4
7
10
13
16
19
22
18
15
12
9
6
3
0
FREQUENCY (GHz)
4
7
10
13
16
19
22
25
20
15
10
5
0
Vdd=4V
Vdd=5V
Vdd=6V
FREQUENCY (GHz)
4
7
10
13
16
19
22
0
-20
-40
-60
-80
Vdd=4V
Vdd=5V
Vdd=6V
FREQUENCY (GHz)
4
7
10
13
16
19
22
0
-10
-20
-30
-40
-50
Vdd=4V
Vdd=5V
Vdd=6V


Número de pieza similar - AMMC-5620

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-5620 AVAGO-AMMC-5620 Datasheet
589Kb / 8P
   6 - 20 GHz High Gain Amplifier
logo
Broadcom Corporation.
AMMC-5620 BOARDCOM-AMMC-5620 Datasheet
599Kb / 8P
   6 - 20 GHz High Gain Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-5620-W10 AVAGO-AMMC-5620-W10 Datasheet
589Kb / 8P
   6 - 20 GHz High Gain Amplifier
logo
Broadcom Corporation.
AMMC-5620-W10 BOARDCOM-AMMC-5620-W10 Datasheet
599Kb / 8P
   6 - 20 GHz High Gain Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-5620-W50 AVAGO-AMMC-5620-W50 Datasheet
589Kb / 8P
   6 - 20 GHz High Gain Amplifier
More results

Descripción similar - AMMC-5620

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Agilent(Hewlett-Packard...
HMMC-5620 HP-HMMC-5620 Datasheet
130Kb / 6P
   6-20 GHz High-Gain Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-5620 AVAGO-AMMC-5620 Datasheet
589Kb / 8P
   6 - 20 GHz High Gain Amplifier
logo
Broadcom Corporation.
AMMC-5620 BOARDCOM-AMMC-5620 Datasheet
599Kb / 8P
   6 - 20 GHz High Gain Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-5620 AVAGO-AMMC-5620_15 Datasheet
599Kb / 8P
   6 - 20 GHz High Gain Amplifier
logo
Agilent(Hewlett-Packard...
AMMC-5024 HP-AMMC-5024 Datasheet
206Kb / 11P
   Agilent AMMC-5024 30 KHz??40 GHz Traveling Wave Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-5620 AVAGO-AMMP-5620_15 Datasheet
201Kb / 7P
   6 ??20 GHz High Gain Amplifier in SMT Package
AMMP-5620 AVAGO-AMMP-5620 Datasheet
524Kb / 12P
   6 20 GHz High Gain Amplifier in SMT Package
AMMP-5620 AVAGO-AMMP-5620_13 Datasheet
201Kb / 7P
   6 ??20 GHz High Gain Amplifier in SMT Package
logo
Broadcom Corporation.
AMMP-5620 BOARDCOM-AMMP-5620 Datasheet
201Kb / 7P
   6 ??20 GHz High Gain Amplifier in SMT Package
logo
Agilent(Hewlett-Packard...
AMMC-5618 HP-AMMC-5618 Datasheet
146Kb / 8P
   6 - 20 GHz Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com