Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA5240 Datasheet(PDF) 39 Page - Infineon Technologies AG

No. de pieza TDA5240
Descripción Electrónicos  Enhanced Sensitivity Multi-Channel Quad-Configuration Receiver
Download  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TDA5240 Datasheet(HTML) 39 Page - Infineon Technologies AG

Back Button TDA5240 Datasheet HTML 35Page - Infineon Technologies AG TDA5240 Datasheet HTML 36Page - Infineon Technologies AG TDA5240 Datasheet HTML 37Page - Infineon Technologies AG TDA5240 Datasheet HTML 38Page - Infineon Technologies AG TDA5240 Datasheet HTML 39Page - Infineon Technologies AG TDA5240 Datasheet HTML 40Page - Infineon Technologies AG TDA5240 Datasheet HTML 41Page - Infineon Technologies AG TDA5240 Datasheet HTML 42Page - Infineon Technologies AG TDA5240 Datasheet HTML 43Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 284 page
background image
Data Sheet
39
V4.0, 2010-02-19
TDA5240
Functional Description
Signal and Noise Detector
The Signal Detector decides between acceptable and unacceptable data (e.g. noise).
This decision is taken by comparing the signal power of the actually received data
(register SPWR) with a configurable threshold level (registers x_SIGDET0/1), which
must be evaluated. In case the actual signal power is above the threshold, acceptable
data has been detected.
To decide in case of FSK whether there is a data signal or simply noise at the output of
the rate adapter, there is a Noise Detector implemented. The principle is based on a
power measurement of the demodulated signal. The current noise power is stored in the
NPWR register and is updated at every SPI controller access. The Noise Detector is
useful if data signal is transmitted with small FSK deviations. In case the current noise
power (register NPWR) is below the configurable threshold (register x_NDTHRES), a
data signal has been detected.
The Signal Recognition mode must be configured based on whether ASK or FSK
modulation is used. Signal Recognition can be a combination of Signal Detector and
Noise Detector:
Signal Detector (=Squelch) only (related registers: x_SIGDET0, x_SIGDET1 and
SPWR). This mode is generally used for ASK and recommended for FSK.
Noise Detector only (related registers: x_NDTHRES and NPWR).
Signal and Noise Detector simultaneously.
Signal and Noise Detector simultaneously, but the FSK noise detect signal is valid
only if the x_SIGDETLO threshold is exceeded. This is the recommended FSK mode,
if minimum FSK deviation is not sufficient to use Signal Detector only.
Signal Recognition can also be used as Wake-up on Level criterion (see
Chapter 2.4.8.5).
Figure 16 shows the system characteristics to consider in choosing the best Signal
Detector level. On the one hand, a higher SIGDET threshold level must be set for
achieving good FAR (False Alarm Rate) performance, but then the MER/BER (Message
Error Rate/Bit Error Rate) performance will decrease. On the other hand, the MER/BER
performance can be increased by setting smaller SIGDET threshold levels but then the
FAR performance will worsen.


Número de pieza similar - TDA5240

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA5240 PHILIPS-TDA5240 Datasheet
3Mb / 19P
   Brushless DC motor drive circuit
November 96
TDA5240T PHILIPS-TDA5240T Datasheet
3Mb / 19P
   Brushless DC motor drive circuit
November 96
More results

Descripción similar - TDA5240

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
TDA5225 INFINEON-TDA5225 Datasheet
8Mb / 176P
   Enhanced Sensitivity Multi-Channel Quad-Configuration Receiver
V1.0, February 2010
TDA5235 INFINEON-TDA5235 Datasheet
6Mb / 259P
   Enhanced Sensitivity Double-Configuration Receiver with Digital Baseband Processing
V1.0, February 2010
logo
rfsolutions.ltd
GPS-41SMD RFSOLUTIONS-GPS-41SMD Datasheet
411Kb / 11P
   Fast-Acquisition Enhanced-Sensitivity 12-Channel SMD GPS Receiver Module
logo
National Semiconductor ...
DS34LV86T NSC-DS34LV86T Datasheet
192Kb / 10P
   3V Enhanced CMOS Quad Differential Line Receiver
DS26LV32AT NSC-DS26LV32AT Datasheet
167Kb / 10P
   3V Enhanced CMOS Quad Differential Line Receiver
logo
Infineon Technologies A...
TDA5340 INFINEON-TDA5340 Datasheet
2Mb / 63P
   High Sensitivity Multi-Channel Transceiver
Revision 1.2, 13.06.2012
logo
Texas Instruments
DS26LV32AW-QML TI-DS26LV32AW-QML Datasheet
136Kb / 8P
[Old version datasheet]   DS26LV32AQML 3V Enhanced CMOS Quad Differential Line Receiver
DS26LV32ATMX TI1-DS26LV32ATMX Datasheet
912Kb / 16P
[Old version datasheet]   DS26LV32AT 3V Enhanced CMOS Quad Differential Line Receiver
DS26LV32AQML TI1-DS26LV32AQML Datasheet
493Kb / 8P
[Old version datasheet]   DS26LV32AQML 3V Enhanced CMOS Quad Differential Line Receiver
DS26LV32ATM TI-DS26LV32ATM Datasheet
893Kb / 16P
[Old version datasheet]   DS26LV32AT 3V Enhanced CMOS Quad Differential Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com