Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA5240 Datasheet(PDF) 49 Page - Infineon Technologies AG

No. de pieza TDA5240
Descripción Electrónicos  Enhanced Sensitivity Multi-Channel Quad-Configuration Receiver
Download  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TDA5240 Datasheet(HTML) 49 Page - Infineon Technologies AG

Back Button TDA5240 Datasheet HTML 45Page - Infineon Technologies AG TDA5240 Datasheet HTML 46Page - Infineon Technologies AG TDA5240 Datasheet HTML 47Page - Infineon Technologies AG TDA5240 Datasheet HTML 48Page - Infineon Technologies AG TDA5240 Datasheet HTML 49Page - Infineon Technologies AG TDA5240 Datasheet HTML 50Page - Infineon Technologies AG TDA5240 Datasheet HTML 51Page - Infineon Technologies AG TDA5240 Datasheet HTML 52Page - Infineon Technologies AG TDA5240 Datasheet HTML 53Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 284 page
background image
Data Sheet
49
V4.0, 2010-02-19
TDA5240
Functional Description
In bit mode the data slicer has only one threshold (zero) to distinguish between the two
levels of the matched filter output. The data slicer internally maps a positive value to a 1
and a negative value to a -1. After that, the selected line decoding is applied.
Summary of data slicer modes in the TDA5240:
Data Slicer Chip mode:
Code violations detectable (TSI, or EOM)
Performance loss compared to bit mode
Activation via setting register x_SLCCFG to a value of
+ 0x90 (Chip Mode EOM-CV: For patterns with code violations in data packet and
optimized for activated EOM code violation criterion (and optional EOM data
length criterion))
+ 0x94 (Chip Mode EOM-Data length: For patterns with code violations in data
packet and optimized for activated EOM data length criterion only)
+ 0x95 (Chip Mode Transparent: When Framer is not used, but CH_DATA /
CH_STR are used for data processing)
Data Slicer Bit mode:
No code violations detectable
Full performance
In case of Bi-phase mark and Bi-phase space an additional bit must be sent to ensure
correct decoding of the last bit
Activation via setting register x_SLCCFG to a value of 0x75
In Data Slicer Bit mode an even number of TSI chips needs to be used.
When Data Slicer Bit mode is selected, then the the last chip of RUNIN must be different
from first chip of TSI (e.g. Runin-bit sequence 000000 and TSI bit sequence 0xx...xxx is
OK). Otherwise the TSI will not be detected correctly.
On using Data Slicer Bit Mode, the Wake-up criteria Equal Bits Detection and Pattern
Detection cannot be applied.
A line decoder decodes the incoming data chips according to the encoding scheme (see
Chapter 2.4.8.2).


Número de pieza similar - TDA5240

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA5240 PHILIPS-TDA5240 Datasheet
3Mb / 19P
   Brushless DC motor drive circuit
November 96
TDA5240T PHILIPS-TDA5240T Datasheet
3Mb / 19P
   Brushless DC motor drive circuit
November 96
More results

Descripción similar - TDA5240

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
TDA5225 INFINEON-TDA5225 Datasheet
8Mb / 176P
   Enhanced Sensitivity Multi-Channel Quad-Configuration Receiver
V1.0, February 2010
TDA5235 INFINEON-TDA5235 Datasheet
6Mb / 259P
   Enhanced Sensitivity Double-Configuration Receiver with Digital Baseband Processing
V1.0, February 2010
logo
rfsolutions.ltd
GPS-41SMD RFSOLUTIONS-GPS-41SMD Datasheet
411Kb / 11P
   Fast-Acquisition Enhanced-Sensitivity 12-Channel SMD GPS Receiver Module
logo
National Semiconductor ...
DS34LV86T NSC-DS34LV86T Datasheet
192Kb / 10P
   3V Enhanced CMOS Quad Differential Line Receiver
DS26LV32AT NSC-DS26LV32AT Datasheet
167Kb / 10P
   3V Enhanced CMOS Quad Differential Line Receiver
logo
Infineon Technologies A...
TDA5340 INFINEON-TDA5340 Datasheet
2Mb / 63P
   High Sensitivity Multi-Channel Transceiver
Revision 1.2, 13.06.2012
logo
Texas Instruments
DS26LV32AW-QML TI-DS26LV32AW-QML Datasheet
136Kb / 8P
[Old version datasheet]   DS26LV32AQML 3V Enhanced CMOS Quad Differential Line Receiver
DS26LV32ATMX TI1-DS26LV32ATMX Datasheet
912Kb / 16P
[Old version datasheet]   DS26LV32AT 3V Enhanced CMOS Quad Differential Line Receiver
DS26LV32AQML TI1-DS26LV32AQML Datasheet
493Kb / 8P
[Old version datasheet]   DS26LV32AQML 3V Enhanced CMOS Quad Differential Line Receiver
DS26LV32ATM TI-DS26LV32ATM Datasheet
893Kb / 16P
[Old version datasheet]   DS26LV32AT 3V Enhanced CMOS Quad Differential Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com