Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA5240 Datasheet(PDF) 50 Page - Infineon Technologies AG

No. de pieza TDA5240
Descripción Electrónicos  Enhanced Sensitivity Multi-Channel Quad-Configuration Receiver
Download  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TDA5240 Datasheet(HTML) 50 Page - Infineon Technologies AG

Back Button TDA5240 Datasheet HTML 46Page - Infineon Technologies AG TDA5240 Datasheet HTML 47Page - Infineon Technologies AG TDA5240 Datasheet HTML 48Page - Infineon Technologies AG TDA5240 Datasheet HTML 49Page - Infineon Technologies AG TDA5240 Datasheet HTML 50Page - Infineon Technologies AG TDA5240 Datasheet HTML 51Page - Infineon Technologies AG TDA5240 Datasheet HTML 52Page - Infineon Technologies AG TDA5240 Datasheet HTML 53Page - Infineon Technologies AG TDA5240 Datasheet HTML 54Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 284 page
background image
TDA5240
Functional Description
Data Sheet
50
V4.0, 2010-02-19
2.4.8.5
Wake-Up Generator
A wake-up generation unit is used only in the Self Polling Mode for the detection of a
predefined wake-up criterion in the received pattern.
There are two groups of configurable wake-up criteria:
Wake-up on Level criteria
Wake-up on Data criteria
The search for the wake-up data criterion is started if data chip synchronization has
occurred within the predefined number of symbols, otherwise the wake-up search is
aborted. Several different wake-up patterns, like random bit, equal bit, bit pattern or bit
synchronization, are programmable.
Additional level criterion fulfilment for RSSI or Signal Recognition can lead to a fast
wake-up and to a change to Run Mode Self Polling. Whenever one of these Wake-up
Level criteria is enabled and exceeds a programmable threshold, a wake-up has been
detected.
The Wake-up Level criterion can be used very effectively in combination with the
Ultrafast Fall Back to SLEEP Mode (see Chapter 2.6.2.3) for further decreasing the
needed active time of the autonomous receive mode. A configurable observation time
for Wake-up on Level can be set in the x_WULOT register. The Wake-up on Level
criterion can be handled very quickly for FSK modulation, while in case of ASK the nature
of this modulation type has to be kept in mind.


Número de pieza similar - TDA5240

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA5240 PHILIPS-TDA5240 Datasheet
3Mb / 19P
   Brushless DC motor drive circuit
November 96
TDA5240T PHILIPS-TDA5240T Datasheet
3Mb / 19P
   Brushless DC motor drive circuit
November 96
More results

Descripción similar - TDA5240

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
TDA5225 INFINEON-TDA5225 Datasheet
8Mb / 176P
   Enhanced Sensitivity Multi-Channel Quad-Configuration Receiver
V1.0, February 2010
TDA5235 INFINEON-TDA5235 Datasheet
6Mb / 259P
   Enhanced Sensitivity Double-Configuration Receiver with Digital Baseband Processing
V1.0, February 2010
logo
rfsolutions.ltd
GPS-41SMD RFSOLUTIONS-GPS-41SMD Datasheet
411Kb / 11P
   Fast-Acquisition Enhanced-Sensitivity 12-Channel SMD GPS Receiver Module
logo
National Semiconductor ...
DS34LV86T NSC-DS34LV86T Datasheet
192Kb / 10P
   3V Enhanced CMOS Quad Differential Line Receiver
DS26LV32AT NSC-DS26LV32AT Datasheet
167Kb / 10P
   3V Enhanced CMOS Quad Differential Line Receiver
logo
Infineon Technologies A...
TDA5340 INFINEON-TDA5340 Datasheet
2Mb / 63P
   High Sensitivity Multi-Channel Transceiver
Revision 1.2, 13.06.2012
logo
Texas Instruments
DS26LV32AW-QML TI-DS26LV32AW-QML Datasheet
136Kb / 8P
[Old version datasheet]   DS26LV32AQML 3V Enhanced CMOS Quad Differential Line Receiver
DS26LV32ATMX TI1-DS26LV32ATMX Datasheet
912Kb / 16P
[Old version datasheet]   DS26LV32AT 3V Enhanced CMOS Quad Differential Line Receiver
DS26LV32AQML TI1-DS26LV32AQML Datasheet
493Kb / 8P
[Old version datasheet]   DS26LV32AQML 3V Enhanced CMOS Quad Differential Line Receiver
DS26LV32ATM TI-DS26LV32ATM Datasheet
893Kb / 16P
[Old version datasheet]   DS26LV32AT 3V Enhanced CMOS Quad Differential Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com