Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

BA-1215DHLF Datasheet(PDF) 5 Page - Bothhand USA, LP.

No. de Pieza. BA-1215DHLF
Descripción  0.5 To 1 Watt Isolated DC-DC Converter
Descarga  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  BOTHHAND [Bothhand USA, LP.]
Página de inicio  http://www.bothhandusa.com
Logo 

BA-1215DHLF Datasheet(HTML) 5 Page - Bothhand USA, LP.

   
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
BA-SH LF - Series
0.5 To 1 Watt Isolated DC-DC Converter
8 . Mechanical Dimension
Single Output SIL Package Style
Single Output DIL Package Style
Pin
3K Vdc - Single
1
-Vin
2
+Vin
3
-Vo
4
+Vo
Units : mm ( inch )
Tolerance : .xx ± 0.25 ( ± 0.01 )
Printed
Face
3.05
(0.12)
Min
2.54
(0.10)
0.50
0.50
(0.02)
11.68
(0.46)
9.65
(0.38)
1.25
(0.05)
6.00
(0.24)
10.50
(0.41)
5.00
(0.20)
8.50
(0.33)
1.68
1.86
6.50
(0.38)
BA-0505SH LF
Pb
Bottom View
Date
Code
Printed
Face
BA-0505DH LF
Pb
Units:mm(inch)
Tolerance:xx±0.25(±0.01)
12.70
[0.50]
10.50
[0.41]
6.50
[0.26]
10.00
[0.39]
7.62
[0.30]
? 0.50
[? 0.02]
7.62
[0.30]
0.50
[0.02]
5.08
[0.20]
3.05
[0.12]
Min
5.00
[0.20]
7.70
[0.30]
8.50
[0.33]
Pin
3K Vdc - Single
Pin
1
-Vin
No Pin
8
2
-Vo
7
3
No Pin
No Pin
6
4
+Vin
+Vo
5
BOTHHAND USA sales@bothhandusa.com


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn