Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

BA-1215DHLF Datasheet(PDF) 1 Page - Bothhand USA, LP.

No. de Pieza. BA-1215DHLF
Descripción  0.5 To 1 Watt Isolated DC-DC Converter
Descarga  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  BOTHHAND [Bothhand USA, LP.]
Página de inicio  http://www.bothhandusa.com
Logo 

BA-1215DHLF Datasheet(HTML) 1 Page - Bothhand USA, LP.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
BA-SH LF - Series
0.5 To 1 Watt Isolated DC-DC Converter
1 . Features
4 Pin SIL / 8 Pin SIL Package
Low Ripple And Noise
Input / Output Isolation:3000 Vdc
100% Burn-In
Input Filter With Internal Capacitor
Custom Design Available
Net Weight﹕1.4 g / 1.8 g
Typical
RoHS Converter Certified By SGS
2 . Model Selection Guide
(Specifications typical at Ta= +25℃
℃, Nominal input voltage, Rated output current unless otherwise noted)
Model No.
Input
Voltage
(Vdc)
Output
Voltage
(Vdc)
Output
Current
(mA) Max
Input Current
@No Load
(mA) Typ.
Input Current
@Max. Load
(mA) Typ.
Output
Ripple
(mV) Max.
Load
Regulation
(%) Max.
Efficiency
(%)Typ.
1) 0.5 W Single Output SIL Package Style
BA-053R3SH LF
3.3
150
28
135
50
± 12
74
BA-0505SH LF
5
100
28
135
60
± 10
74
BA-0509SH LF
9
56
28
135
80
± 8
74
BA-0512SH LF
12
42
28
132
100
± 8
76
BA-0515SH LF
5
15
34
28
132
120
± 8
76
BA-123R3SH LF
3.3
150
18
56
50
± 12
74
BA-1205SH LF
5
100
18
56
60
± 10
74
BA-1209SH LF
9
56
18
55
80
± 8
76
BA-1212SH LF
12
42
18
55
100
± 8
76
BA-1215SH LF
12
15
34
18
55
120
±8
76
BA-243R3SH LF
3.3
150
5
28
50
± 12
74
BA-2405SH LF
5
100
5
28
60
± 10
74
BA-2409SH LF
9
56
5
28
80
± 8
75
BA-2412SH LF
12
42
5
28
100
± 8
75
BA-2415SH LF
24
15
34
5
28
120
± 8
75
2) 0.5 W Single Output DIL Package Style
BA-0505DH LF
5
100
28
135
60
± 10
74
BA-0509DH LF
9
56
28
135
80
± 8
74
BA-0512DH LF
12
42
28
132
100
± 8
76
BA-0515DH LF
5
15
34
28
132
120
± 8
76
BOTHHAND USA sales@bothhandusa.com


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn